Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC0805KB223KB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NC0805KB223KB
Description  SMD CHIP THERMISTOR 0805 SIZE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NC0805KB223KB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NC0805KB223KB Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NTC THERMISTORS: TYPE NC08
SMD CHIP THERMISTOR 0805 SIZE
DESCRIPTION:
0805 size surface mount ceramic chip thermistor
FEATURES:
Cost effective thermistor for automatic
placement
Standard resistance tolerances down to ±3%
High sensitivity to changes in temperature
Suitable for temperature measurement,
control and compensation
Suitable for wave and reflow soldering
Wide operating temperature range:
-50°C to 125°C
Rugged construction
Available in other material systems
Palladium Silver terminations
Other termination systems available
Available pocket taped to EIA RS-481
OPTIONS:
Other resistances in the range 1kΩ - 750k
Tolerances at other temperatures
Alternative contact materials
For reel taping Replace 'B' with 'R'.
Other tolerances, 5% (J) and 3% (H) available
DATA:
Standard resistance tolerance: ..±10% @ 25°C
Dissipation constant: ........................3.5 mW/°C
Time Constant:.......................................10 sec.
Operating Range ........................-50°C to 150°C
DIMENSIONS:
Crown Industrial Estate, Priorswood Road
808 US Highway 1
967 Windfall Road
Taunton, Somerset TA2 8QY UK
Edison, New Jersey 08817-4695 USA
St. Marys, Pennsylvania 15857-3397 USA
Tel +44 (0) 1823 335200
Tel +1 (732) 287 2870
Tel +1 (814) 834 9140
Fax +44 (0) 1823 332637
Fax +1 (732) 287 8847
Fax +1 (814) 781 7969
TYPE NUMBER
R@25C
(Ohms)
MATERIAL
SYSTEM
tc
(%/C)
NC0805KA502KB
5K
D8.5
-4.23
NC0805KH103KB
10K
C9.7
-4.61
NC0805KB223KB
22K
D9.5
-4.43
NC0805KB303KB
30K
D9.5
-4.43
NC0805KC503KB
50K
D9.7A
-4.39
NC0805KD104KB
100K
D10.3
-4.49
NC0805KE154KB
150K
D12.2
-4.78
NC0805KE204KB
200K
D12.2
-4.78
NC0805KS304KB
300K
GE9.7B
-4.32
Beta
(25/85)
3770K
4040K
3970K
3970K
3970K
4070K
4350K
4350K
3950K
.08”
2.0mm
.05”
1.25mm
g


Similar Part No. - NC0805KB223KB

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
NC003TG DOINGTER-NC003TG Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced SGT technology
NC005PG DOINGTER-NC005PG Datasheet
1Mb / 5P
   P-Channel MOSFET uses advanced trench technology
logo
Fujitsu Component Limit...
NC01520 FUJITSU-NC01520 Datasheet
264Kb / 2P
   5-Wire Touch Panel
NC01850-B045RS FUJITSU-NC01850-B045RS Datasheet
391Kb / 2P
   Dual-Touch (2-finger) Control Board Quick Reference : 4-WIRE USB
logo
Delta Electronics, Inc.
NC06 DELTA-NC06 Datasheet
867Kb / 14P
   Voltage and resistor-based trim
More results

Similar Description - NC0805KB223KB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NC1206KR151KB ETC2-NC1206KR151KB Datasheet
161Kb / 1P
   SMD CHIP THERMISTOR
logo
Abracon Corporation
ABNTC-0603 ABRACON-ABNTC-0603 Datasheet
1Mb / 3P
   Chip NTC Thermistor
02.17.15
logo
List of Unclassifed Man...
LNSZ10 ETC-LNSZ10 Datasheet
228Kb / 10P
   NTC Thermistor SMD
logo
Rohm
MCH21 ROHM-MCH21 Datasheet
1Mb / 6P
   2012(0805)Size chip capacitors : MCH21
logo
Abracon Corporation
ABNTC-0201 ABRACON-ABNTC-0201 Datasheet
1Mb / 3P
   Chip NTC Thermistor
12.02.12
logo
C&B ELECTRONICS (SHENZH...
TCTR RESI-TCTR Datasheet
1,004Kb / 2P
   NTC Chip Thermistor
2019/12/24
logo
Abracon Corporation
ABNTC-0805 ABRACON-ABNTC-0805 Datasheet
1Mb / 3P
   Chip NTC Thermistor
05.05.14
logo
Shanghai Leiditech Elec...
CMFD102F3200HANT LEIDITECH-CMFD102F3200HANT Datasheet
1Mb / 7P
   CHIP NTC THERMISTOR
logo
Abracon Corporation
ABNTC-0402 ABRACON-ABNTC-0402 Datasheet
1Mb / 3P
   Chip NTC Thermistor
05.05.14
logo
American Accurate Compo...
NTC5-103-F3950M AAC-NTC5-103-F3950M Datasheet
87Kb / 1P
   NTC CHIP THERMISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com