Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRE-SX4R7M6.35X7F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRE-SX4R7M6.35X7F
Description  Miniature Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRE-SX4R7M6.35X7F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRE-SX4R7M6.35X7F Datasheet HTML 1Page - NIC-Components Corp. NRE-SX4R7M6.35X7F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
104
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
105
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Miniature Aluminum Electrolytic Capacitors
NRE-SX Series
W.V
(Vdc)
Cap
(
µF)
Code
Case Size
D
φ x L (mm)
Max. Z (
Ω)
100KHz & 20°C
Max. Ripple Curretn
(mA) 100KHz & 105°C
6.3
47
470
5 x 7
0.49
160
220
221
6.3 x 7
0.24
280
330
331
6.3 x 7
0.29
280
10
22
220
4 x 7
1.15
90
33
330
5 x 7
0.49
160
47
470
5 x 7
0.49
160
100
101
6.3 x 7
0.24
280
150
151
6.3 x 7
0.24
280
220
221
6.3 x 7
0.29
280
16
15
150
4 x 7
1.15
90
22
220
5 x 7
0.49
160
47
470
6.3 x 7
0.24
280
100
101
6.3 x 7
0.24
280
150
151
6.3 x 7
0.29
280
220
221
6.3 x 7
0.29
280
25
10
100
4 x 7
1.15
90
15
150
5 x 7
0.49
160
22
220
5 x 7
0.49
160
33
330
6.3 x 7
0.24
280
47
470
6.3 x 7
0.24
280
68
680
6.3 x 7
0.24
280
100
101
6.3 x 7
0.24
280
35
4.7
4R7
4 x 7
1.15
90
10
100
5 x 7
0.49
160
15
150
6.3 x 7
0.29
280
22
220
6.3 x 7
0.29
280
33
330
6.3 x 7
0.29
280
47
470
6.3 x 7
0.29
280
PART NUMBER SYSTEM
Size (D
∅ x L)
NRE-SX 220 M 35V 6.3x7
Series
Capacitance Code
Tolerance Code
Rated Voltage
F
RoHS Compliant
STANDARD PRODUCTS, CASE SIZES AND SPECIFICATIONS D
φ x L (mm)


Similar Part No. - NRE-SX4R7M6.35X7F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRE-SX4R7M35V4x7F NIC-NRE-SX4R7M35V4x7F Datasheet
94Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRE-SX4R7M35V4x7F NIC-NRE-SX4R7M35V4x7F Datasheet
94Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRE-SX4R7M6.35X7F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com