Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4P274-1225T Datasheet(PDF) 11 Page - Tyco Electronics

Part # MA4P274-1225T
Description  Quad PIN Diode Attenuator 5 -3000 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4P274-1225T Datasheet(HTML) 11 Page - Tyco Electronics

Back Button MA4P274-1225T_1 Datasheet HTML 4Page - Tyco Electronics MA4P274-1225T_1 Datasheet HTML 5Page - Tyco Electronics MA4P274-1225T_1 Datasheet HTML 6Page - Tyco Electronics MA4P274-1225T_1 Datasheet HTML 7Page - Tyco Electronics MA4P274-1225T_1 Datasheet HTML 8Page - Tyco Electronics MA4P274-1225T_1 Datasheet HTML 9Page - Tyco Electronics MA4P274-1225T_1 Datasheet HTML 10Page - Tyco Electronics MA4P274-1225T_1 Datasheet HTML 11Page - Tyco Electronics MA4P274-1225T_1 Datasheet HTML 12Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Quad PIN Diode
π Attenuator
5 –3000 MHz
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
11
MA4P274-1225T/MA4P7455-1225T
Now Offering
RoHs Compliant
Equivalent Parts
1 - 3 GHz Higher Frequency RF Circuit Parts List
Item
Supplier
Supplier P/N
4003 or 4350 Circuit Board
4003 (
ε
r = 3.38), 4350 (
ε
r = 3.48 )
Rogers Corporation
www.rogers-corp.com
RO4003 , RO4350
Capacitor, .01 uF, Power Supply Filter
1.6 mm L x 0.80 mm W x .080 mm H
Murata
www.murata.com
GRM39X7R104K25PB
Capacitor, 680 pF, Diode RF Bypass
2.0 mm L x 1.5 mm W x .085 mm H
Murata
GRM40COG681K50PB
Capacitor, 56 pF, D.C. Block,
RF Decoupling
1.0 mm L x 0.5 mm W x 0.5 mm H
Murata
GRM36COG560K50PB
Inductor, 22 nH, RF Choke
Coilcraft
www.coilcraft.com
1812SMS-22NJ
Resistor, 100
1.0 mm L x 0.5 mm w x 0. 25 mm H
Piconics
www.piconics.com
C1001BC42KSA
Resistor, 180
1.0 mm L x 0.5 mm w x 0. 25 mm H
Piconics
C1800BC42KSA
Resistor, 330
1.0 mm L x 0.5 mm w x 0. 25 mm H
Piconics
C3300BC42KSA
Resistor, 1K
1.0 mm L x 0.5 mm w x 0. 25 mm H
Piconics
C1001BC42KSA


Similar Part No. - MA4P274-1225T_1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4P274-1225T MACOM-MA4P274-1225T Datasheet
209Kb / 10P
   Quad PIN Diode p Attenuator 5 .3000 MHz
logo
M/A-COM Technology Solu...
MA4P274-1225T MA-COM-MA4P274-1225T Datasheet
414Kb / 7P
   Quad PIN Diode ? Attenuator 10 - 4000 MHz
More results

Similar Description - MA4P274-1225T_1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4P274-1225T MACOM-MA4P274-1225T Datasheet
209Kb / 10P
   Quad PIN Diode p Attenuator 5 .3000 MHz
logo
M/A-COM Technology Solu...
MA4P274-1225 MA-COM-MA4P274-1225 Datasheet
414Kb / 7P
   Quad PIN Diode ? Attenuator 10 - 4000 MHz
MA4P7455-1225 MA-COM-MA4P7455-1225 Datasheet
352Kb / 7P
   Quad PIN Diode ? Attenuator 10 - 4000 MHz
logo
NXP Semiconductors
BAP70Q PHILIPS-BAP70Q_15 Datasheet
143Kb / 13P
   Quad PIN diode attenuator
Rev. 2-6 March 2012
logo
M/A-COM Technology Solu...
MA4P290-1225T MA-COM-MA4P290-1225T Datasheet
129Kb / 6P
   PIN Diode ? Quad Attenuator
logo
NXP Semiconductors
BAP64Q PHILIPS-BAP64Q_15 Datasheet
153Kb / 13P
   Quad PIN diode attenuator
Rev. 1-7 October 2010
logo
Qorvo, Inc
RFSA3043 QORVO-RFSA3043 Datasheet
2Mb / 16P
   75 Voltage Controlled Attenuator (5 ??3000 MHz)
logo
Tyco Electronics
MA4P290-1225T MACOM-MA4P290-1225T Datasheet
183Kb / 6P
   PIN Diode ? Quad Attenuator
logo
DAICO Industries, Inc.
DA0769 DAICO-DA0769 Datasheet
163Kb / 1P
   PIN Diode 5 Section Attenuator
DA0660 DAICO-DA0660 Datasheet
170Kb / 1P
   PIN Diode 5 Section Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com