Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRE-SN470M356.3X7F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRE-SN470M356.3X7F
Description  Non-Polar Aluminum Electrolytic Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRE-SN470M356.3X7F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRE-SN470M356.3X7F Datasheet HTML 1Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
88
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
89
®
NIC COMPONENTS CORP.
.niccomp.
.lowESR.
.RFpassives.
.SMTmagnetics.
Non-Polar Aluminum Electrolytic Capacitors
LOW PROFILE, SUB-MINIATURE, RADIAL LEADS,
NON-POLAR ALUMINUM ELECTROLYTIC
FEATURES
• BI-POLAR
• 7mm HEIGHT / LOW PROFILE
NRE-SN Series
MAXIMUM PERMISSIBLE RIPPLE CURRENT
(mA rms AT 120Hz AND 85°C)
MAXIMUM ESR
(Ω AT 120Hz AND 20°C)
CHARACTERISTICS
STANDARD PRODUCTS AND CASE SIZE TABLE Dφ x L (mm)
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
NRE-SN 101 M 25V 8X11 F..............
RoHS Compliant
Case Size (Dφ x L)
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
Series
RoHS Compliant
Case Size (D
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
Series
RoHS Compliant
Case Size (D
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
RoHS Compliant
Case Size (D
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
Capacitance Code: First 2 characters
RoHS Compliant
Case Size (D
Working Voltage (Vdc)
Tolerance Code (M=20%)
Tolerance Code (M=20%)
RoHS Compliant
Case Size (D
Working Voltage (Vdc)
Working Voltage (Vdc)
RoHS Compliant
Case Size (D
Case Size (D
RoHS Compliant
RoHS Compliant
LEAD SPACING AND DIAMETER (mm)
Cap. (µF)
Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
0.1
R10
-
-
-
-
-
4x7
0.22
R22
-
-
-
-
-
4x7
0.33
R33
-
-
-
-
-
4x7
0.47
R47
-
-
-
-
-
4x7
1.0
1R0
-
-
-
-
-
4x7
2.2
2R2
-
-
-
-
4x7
5x7
3.3
3R3
-
-
-
4x7
5x7
5x7
4.7
4R7
-
-
-
4x7
5x7
6.3x7
10
100
-
4x7
4x7
5x7
6.3x7
-
22
220
5x7
5x7
6.3x7
6.3x7
-
-
33
330
5x7
6.3x7
6.3x7
-
-
-
47
470
6.3x7
6.3x7
6.3x7
-
-
-
Dφ ± α
dφ ± 0.05
Insulation Sleeve
4mm
Min.
15mm Min.
L + β max.
F ± 0.5
PART NUMBER SYSTEM
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
Cap. (µF)
Working Voltage (Vdc)
6.3
10
16
25
35
50
0.1
-
-
-
-
-
1.0
0.22
-
-
-
-
-
2.5
0.33
-
-
-
-
-
3.5
0.47
-
-
-
-
-
5.0
1.0
-
-
-
-
-
10
2.2
-
-
-
-
10
14
3.3
-
-
-
18
16
20
4.7
-
-
-
20
22
27
10
-
24
30
35
37
-
22
-
40
51
53
-
-
33
42
56
63
-
-
-
47
55
67
68
-
-
-
Cap. (µF)
Working Voltage (Vdc)
6.3
10
16
25
35
50
0.1
-
-
-
-
-
1990
0.22
-
-
-
-
-
905
0.33
-
-
-
-
-
604
0.47
-
-
-
-
-
424
1.0
-
-
-
-
-
199
2.2
-
-
-
-
105.6
90.5
3.3
-
-
-
80.4
70.4
60.4
4.7
-
-
-
56.5
49.4
42.4
10
-
33.2
26.6
26.6
23.2
-
22
-
15.1
9.09
9.09
-
-
33
12.1
10.1
8.05
-
-
-
47
8.47
7.06
5.65
-
-
-
Case Dia. (Dφ)
4
5
6.3
Lead Dia. (dφ) 0.45 0.45 0.45
Lead Space (F) 1.5 2.0 2.5
Rated Voltage Range
6.3 ~ 50Vdc
Capacitance Range
0.1 ~ 47µF
Operating Temperature Range
-40 ~ +85°C
Capacitance Tolerance
±20%(M)
Max. Leakage Current
After 1 minutes At +20°C
0.05CV or 10µA whichever is greater
Surge Voltage &
Max. Tan δ @ 120Hz/+20°C
W.V. (Vdc)
6.3
10
16
25
35
50
S.V. (Vdc)
8
13
20
32
44
63
Tan δ
0.24
0.20
0.16
0.16
0.14
0.12
Low Temperature Stability
(Impedance Ratio @ 120Hz)
Z-25°C/Z+20°C
4
3
2
2
2
2
Z-40°C/Z+20°C
8
6
4
4
3
3
Load Life Test at Rated W.V.
+85°C 1,000 Hours (Polarity Shall Be
Reversed Every 250 Hours
Capacitance Change
Within ±25% of initial measured value
Tan δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value


Similar Part No. - NRE-SN470M356.3X7F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRE-SN470M10V6.3x7F NIC-NRE-SN470M10V6.3x7F Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NRE-SN470M10V63x7F NIC-NRE-SN470M10V63x7F Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NRE-SN470M16V6.3x7F NIC-NRE-SN470M16V6.3x7F Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NRE-SN470M16V63x7F NIC-NRE-SN470M16V63x7F Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NRE-SN470M6.3V6.3x7F NIC-NRE-SN470M6.3V6.3x7F Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
More results

Similar Description - NRE-SN470M356.3X7F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRESN NIC-NRESN_14 Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NSRN NIC-NSRN Datasheet
136Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR_14 Datasheet
84Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR Datasheet
169Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NRESN NIC-NRESN Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
SN330M6R3ST CDE-SN330M6R3ST Datasheet
419Kb / 4P
   85 쨘C Non-Polar Aluminum Electrolytic Capacitors
logo
NTE Electronics
NPR47M50 NTE-NPR47M50 Datasheet
81Kb / 2P
   NON−POLAR ALUMINUM ELECTROLYTIC
logo
RFE international
RN010M2ABK050110 RFE-RN010M2ABK050110 Datasheet
100Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RNG Series: Radial Non-Polar
RN010M2ABK063110 RFE-RN010M2ABK063110 Datasheet
101Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RN Series: Radial Non-Polar
logo
Illinois Capacitor, Inc...
474BPS050M ILLINOISCAPACITOR-474BPS050M Datasheet
114Kb / 3P
   85째C Non-Polar Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com