Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4L401-132 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MA4L401-132
Description  Silicon PIN Limiter Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4L401-132 Datasheet(HTML) 3 Page - Tyco Electronics

  MA4L401-132 Datasheet HTML 1Page - Tyco Electronics MA4L401-132 Datasheet HTML 2Page - Tyco Electronics MA4L401-132 Datasheet HTML 3Page - Tyco Electronics MA4L401-132 Datasheet HTML 4Page - Tyco Electronics MA4L401-132 Datasheet HTML 5Page - Tyco Electronics MA4L401-132 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Silicon PIN Limiter Diodes
MA4L Series
V 5.0
Specification Subject to Change Without Notice
M/A-COM Inc.
þ
43 South Avenue, Burlington, MA 01803 USA
þ
Telephone: 781-564-3100
3
Notes for Specifications and Nominal High Signal Performance Table:
1. Maximum Series Resistance - RS, is measured at 500MHz in the ODS-30 package and is equivalent
to the total diode resistance : Rs = Rj ( Junction Resistance) + Rc ( Ohmic Resistance)
2. Nominal C.W. Thermal Resistance -
θTH is measured in ceramic pill package, ODS-30, mounted to
a metal ( infinite ) heatsink. Diode only thermal resistance values are approximately 2 ºC/W lower in
value than the ODS-30 listed package values.
3. Maximum High Signal Performance – Measured using a single shunt diode ( die ) attached
directly to the gold plated RF housing ground with 2 mil thick conductive silver epoxy in a 50Ω,
SMA, connectorized test fixture. Chip anode contact is thermo sonically wire bonded using a
1 mil dia. gold wire onto a 7.2 mil thick Rogers 5880 duroid microstrip trace. A shunt coil
provides the D.C. return. Test Frequency = 9.4 GHz, RF pulse width = 1.0 µS, 0.001 duty cycle.
4. Maximum C.W Incident Power - Measured in a 50 Ω, SMA, connectorized housing @ 4GHz utilizing a
TWT amplifier and the same single diode assembly configuration as stated in Note 3 above.
Die Handling and Mounting Information
Handling:
All semiconductor chips should be handled with care in order to avoid damage or contamination
from perspiration, salts, and skin oils. For individual die, the use of plastic tipped tweezers or vacuum pick
up tools is strongly recommended. Bulk handling should ensure that abrasion and mechanical shock are
minimized.
Die Attach:
The die have Ti-Pt-Au back and anode metal, with a final gold thickness of 1.0 µm. Die can be
mounted with a gold-tin, eutectic solder preform or conductive silver epoxy. The metal RF and D.C. ground
plane mounting surface must be free of contamination and should have a surface flatness of < +/- 0.002“.
Eutectic Die Attachment Using Hot Gas Die Bounder
: An 80/20, gold-tin eutectic solder preform is
recommended with a work surface temperature of 255oC and a tool tip temperature of 220oC. When the hot
gas is applied, the temperature at the tool tip should be approximately 290oC. The chip should not be
exposed to temperatures greater than 320oC for more than 10 seconds.
Eutectic Die Attachment Using Reflow Oven
: See Application Note M541, “Bonding and Handling
Procedures for Chip Diode Devices” at www.macom.com. for recommended profile.
Epoxy Die Attachment:
A thin, controlled amount of electrically conductive silver epoxy should be applied
at approximately a 1–2 mils thickness to minimize ohmic and thermal resistances. A thin epoxy fillet should
be visible around the perimeter of the chip after placement to ensure full area coverage. Cure conductive
epoxy per manufacturer’s schedule.
Die Bonding:
The anode bond pads on these die have a Ti-Pt-Au metallization scheme, with a final gold
thickness of 1.0 µm. Thermosonic wedge wire bonding of 0.001” diameter gold wire is recommended with a
stage temperature of 150oC and a force of 18 to 40 grams. Ultrasonic energy should be adjusted to the
minimum required. Automatic ball bonding can also be used.
See Application Note M541, “Bonding and Handling Procedures for Chip Diode Devices”
for more detailed handling and assembly instructions at www.macom.com.


Similar Part No. - MA4L401-132

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4L401-132 MACOM-MA4L401-132 Datasheet
205Kb / 3P
   Limiter PIN Diodes
More results

Similar Description - MA4L401-132

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA4L401-30 ETC2-MA4L401-30 Datasheet
191Kb / 7P
   Silicon PIN Limiter Diodes
logo
M/A-COM Technology Solu...
MADL-0110 MA-COM-MADL-0110_15 Datasheet
175Kb / 5P
   Silicon PIN Limiter Diodes
MADL-0110 MA-COM-MADL-0110 Datasheet
175Kb / 5P
   Silicon PIN Limiter Diodes
MA4L MA-COM-MA4L_15 Datasheet
724Kb / 8P
   Silicon PIN Limiter Diodes
MA4L MA-COM-MA4L Datasheet
164Kb / 6P
   Silicon PIN Limiter Diodes
logo
Tyco Electronics
MA4L MACOM-MA4L Datasheet
205Kb / 3P
   Limiter PIN Diodes
logo
Microsemi Corporation
GMP4201 MICROSEMI-GMP4201 Datasheet
133Kb / 2P
   Surface Mount PIN & Limiter Diodes
logo
M/A-COM Technology Solu...
MLP7130-0805-2 MA-COM-MLP7130-0805-2 Datasheet
642Kb / 5P
   Silicon Limiter PIN Diode
logo
American Microsemicondu...
MLD5117 AMMSEMI-MLD5117 Datasheet
692Kb / 1P
   LIMITER DIODES
MLD5119 AMMSEMI-MLD5119 Datasheet
692Kb / 1P
   LIMITER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com