Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS324MTRE1 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AS324MTRE1
Description  LOW POWER QUAD OPERATIONAL AMPLIFIERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS324MTRE1 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AS324MTRE1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS324MTRE1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS324MTRE1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS324MTRE1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS324MTRE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS324MTRE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS324MTRE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS324MTRE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS324MTRE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LOW POWER QUAD OPERATIONAL AMPLIFIERS
AS324/324A
Data Sheet
3
Apr. 2007 Rev. 1.6
BCD Semiconductor Manufacturing Limited
Absolute Maximum Ratings (Note 1)
Recommended Operating Conditions
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
40
V
Differential Input Voltage
VID
40
V
Input Voltage
VIN
-0.3 to 40
V
Total Power Dissipation (TA=25
oC)
PD
DIP-14
1130
mW
SOIC-14
800
TSSOP-14
710
Operating Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Lead Temperature (Soldering, 10 Seconds)
TLEAD
260
oC
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
336
V
Ambient Operating Temperature Range
TA
-40
85
oC
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Max-
imum Ratings" for extended periods may affect device reliability.
Ordering Information (Continuation)
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Package
Temperature
Range
Part Number
Marking ID
Packing Type
Tin Lead
Lead Free
Tin Lead
Lead Free
SOIC-14
-40 to 85oC
AS324M
AS324M-E1
AS324M
AS324M-E1
Tube
AS324MTR
AS324MTR-E1
AS324M
AS324M-E1
Tape & Reel
AS324AM-E1
AS324AM-E1
Tube
AS324AMTR-E1
AS324AM-E1
Tape & Reel
DIP-14
AS324P
AS324P-E1
AS324P
AS324P-E1
Tube
AS324AP-E1
AS324AP-E1
Tube
TSSOP-14
AS324GTR-E1
EGS324
Tape & Reel
AS324G-E1
EGS324
Tube


Similar Part No. - AS324MTRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS324MTR BCDSEMI-AS324MTR Datasheet
52Kb / 2P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
AS324MTR BCDSEMI-AS324MTR Datasheet
285Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
AS324MTR-E1 BCDSEMI-AS324MTR-E1 Datasheet
52Kb / 2P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
AS324MTR-E1 BCDSEMI-AS324MTR-E1 Datasheet
285Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
AS324MTR-E1 BCDSEMI-AS324MTR-E1 Datasheet
808Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
More results

Similar Description - AS324MTRE1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
   Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
   Low Power Quad Operational Amplifiers
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
   Low Power Quad Operational Amplifiers
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
   Low power quad operational amplifiers
ver.09
logo
Texas Instruments
LM124JAN TI1-LM124JAN_13 Datasheet
781Kb / 26P
[Old version datasheet]   Low Power Quad Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
   Low-power quad operational amplifiers
2022
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
March 2001
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324_06 Datasheet
285Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com