Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4ST200 Datasheet(PDF) 5 Page - Tyco Electronics

Part # MA4ST200
Description  Low-Voltage / High Q Si Hyperabrupt Varactors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4ST200 Datasheet(HTML) 5 Page - Tyco Electronics

  MA4ST200 Datasheet HTML 1Page - Tyco Electronics MA4ST200 Datasheet HTML 2Page - Tyco Electronics MA4ST200 Datasheet HTML 3Page - Tyco Electronics MA4ST200 Datasheet HTML 4Page - Tyco Electronics MA4ST200 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
Also Offering
RoHS Compliant
Equivalent Parts
Low-Voltage / High Q
Si Hyperabrupt Varactors
V2
MA4ST200 Series
5
Mounting Information
The
illustration
indicates
the
recommended
mounting
pad
configura t io n
for
the
SC-79, SOT-323 and SOD-323 packages. Solder
paste containing flux should be screened onto the
pads to a thickness of 0.005- 0.007 inches. The
plastic package is placed in position, firmly adhering
to the solder paste.
Permanent attachment is performed by a reflow
soldering
procedure
during
which
the
tab
temperature does not exceed +275 °C and the body
temperature does not exceed +250 °C, for standard
models and +260 °C for the RoHS compliant
devices.
These varactors are available in the three case
styles shown. When ordering, specify the desired
case style by adding the case designation (287 for
SOT-23, 1146 for SOT-323, 1141 for SOD-323) as a
suffix
to
the
model
number.
For
example,
MA4ST230-1141 specifies the MA4ST230 varactor
in the SOD-323 package. The model number
indicated is for a single varactor. Common cathode
pairs are available in SOT-23 package, and are
specified by adding “CK” to the end of the model
number. For example MA4ST230CK-287 specifies
the MA4ST230 varactor in common cathode pairs.
For RoHS Compliant Parts, use the Following
Suffices for the Given Package Style
( After the Base P/N ) :
SC-79 : 12790T
SOD-323 : 11410T
SOT-323 : 1146FT
As example, the RoHS P/N for the Base P/N
MA4VR-000230 in SOD-323 is :
MAVR-000230-1146FT.
Please refer to Application Note M538 for surface
mounting instructions.
SOT-323
0.030
0.80
0.030
0.80
0.030
0.80
0.075
1.9
0.030
0.80
inches
mm
Dimenstions:
SOD-323
0.030
0.80
.090
2.2
0.030
0.80
inches
mm
Dimenstions:
0.030
0.80
SC-79
0.020
0.50
0.053
1.35
inches
mm
Dimenstions:
0.020
0.50


Similar Part No. - MA4ST200

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4ST200 MACOM-MA4ST200 Datasheet
62Kb / 3P
   Low-Voltage / High Q Si Hyperabrupt Varactors
logo
M/A-COM Technology Solu...
MA4ST200 MA-COM-MA4ST200 Datasheet
126Kb / 5P
   Low-Voltage / High Q Si Hyperabrupt Varactors
MA4ST200 MA-COM-MA4ST200 Datasheet
126Kb / 5P
   Low-Voltage / High Q Si Hyperabrupt Varactors
MA4ST200 MA-COM-MA4ST200 Datasheet
126Kb / 5P
   Low-Voltage / High Q Si Hyperabrupt Varactors
logo
Tyco Electronics
MA4ST2000 MACOM-MA4ST2000 Datasheet
96Kb / 5P
   Ultra High Ratio Si Hyperabrupt Varactor Diode
More results

Similar Description - MA4ST200

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAVR-000200 MA-COM-MAVR-000200 Datasheet
465Kb / 7P
   Low-Voltage / High Q Si Hyperabrupt Varactors
MA4ST200 MA-COM-MA4ST200 Datasheet
126Kb / 5P
   Low-Voltage / High Q Si Hyperabrupt Varactors
MA4ST200 MA-COM-MA4ST200_15 Datasheet
126Kb / 5P
   Low-Voltage / High Q Si Hyperabrupt Varactors
MA4ST200_V5 MA-COM-MA4ST200_V5 Datasheet
126Kb / 5P
   Low-Voltage / High Q Si Hyperabrupt Varactors
logo
Tyco Electronics
MA4ST200 MACOM-MA4ST200 Datasheet
62Kb / 3P
   Low-Voltage / High Q Si Hyperabrupt Varactors
logo
M/A-COM Technology Solu...
MA4ST200 MA-COM-MA4ST200 Datasheet
126Kb / 5P
   Low-Voltage / High Q Si Hyperabrupt Varactors
MAVR-000200 MA-COM-MAVR-000200_15 Datasheet
736Kb / 8P
   Low-Voltage / High Q Si Hyperabrupt Varactors
MA4ST300 MA-COM-MA4ST300_15 Datasheet
104Kb / 5P
   Low-Voltage / Wide Band Si Hyperabrupt Varactors
logo
Tyco Electronics
MA4ST300 MACOM-MA4ST300 Datasheet
69Kb / 4P
   Low - Voltage / Wide Band Si Hyperabrupt Varactors
MA4ST300 MACOM-MA4ST300_1 Datasheet
100Kb / 5P
   Low-Voltage / Wide Band Si Hyperabrupt Varactors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com