Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4ST300 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MA4ST300
Description  Low-Voltage / Wide Band Si Hyperabrupt Varactors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4ST300 Datasheet(HTML) 4 Page - Tyco Electronics

  MA4ST300 Datasheet HTML 1Page - Tyco Electronics MA4ST300 Datasheet HTML 2Page - Tyco Electronics MA4ST300 Datasheet HTML 3Page - Tyco Electronics MA4ST300 Datasheet HTML 4Page - Tyco Electronics MA4ST300 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
Also Offering
RoHs Compliant
Equivalent Parts
Low-Voltage / Wide Band
Si Hyperabrupt Varactors
V4
MA4ST300 Series
4
Case Styles
SC-70, 3 Lead
Case Style 1146
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.071
0.087
1.80
2.20
B
0.045
0.053
1.15
1.35
C
0.071
0.094
1.80
2.40
D
0.047
0.057
1.19
1.45
E
0.010
0.016
0.25
0.41
F
0.031
0.039
0.80
1.00
G
0.000
0.004
0.00
0.10
H
0.004
0.10
J
0.004
0.10
0.007
0.010
0.18
0.25
SOD-323
Case Style 1141
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.043
1.1
B
0.004
0.1
C
0.008
0.2
D
0.010
0.016
0.25
0.4
E
0.003
0.006
0.08
0.15
F
0.063
0.075
1.6
1.9
G
0.045
0.057
1.15
1.45
H
0.091
0.106
2.3
2.7
F
D
H
G
C
E
A
B
A
E
D
J
H
G
F
10
° M AX.
C
B
SC-79
Case Style 1279
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.020
0.028
0.50
0.71
B
0.003
0.008
0.08
0.20
C
0.006
0.010
0.15
0.25
D
0.010
0.014
0.25
0.36
E
0.059
0.067
0.08
0.15
F
0.043
0.051
1.50
1.30
G
0.011
0.012
0.28
0.30
H
0.037
typical
0.043
0.94
1.09
D
E
F
Cathode
Mark
B
C
Seating
Plane
10° Max
A
10° Max
G
H
Topview


Similar Part No. - MA4ST300

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4ST300 MACOM-MA4ST300 Datasheet
69Kb / 4P
   Low - Voltage / Wide Band Si Hyperabrupt Varactors
logo
M/A-COM Technology Solu...
MA4ST300 MA-COM-MA4ST300 Datasheet
104Kb / 5P
   Low-Voltage / Wide Band Si Hyperabrupt Varactors
MA4ST300 MA-COM-MA4ST300 Datasheet
104Kb / 5P
   Low-Voltage / Wide Band Si Hyperabrupt Varactors
MA4ST300 MA-COM-MA4ST300 Datasheet
104Kb / 5P
   Low-Voltage / Wide Band Si Hyperabrupt Varactors
MA4ST300 MA-COM-MA4ST300 Datasheet
104Kb / 5P
   Low-Voltage / Wide Band Si Hyperabrupt Varactors
More results

Similar Description - MA4ST300

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4ST300 MA-COM-MA4ST300_15 Datasheet
104Kb / 5P
   Low-Voltage / Wide Band Si Hyperabrupt Varactors
logo
Tyco Electronics
MA4ST300 MACOM-MA4ST300 Datasheet
69Kb / 4P
   Low - Voltage / Wide Band Si Hyperabrupt Varactors
logo
M/A-COM Technology Solu...
MA4ST300_V7 MA-COM-MA4ST300_V7 Datasheet
104Kb / 5P
   Low-Voltage / Wide Band Si Hyperabrupt Varactors
MA4ST300 MA-COM-MA4ST300 Datasheet
104Kb / 5P
   Low-Voltage / Wide Band Si Hyperabrupt Varactors
MA4ST300 MA-COM-MA4ST300 Datasheet
104Kb / 5P
   Low-Voltage / Wide Band Si Hyperabrupt Varactors
logo
Tyco Electronics
MA4ST200 MACOM-MA4ST200_1 Datasheet
119Kb / 5P
   Low-Voltage / High Q Si Hyperabrupt Varactors
logo
M/A-COM Technology Solu...
MAVR-000200 MA-COM-MAVR-000200 Datasheet
465Kb / 7P
   Low-Voltage / High Q Si Hyperabrupt Varactors
MA4ST200 MA-COM-MA4ST200 Datasheet
126Kb / 5P
   Low-Voltage / High Q Si Hyperabrupt Varactors
MA4ST200 MA-COM-MA4ST200_15 Datasheet
126Kb / 5P
   Low-Voltage / High Q Si Hyperabrupt Varactors
MA4ST200_V5 MA-COM-MA4ST200_V5 Datasheet
126Kb / 5P
   Low-Voltage / High Q Si Hyperabrupt Varactors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com