Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4SW210B-1 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MA4SW210B-1
Description  Monolithic Pin Diode Switches with Integrated Bias Network
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4SW210B-1 Datasheet(HTML) 3 Page - Tyco Electronics

  MA4SW210B-1 Datasheet HTML 1Page - Tyco Electronics MA4SW210B-1 Datasheet HTML 2Page - Tyco Electronics MA4SW210B-1 Datasheet HTML 3Page - Tyco Electronics MA4SW210B-1 Datasheet HTML 4Page - Tyco Electronics MA4SW210B-1 Datasheet HTML 5Page - Tyco Electronics MA4SW210B-1 Datasheet HTML 6Page - Tyco Electronics MA4SW210B-1 Datasheet HTML 7Page - Tyco Electronics MA4SW210B-1 Datasheet HTML 8Page - Tyco Electronics MA4SW210B-1 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Monolithic Pin Diode Switches w/Integrated Bias Network
MA4SW210B-1, MA4SW310B-1
V 3.00
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice. M/A-COM makes no warranty,
representation or guarantee regarding the suitability of its products for any
particular purpose, nor does M/A-COM assume any liability whatsoever arising out
of the use or application of any product(s) or information.
Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
3
Handling Considerations
Cleanliness
These chips should be handled in a clean environment. Do
not attempt to clean chips after installation.
Electro-Static Sensitivity
The MA4SW210B-1 and MA4SW310B-1 Series PIN
Diode Switches are ESD, Class 1 sensitive.
The proper
ESD handling procedures should be used.
Wire Bonding
Thermosonic wedge wire bonding using 0.003” x 0.00025”
ribbon or 0.001” diameter gold wire is recommended. A stage
temperature of 150
oC and a force of 18 to 22 grams should be
used. Ultrasonic energy should be adjusted to the minimum
required. RF bonds should be as short as possible.
Mounting
These chips have TiPtAu back metal.
They can be die
mounted with a gold-tin eutectic solder preform or
conductive epoxy. Mounting surface must be clean and flat.
Eutectic Die Attachment
An 80/20 gold-tin eutectic solder preform is recommended
with a work surface temperature of 255
oC and a tool tip
temperature of 265
oC. When hot gas is applied, the tool tip
temperature should be 290
oC. The chip should not be
exposed to temperatures greater than 320
oC for more than
20 seconds. No more than three seconds should be required
for attachment.
Electrically Conductive Epoxy Die
Attachment
Assembly should be preheated to 125-150
oC. A minimum
amount of epoxy should be used, approximately 1 to 2 mils
thickness. A thin epoxy fillet should be visible around the
perimeter of the chip after placement. Cure epoxy per
manufacturer’s schedule time-temperature schedule.
Driver Connections MA4SW310B-1
Control Level (DC Current) at
Condition of
RF Output
Condition of
RF Output
J5
J6
J1 - J2
J1 - J3
-20 mA
+20 mA
Low Loss
Isolation
+20 mA
-20 mA
Isolation
Low Loss
Condition of
RF Output
J1 - J4
Isolation
Isolation
J7
+20 mA
+20 mA
+20 mA
+20 mA
-20 mA
Isolation
Isolation
Low Loss


Similar Part No. - MA4SW210B-1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4SW210B-1 MA-COM-MA4SW210B-1 Datasheet
153Kb / 7P
   HMIC??Silicon PIN Diode Switches with Integrated Bias Network
MA4SW210B-1 MA-COM-MA4SW210B-1 Datasheet
705Kb / 7P
   HMIC Silicon PIN Diode Switches with Integrated Bias Network
MA4SW210B-1 MA-COM-MA4SW210B-1 Datasheet
705Kb / 7P
   Broad Bandwidth Specified 2 - 18 GHz
MA4SW210B-1 MA-COM-MA4SW210B-1_15 Datasheet
705Kb / 7P
   HMIC Silicon PIN Diode Switches with Integrated Bias Network
More results

Similar Description - MA4SW210B-1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4SW210B-1 MA-COM-MA4SW210B-1 Datasheet
153Kb / 7P
   HMIC??Silicon PIN Diode Switches with Integrated Bias Network
MA4SW210B-1 MA-COM-MA4SW210B-1_15 Datasheet
705Kb / 7P
   HMIC Silicon PIN Diode Switches with Integrated Bias Network
MASW-00X102 MA-COM-MASW-00X102 Datasheet
713Kb / 7P
   HMIC Silicon PIN Diode Switches with Integrated Bias Network
MASW-002102-13580 MA-COM-MASW-002102-13580 Datasheet
151Kb / 7P
   HMIC??Silicon PIN Diode Switches with Integrated Bias Network
logo
Tyco Electronics
MA4SW424B-1 MACOM-MA4SW424B-1 Datasheet
1Mb / 6P
   Monolithic SP4T PIN Diode Switch With Integrated Bias Network
MA4SW410B-1 MACOM-MA4SW410B-1 Datasheet
270Kb / 6P
   SP4T PIN Diode with Integrated Bias Network
MA4SW610B-1 MACOM-MA4SW610B-1 Datasheet
248Kb / 6P
   SP6T PIN Diode Switch with Integrated Bias Network
logo
M/A-COM Technology Solu...
MA4SW610B-1 MA-COM-MA4SW610B-1 Datasheet
115Kb / 6P
   SP6T PIN Diode Switch with Integrated Bias Network
logo
Tyco Electronics
MA4SW510B-1 MACOM-MA4SW510B-1 Datasheet
245Kb / 6P
   SP5T PIN Diode Switch with Integrated Bias Network
logo
M/A-COM Technology Solu...
MA4SW610B MA-COM-MA4SW610B_15 Datasheet
115Kb / 6P
   SP6T PIN Diode Switch with Integrated Bias Network
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com