1 / 1 page
KNP100
J
TB
10R
↓↓
↓
↓
Type/Power
Tol.
Package
Resistance
KNP050
F=±1%
B=Bulk
10R = 10Ω
KNP100
G=±2%
TB=Tape/box
1K2 = 1.2KΩ
KNP200
J=±5%
TR=Tape/reel
1M = 1MΩ
KNP300
Lead forming
KNP400
M
KNP500
F
HITANO ENTERPRISE CORP.
Tel:(886)-2-2299 1331 Fax:(886)-2-2298 2466
7F-7, NO. 3, Wu Chuan 1st Rd., Wu Ku Industrial Park, Taipei Hsien, Taiwan Email: info@hitano.com.tw
0.80
DIMENSION
0.1Ω~150Ω
-55 ~ +155℃
0.80
5W
3.0KΩ
4W
0.1Ω~150Ω
3.0KΩ
Working temperature range
4.0KΩ
KNP500
25.0±1.0
8.0±1.0
38 ±3.0
0.1Ω~100Ω
6.0±1.0
38 ±3.0
KNP400
17.0±1.0
6.0±1.0
38 ±3.0
KNP500S
17.0±1.0
2.0KΩ
0.80
3W
0.1Ω~150Ω
3.0KΩ
0.80
3W
15.0±1.0
5.0±1.0
35 ±3.0
KNP300
17.0±1.0
6.0±1.0
38 ±3.0
<±2%+0.05Ω
Effect of Sodering
Element: Alloy Resistance Wire
MATERIAL
Core: High purity ceramic Al2O3
Small size and low cost
Super heat dissipation, instant overload capability
0.1Ω~80Ω
TEMPERATURE RISE
GENERAL SPECIFICATION
MAXIMUM
L
11.0±1.0
0.80
1/2W
TYPE
RATING
D
KNP100
0.1Ω~100Ω
0.1Ω~80Ω
E= PxR
KNP100S
9.0±1.0
3.2±1.0
28 ±3.0
28 ±3.0
0.60
11.0±1.0
Termination: Standard solder-plated cooper lead
Miniature size available (As KNP-S type)
WORKING VOLT.
d ± 0.02
Coating: Green silicone
Flameproof coating
Standard Value: E24 series as range below
Color band marking
Body Color: Green
Available in non-inductive style (As NKNP type)
H
CHARACTERISTIC
2W
KNP200S
4.0±1.0
35 ±3.0
KNP050
9.0±1.0
3.2±1.0
* Maximum overload voltage equals to
PxRx10
Wirewound Resistors - KNP TYPE
FEATURES
Standard Tolerance: ±5% (available 1% - 5%)
0.1Ω~100Ω
KNP200
15.0±1.0
5.0±1.0
35 ±3.0
0.80
2W
RESISTANCE RANGE
STANDARD
MAXIMUM
0.80
1W
0.1Ω~100Ω
0.60
1W
DIMENSION (mm)
POWER
<±5%+0.05Ω
Moisture Resistance
10,000MΩ Min.
Insulation Resistance
4.0±1.0
35 ±3.0
<±1%+0.05Ω
Shock & Vibration
Load Life (1000 hours)
<±2%+0.05Ω
Shorttime Overload
<±1%+0.05Ω
Temperature Cycling
<±5%+0.05Ω
300Ω
300Ω
1.5KΩ
1.5KΩ
2.0KΩ
HOW TO ORDER :
* Resistance values out of standard range is available on request
±300ppm
Temperature Coefficient
DERATING CURVE
0.80
5W
0.1Ω~150Ω
KNP300S
H
L
d
D
D
d
100
75
50
25
Applied Wattage
(%)
0
100%
75%
50%
25%
KNP1/2W
/
KNP5W
125
100
80
60
40
20
50
100
150
200
250
70°C
Ambient Temperature ( °C)
275°C
300