Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4SW610B-1 Datasheet(PDF) 5 Page - Tyco Electronics

Part # MA4SW610B-1
Description  SP6T PIN Diode Switch with Integrated Bias Network
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4SW610B-1 Datasheet(HTML) 5 Page - Tyco Electronics

  MA4SW610B-1 Datasheet HTML 1Page - Tyco Electronics MA4SW610B-1 Datasheet HTML 2Page - Tyco Electronics MA4SW610B-1 Datasheet HTML 3Page - Tyco Electronics MA4SW610B-1 Datasheet HTML 4Page - Tyco Electronics MA4SW610B-1 Datasheet HTML 5Page - Tyco Electronics MA4SW610B-1 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SP6T PIN Diode Switch with Integrated Bias Network
MA4SW610B-1
V 1.00
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
5
Eutectic Die Attachment
An 80/20 gold-tin eutectic solder preform is recommended
with a work surface temperature of 255
oC and a tool tip
temperature of 265
oC. When hot gas is applied, the tool tip
temperature should be 290
oC. The chip should not be exposed
to temperatures greater than 320
oC for more than 10 seconds.
No more than three seconds should be required for the attachment.
Epoxy Die Attachment
Assembly should be preheated to 125-150
oC. A Controlled
thickness of 2 mils is recommended for best electrical and
thermal conductivity.
A thin epoxy fillet should be visible
around the perimeter of the chip after placement. Cure epoxy
per manufacturer’s recommended schedule.
Assembly Considerations
The following precautions should be observed for successful
assembly of the die.
Cleanliness
These chips should be handled in a clean environment. Do not
attempt to clean die after installation.
Electro-Static Sensitivity
The MA4SW Series PIN switches are ESD, Class 1 sensitive.
The proper ESD handling procedures should be used.
Wire Bonding
Thermosonic wedge wire bonding using 0.003” x 0.00025”
ribbon or 0.001” diameter gold wire is recommended. A stage
temperature of 150
oC and a force of 18 to 22 grams should be
used. Ultrasonic energy should be adjusted to the minimum
required. RF bonds should be as short as possible to minimize
inductance.
Mounting
These chips have Ti-Pt-Au back metal. They can be die
mounted with a 80Au/20Sn or Sn62/Pb36/Ag2 solder preform
or electrically conductive Ag epoxy. Mounting surface must
be clean of oils and contaminants and flat
.


Similar Part No. - MA4SW610B-1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4SW610B-1 MA-COM-MA4SW610B-1 Datasheet
115Kb / 6P
   SP6T PIN Diode Switch with Integrated Bias Network 2 - 18GHz
MA4SW610B-1 MA-COM-MA4SW610B-1 Datasheet
115Kb / 6P
   SP6T PIN Diode Switch with Integrated Bias Network
MA4SW610B-1 MA-COM-MA4SW610B-1_16 Datasheet
702Kb / 7P
   HMIC Silicon SP6T PIN Diode Switch with Integrated Bias Network
More results

Similar Description - MA4SW610B-1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4SW610B MA-COM-MA4SW610B_15 Datasheet
115Kb / 6P
   SP6T PIN Diode Switch with Integrated Bias Network
MA4SW610B-1 MA-COM-MA4SW610B-1 Datasheet
115Kb / 6P
   SP6T PIN Diode Switch with Integrated Bias Network
MASW-006102-1361 MA-COM-MASW-006102-1361 Datasheet
696Kb / 6P
   HMIC Silicon SP6T PIN Diode Switch with Integrated Bias Network
MA4SW610B-1 MA-COM-MA4SW610B-1 Datasheet
115Kb / 6P
   SP6T PIN Diode Switch with Integrated Bias Network 2 - 18GHz
MA4SW610B-1 MA-COM-MA4SW610B-1_16 Datasheet
702Kb / 7P
   HMIC Silicon SP6T PIN Diode Switch with Integrated Bias Network
logo
Tyco Electronics
MA4SW510B-1 MACOM-MA4SW510B-1 Datasheet
245Kb / 6P
   SP5T PIN Diode Switch with Integrated Bias Network
logo
M/A-COM Technology Solu...
MASW-005102-13600 MA-COM-MASW-005102-13600 Datasheet
720Kb / 6P
   Silicon SP5T PIN Diode Switch with Integrated Bias Network
MA4SW410B-1 MA-COM-MA4SW410B-1 Datasheet
784Kb / 6P
   HMIC??Silicon PIN Diode Switch with Integrated Bias Network
MA4SW424B-1 MA-COM-MA4SW424B-1 Datasheet
447Kb / 6P
   SP4T 24GHz PIN Diode Switch with Integrated Bias Network
MASW-004102-12760 MA-COM-MASW-004102-12760_14 Datasheet
975Kb / 6P
   Silicon SP4T PIN Diode Switch with Integrated Bias Network
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com