Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSZ8993ML Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # KSZ8993ML
Description  Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8993ML Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button KSZ8993ML Datasheet HTML 7Page - Micrel Semiconductor KSZ8993ML Datasheet HTML 8Page - Micrel Semiconductor KSZ8993ML Datasheet HTML 9Page - Micrel Semiconductor KSZ8993ML Datasheet HTML 10Page - Micrel Semiconductor KSZ8993ML Datasheet HTML 11Page - Micrel Semiconductor KSZ8993ML Datasheet HTML 12Page - Micrel Semiconductor KSZ8993ML Datasheet HTML 13Page - Micrel Semiconductor KSZ8993ML Datasheet HTML 14Page - Micrel Semiconductor KSZ8993ML Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 85 page
background image
Micrel, Inc.
KS8993M/ML/MI
April 2005
11
M9999-041205
Pin Number
Pin Name
Type
(1)
Description
26
NC
O
No connect
27
HWPOVR
Ipd
Hardware pin overwrite
0 = Disable. All strap-in pins configurations are overwritten by
the EEPROM configuration data
1 = Enable. All strap-in pins configurations are overwritten by
the EEPROM configuration data, except for register 0x2C bits
[7:5], (port 2: auto-negotiation enable, force speed, force
duplex).
28
P2MDIXDIS
Ipd
Port 2 Auto MDI/MDI-X
PD (default) = enable
PU = disable
29
P2MDIX
Ipd
Port 2 MDI/MDI-X setting when auto MDI/MDI-X is disabled.
PD (default) = MDI-X (transmit on TXP2 / TXM2 pins)
PU = MDI, (transmit on RXP2 / RXM2 pins)
30
P1ANEN
Ipu
1 = enable auto negotiation on port 1
0 = disable auto negotiation on port 1
31
P1SPD
Ipd
1 = force port 1 to 100BT if P1ANEN = 0
0 = force port 1 to 10BT if P1ANEN = 0
32
P1DPX
Ipd
1 = port 1 default to full duplex mode if P1ANEN = 1 and auto
negotiation fails. Force port 1 in full-duplex mode if P1ANEN
= 0.
0 = port 1 default to half duplex mode if P1ANEN = 1 and auto
negotiation fails. Force port 1 in half duplex mode if P1ANEN
= 0.
33
P1FFC
Ipd
1 = always enable (force) port 1 flow control feature
0 = port 1 flow control feature enable is determined by auto
negotiation result.
34
NC
Ipd
No connect
35
NC
Ipd
No connect
36
PWRDN
Ipu
Chip power-down input (active low)
37
AGND
Gnd
Analog ground
38
VDDA
P
1.8V analog VDD
39
AGND
Gnd
Analog ground
40
MUX1
I
Factory test pin - float for normal operation
41
MUX2
I
Factory test pin - float for normal operation
42
AGND
Gnd
Analog ground
43
VDDA
P
1.8V analog VDD
44
FXSD1
I
Fiber signal detect/factory test pin
Note:
1. P = Power supply.
Gnd = Ground.
I = Input.
O = Output.
Ipu = Input w/ internal pull-up.
Ipd = Input w/ internal pull-down.


Similar Part No. - KSZ8993ML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8993ML MICREL-KSZ8993ML Datasheet
1Mb / 86P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8993MLI MICREL-KSZ8993MLI Datasheet
1Mb / 86P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results

Similar Description - KSZ8993ML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MQL MICREL-KSZ8893MQL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893M MICREL-KSZ8893M Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
logo
Microchip Technology
KSZ8893MQL MICROCHIP-KSZ8893MQL Datasheet
2Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
DS00002897A 1-3-19
logo
Micrel Semiconductor
KSZ8873MLL MICREL-KSZ8873MLL_13 Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MQLI MICREL-KSZ8893MQLI Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KS8993M MICREL-KS8993M_11 Datasheet
1Mb / 86P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLJ MICREL-KSZ8873MLLJ Datasheet
1Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MBL MICREL-KSZ8893MBL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_11 Datasheet
842Kb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com