Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NACY330K16V6.3X6.3TR13F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NACY330K16V6.3X6.3TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACY330K16V6.3X6.3TR13F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NACY330K16V6.3X6.3TR13F Datasheet HTML 1Page - NIC-Components Corp. NACY330K16V6.3X6.3TR13F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
21
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount Aluminum Electrolytic Capacitors NACY Series
FEATURES
• CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNTING
• LOW IMPEDANCE AT 100KHz (Up to 20% lower than NACZ)
• WIDE TEMPERATURE RANGE (-55 +105OC)
• DESIGNED FOR AUTOMATIC MOUNTING AND REFLOW
..SOLDERING
CHARACTERISTICS
Rated Capacitance Range
4.7 ~ 6800 µF
Operating Temperature Range
- 55°C + 105°C
Capacitance Tolerance
±20% (120Hz/+20°C)
Max. Leakage Current after 2 minutes at 20°C
0.01CV or 3 µA
Max. Tan
δ at 120Hz & 20°C
W.V.(Vdc)
6.3
10
16
25
35
50
63
80
100
S.V.(Vdc)
8
13
20
32
44
63
80
100
125
Tan
δ
φ4 to φ6.3
0.24
0.20
0.16
0.14
0.12
0.12
0.10
0.08
0.07
φ8 ~ φ16
C<1500µF
0.28
0.24
0.20
0.16
0.14
0.14
0.12
0.10
0.08
C=2200µF
-
0.26
-
0.18
-
-
-
-
-
C=3300µF
0.32
-
0.24
-
-
-
-
-
-
C=4700µF
-
0.30
-
-
-
-
-
-
-
C=6800µF
0.36
-
-
-
-
-
-
-
-
Low Temperature Stability
(Impedance Ratio at 120 Hz)
Z -40°C/Z +20°C
3
2
2
2
2
2
2
2
2
Z -55°C/Z +20°C
5
4
4
3
3
3
3
3
3
Load Life Test AT 105°C
4 ~ 6.3mm Dia 1,000 Hours
8 ~ 12.5mm Dia 2,000 Hours
Capacitance Change
Within ±25% of initial measured value
Tan
δ
Less than 200% of the specified value
Leakage Current
Less than the specified maximum value
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
MAXIMUM PERMISSIBLE RIPPLE CURRENT
(mA rms AT 100KHz AND 105OC)
MAXIMUM IMPEDANCE
(
Ω AT 100KHz AND 20OC)
Cap.
(
µF)
WorkingVoltage (Vdc)
6.3
10
16
25
35
50
63
80
100
4.7
-
-
-
-
1.45
2.55
2.00
2.40
-
10
-
-
-
1.45
0.7
0.52
1.00
2.00
-
15
-
-
1.45
0.7
0.7
-
-
-
-
22
1.45
0.7
0.7
0.7
0.52
0.80
0.90
0.90
27
1.45
-
-
-
-
-
-
-
-
33
-
0.7
-
0.39
0.39
0.44
0.35
0.90
0.50
47
0.7
-
0.39
0.39
0.39
0.44
0.35
0.50
0.24
56
0.7
-
-
0.39
-
-
-
-
-
68
-
0.39
0.39
0.39
0.30
-
-
-
-
100
0.39
-
0.39
0.3
0.15
0.22
0.20
0.24
0.14
150
0.39
0.39
0.3
0.15
0.15
-
-
0.24
0.14
220
0.39
0.3
0.3
0.15
0.15
0.13
0.14
-
-
330
0.3
0.15
0.15
0.15
0.08
0.10
-
0.14
-
470
0.15
0.15
0.15
0.08
0.058
-
0.065
-
-
680
0.15
-
0.08
-
0.058
-
-
-
-
1000
0.15
0.08
-
0.058
-
0.065
-
-
-
1500
0.08
-
0.058
-
0.035
-
-
-
-
2200
-
0.058
-
0.035
-
-
-
-
-
3300 0.058
-
0.035
-
-
4700
-
0.035
-
-
-
-
-
-
-
6800 0.035
-
-
-
-
-
-
-
-
Cap.
(
µF)
Working Voltage (Vdc)
6.3
10
16
25
35
50
63
80
100
4.7
-
-
-
-
90
64
55
45
-
10
-
-
-
90
170
215
90
65
-
15
-
-
90
170
170
-
-
-
-
22
-
90
170
170
170
215
135
140 140
27
90
-
-
-
-
-
-
-
-
33
-
170
-
250
250
243
280
140 220
47
170
-
250
250
250
243
280
220 500
56
170
-
-
250
-
-
-
-
-
68
-
250
250
250
300
-
-
-
-
100
250
-
250
300
600
400
480
500 800
150
250
250
300
600
600
-
-
500 800
220
250
300
300
600
600
585
800
-
-
330
300
600
600
600
850
800
-
800
-
470
600
600
600
850 1150
-
1410
-
-
680
600
-
850
-
1150
-
-
-
-
1000
600
850
-
1150
-
1610
-
-
-
1500
850
-
1150
-
1800
-
-
-
-
2200
-
1150
-
1800
-
-
-
-
-
3300 1150
-
1800
-
-
-
-
-
-
4700
-
1800
-
-
-
-
-
-
-
6800 1800
-
-
-
-
-
-
-
-
Frequency < 120Hz
< 1KHz
< 10KHz < 100KHz
Correction
Factor
0.75
0.85
0.95
1.00
RIPPLE CURRENT
FREQUENCY CORRECTION FACTOR
Denotes New Values
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com


Similar Part No. - NACY330K16V6.3X6.3TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACY330M100V10X105TR13F NIC-NACY330M100V10X105TR13F Datasheet
175Kb / 5P
   Surface Mount Aluminum Electrolytic Capacitors
NACY330M10V5X63TR13F NIC-NACY330M10V5X63TR13F Datasheet
175Kb / 5P
   Surface Mount Aluminum Electrolytic Capacitors
NACY330M25V63X63TR13F NIC-NACY330M25V63X63TR13F Datasheet
175Kb / 5P
   Surface Mount Aluminum Electrolytic Capacitors
NACY330M35V63X63TR13F NIC-NACY330M35V63X63TR13F Datasheet
175Kb / 5P
   Surface Mount Aluminum Electrolytic Capacitors
NACY330M50V63X8TR13F NIC-NACY330M50V63X8TR13F Datasheet
175Kb / 5P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACY330K16V6.3X6.3TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com