Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKKH253 Datasheet(PDF) 1 Page - Semikron International

Part # SKKH253
Description  Thyristor / Diode Modules
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKKH253 Datasheet(HTML) 1 Page - Semikron International

  SKKH253 Datasheet HTML 1Page - Semikron International SKKH253 Datasheet HTML 2Page - Semikron International SKKH253 Datasheet HTML 3Page - Semikron International SKKH253 Datasheet HTML 4Page - Semikron International SKKH253 Datasheet HTML 5Page - Semikron International SKKH253 Datasheet HTML 6Page - Semikron International SKKH253 Datasheet HTML 7Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© by SEMIKRON
0898
B 1 – 81
1) See the assembly instructions
2) The screws must be lubricated
VRSM VRRM (dv/
ITRMS (maximum values for continuous operation)
VDRM dt)cr
370 A
420 A
370 A
420 A
ITAV (sin. 180; Tcase = 85 °C)
VV
V/
µs
230 A
253 A
230 A
250 A
900
1300
1500
1700
1900
2100
2300
800
1200
1400
1600
1800
2000
2200
500
1000
1000
1000
1000
1000
1000
SKKT
213/08 D
213/12 E
213/14 E
213/16 E
213/18 E
213/20 E
213/22 E
SKKT
253/08 D
253/12 E
253/14 E
253/16 E
253/18 E
SKKH
213/12 E
213/14 E
213/16 E
213/18 E
213/20 E
213/22 E
SKKH
253/08 D
253/12 E
253/14 E
253/16 E
253/18 E
Symbol Conditions
SKKT 213
SKKH 213
SKKT 253
SKKT 253
Units
ITAV
ID
IRMS
sin. 180; (Tcase = ...)
B2/B6
Tamb = 35 °C
W1/W3
P 16/200 F
213 (90°C)
354/456
425/3 x 360
253 (85°C)
387/502
465/3 x 400
A
A
A
ITSM
i2t
Tvj = 25 °C; 10 ms
Tvj = 130 °C; 10 ms
Tvj = 25 °C; 8,3 ... 10 ms
Tvj = 130 °C; 8,3 ... 10 ms
8 500
7 500
361 000
281 000
9 000
8 000
405 000
320 000
A
A
A2s
A2s
tgd
tgr
Tvj = 25 °C; IG = 1 A
diG/dt = 1 A/µs
VD = 0,67 . VDRM
1
2
µs
µs
(di/dt)cr
tq
IH
IL
Tvj = 130 °C
Tvj = 130 °C
Tvj = 25 °C; typ. / max.
Tvj = 25 °C; RG = 33 Ω; typ. / max.
250
typ. 50 ... 150
150 / 500
0,3 / 2
A/
µs
µs
mA
A
VT
VT(TO)
rT
IDD; IRD
Tvj = 25 °C; IT = 750 A
Tvj = 130 °C
Tvj = 130 °C
Tvj = 130 °C; VRD = VRRM
VDD = VDRM
max. 1,9
0,95
1,3
50
max. 1,7
0,85
1,1
50
V
V
m
mA
VGT
IGT
VGD
IGD
Tvj = 25 °C; d.c.
Tvj = 25 °C; d.c.
Tvj = 130 °C; d.c.
Tvj = 130 °C; d.c.
3
200
0,25
10
V
mA
V
mA
Rthjc
Rthch
Tvj, Tstg
cont.
sin. 180
per thyristor /
rec. 120
per module
0,11 / 0,055
0,115 / 0,057
0,125 / 0,0625
0,08 / 0,04
– 40 ... + 130
°C/W
°C/W
°C/W
°C/W
°C
Visol
M1
M2
a
w
a. c. 50 Hz; r.m.s; 1 s/1 min
to heatsink
to terminals
approx.
3600 / 3000
5 (44 lb. in.) + 15 %1)
9 (80 lb. in.) + 15 %2)
5 . 9,81
430
V~
Nm
Nm
m/s2
g
Case
page B 1 – 86
SKKT: A 43
SKKH: A 56
SEMIPACK® 3
Thyristor / Diode Modules
SKKT 213
SKKH 213
SKKT 253
SKKH 253
Features
Heat transfer through aluminium
oxide ceramic isolated metal
baseplate
Chip soldered on direct copper
bonded Al2O3 ceramic
Thyristor with amplifying gate
UL recognized, file no. E 63 532
Typical Applications
DC motor control (e.g. for
machine tools)
Temperature control (e.g. for
ovens, chemical processes)
Professional light dimming
(studios, theaters)
SKKT
SKKH
SKKT
SKKT
SI (US) units


Similar Part No. - SKKH253

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKKH253 SEMIKRON-SKKH253 Datasheet
1Mb / 4P
   Thyristor / Diode Modules
SKKH253/08E SEMIKRON-SKKH253/08E Datasheet
1Mb / 4P
   Thyristor / Diode Modules
SKKH253/12E SEMIKRON-SKKH253/12E Datasheet
1Mb / 4P
   Thyristor / Diode Modules
SKKH253/14E SEMIKRON-SKKH253/14E Datasheet
1Mb / 4P
   Thyristor / Diode Modules
SKKH253/16E SEMIKRON-SKKH253/16E Datasheet
1Mb / 4P
   Thyristor / Diode Modules
More results

Similar Description - SKKH253

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD165 SIRECTIFIER-STD165 Datasheet
484Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD253 SIRECTIFIER-STD253 Datasheet
264Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD116 SIRECTIFIER-STD116 Datasheet
500Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD70 SIRECTIFIER-STD70 Datasheet
486Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD27 SIRECTIFIER-STD27 Datasheet
478Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT18 SIRECT-SDT18 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
SDT116 SIRECT-SDT116 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com