Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA43002 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MA43002
Description  Silicon Step Recovery Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA43002 Datasheet(HTML) 3 Page - Tyco Electronics

  MA43002 Datasheet HTML 1Page - Tyco Electronics MA43002 Datasheet HTML 2Page - Tyco Electronics MA43002 Datasheet HTML 3Page - Tyco Electronics MA43002 Datasheet HTML 4Page - Tyco Electronics MA43002 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
RoHs Compliant
Silicon Step Recovery Diodes
V4
MA43000, MA44600 Series
3
Electrical Specifications @ TA = +25 °C
Specifications Subject to Change Without Notice.
High Order Step Recovery Diode Varactors for Use in Comb Generation
Part Number
1
Minimum Reverse
Voltage
3
(VR)
Min./Max
Junction
Capacitance
(Cj)
4
Min./Max.
Lifetime
(TL)
Min./Max.
Maximum
Snap Time
(Ts)
5
Maximum
Thermal
Resistance
(
θjc)
Vr=6V
If=10mA/
Ir=6mA
(V)
(pF)
(pS)
(pS)
(°C/W)
MA43592
25-40
0.20-0.30
9-27
90
70
MA43543
20-50
0.20-0.55
10-25
60
125
Output
Frequency
2
(GHz)
1.00-12.00
2.00-20.00
Maximum
Input
Power
2
(Watts)
1.0
1.5
Case
Style
1
30
93
Notes:
1.
The standard case styles are indicated for eac model number. For other available case styles. consult factory
2.
This is an operable output frequency range and does not imply instantaneous bandwidth.
3.
Reverse voltage (VR) is measured at a reverse bias current of 10µA.
4.
Junction capacitance is measured at a reverse voltage of 6V and a frequency of 1MHz.
5.
Transition time is measured between 20% and 80% points on the voltage recovery trace. Test conditions are +10mA and –10 volts.
Suggested Design Considerations
Minimum and Suggested Values of Minority
Lifetime (TL) for SRD vs.
Multiplier Input Frequency
Approximate Minimum Breakdown Voltage
Required for SRD at Various Output Power Levels vs.
Output Frequency


Similar Part No. - MA43002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA43002 MACOM-MA43002 Datasheet
77Kb / 4P
   Step Recovery Diodes
logo
M/A-COM Technology Solu...
MA43002 MA-COM-MA43002 Datasheet
326Kb / 5P
   Silicon Step Recovery Diodes
More results

Similar Description - MA43002

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA43000 MA-COM-MA43000 Datasheet
326Kb / 5P
   Silicon Step Recovery Diodes
logo
Tyco Electronics
MA43000 MACOM-MA43000 Datasheet
77Kb / 4P
   Step Recovery Diodes
logo
Microsemi Corporation
GC2510 MICROSEMI-GC2510 Datasheet
173Kb / 3P
   POWER GENERATION Step Recovery Diodes
logo
Advanced Semiconductor
5082-0800 ASI-5082-0800 Datasheet
13Kb / 1P
   SILICON STEP RECOVERY DIODE
MA43000 ASI-MA43000 Datasheet
15Kb / 1P
   SILICON STEP RECOVERY DIODE
5082-0335 ASI-5082-0335 Datasheet
19Kb / 1P
   SILICON STEP RECOVERY DIODE
5082-0310 ASI-5082-0310 Datasheet
17Kb / 1P
   SILICON STEP RECOVERY DIODE
5082-0810 ASI-5082-0810 Datasheet
19Kb / 1P
   SILICON STEP RECOVERY DIODE
DVB4376-99 ASI-DVB4376-99 Datasheet
20Kb / 1P
   SILICON STEP RECOVERY DIODE
logo
Tyco Electronics
MA44700 MACOM-MA44700 Datasheet
75Kb / 3P
   Surface Mount Low Power Step Recovery Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com