Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA46450 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MA46450
Description  GaAs Hyperabrupt Varactor Diode Gamma= 1.0, 1.25 & 1.50
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA46450 Datasheet(HTML) 1 Page - Tyco Electronics

  MA46450 Datasheet HTML 1Page - Tyco Electronics MA46450 Datasheet HTML 2Page - Tyco Electronics MA46450 Datasheet HTML 3Page - Tyco Electronics MA46450 Datasheet HTML 4Page - Tyco Electronics MA46450 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
RoHs Compliant
GaAs Hyperabrupt Varactor Diode
Gamma= 1.0, 1.25 & 1.50
V4
MA46410 thru MA46480 Series
1
Features
Constant Gamma = 1.0, 1.25 or 1.5
High Q (up to 4000 at -4 Volts)
More Linear Frequency Tuning
High and Nearly Constant Modulation Sensitivity
• Lead-Free (RoHs Compliant) equivalents avail-
able with 260°C reflow compatibility.
Description and Applications
The MA46450, MA46470 and MA46410 series of tun-
ing varactors are hyperabrupt junction Gallium Ar-
senide diodes featuring constant gamma 1.0 (MA46450
series),1.25 (MA46470 series) or 1.5 (MA46410 se-
ries). These diodes offer high Q (up to 4000) permit-
ting excellent tuning performance from VHF through
Ka band. Each part in this series exhibits the large
change in capacitance versus bias voltage characteristic
of hyperabrupt junctions. The standard capacitance
tolerance is ±10%, with tighter tolerances available.
Capacitance matching at one or more bias voltages is
also available. All diode types are available ina wide
selection of ceramic packages and in chip form.
The constant gamma value of 1.0, 1.25 or 1.5 available
with these diodes enables the circuit designer to pro-
duce significant improvements in circuit performance.
Constant gamma tuning varactors permit more linear
VCO frequency tuning than do conventional hy-
perabrupt tuning varactors.These varactors are particu-
larly well suited for use in voltage tuned filters, analog
phase shifters, and modulator circuits.
Absolute Maximum Ratings @ TA=+25 °C
(Unless Otherwise Noted)
1
1. Operation of this device above any one of these parameters
may cause permanent damage.The maximum storage and
operating temperature of the plastic ODS-1088 case style is
125°C.
Parameter
Absolute Maximum
Reverse Voltage
Breakdown Voltage
Operating Temperature
-65°C to +175°C
Storage Temperature
65°C to +200°C
Common Case styles
ODS-30
ODS-134 Die


Similar Part No. - MA46450

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA46450 MACOM-MA46450 Datasheet
198Kb / 5P
   GaAs Constant Gamma Hyperabrupt Tuning Varactors
logo
M/A-COM Technology Solu...
MA46450 MA-COM-MA46450 Datasheet
272Kb / 5P
   GaAs Hyperabrupt Varactor Diode Gamma = 1.0, 1.25, & 1.50
MA46450 MA-COM-MA46450 Datasheet
274Kb / 5P
   GaAs Hyperabrupt Varactor Diode
MA46450 MA-COM-MA46450 Datasheet
965Kb / 6P
   GaAs Hyperabrupt Varactor Diode
More results

Similar Description - MA46450

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA46410 MA-COM-MA46410 Datasheet
272Kb / 5P
   GaAs Hyperabrupt Varactor Diode Gamma = 1.0, 1.25, & 1.50
logo
Sensitron
SCP-5761 SENSITRON-SCP-5761 Datasheet
83Kb / 2P
   GaAs CONSTANT GAMMA HYPERABRUPT VARACTOR DIODE
SCP-5760 SENSITRON-SCP-5760 Datasheet
83Kb / 2P
   GaAs CONSTANT GAMMA HYPERABRUPT VARACTOR DIODE
logo
M/A-COM Technology Solu...
MA46410 MA-COM-MA46410_15 Datasheet
965Kb / 6P
   GaAs Hyperabrupt Varactor Diode
MA46410-480 MA-COM-MA46410-480_15 Datasheet
580Kb / 5P
   GaAs Hyperabrupt Varactor Diode
MA46410-480 MA-COM-MA46410-480 Datasheet
580Kb / 5P
   GaAs Hyperabrupt Varactor Diode
MA46410_V8 MA-COM-MA46410_V8 Datasheet
274Kb / 5P
   GaAs Hyperabrupt Varactor Diode
logo
Tyco Electronics
MA46H120 MACOM-MA46H120 Datasheet
40Kb / 2P
   GaAs Constant Gamma Flip- Chip Varactor Diode
logo
M/A-COM Technology Solu...
MA46H120 MA-COM-MA46H120_15 Datasheet
545Kb / 4P
   GaAs Constant Gamma Flip-Chip Varactor Diode
MGV100-X MA-COM-MGV100-X Datasheet
506Kb / 5P
   GaAs Hyperabrupt Varactor Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com