Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ358M Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AZ358M
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ358M Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ358M Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ358M Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ358M Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ358M Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ358M Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ358M Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ358M Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ358M Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZ358M Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AZ358/358C
9
Aug. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Data Sheet
Figure 17. DC Summing Amplifier
Figure 16. Power Amplifier
Figure 15. Battery Charger
Typical Application
R6 100K
V
O
R5
100K
R1 100K
R2 100K
R3 100K
R4 100K
+V
1
+V
2
+V
3
+V
4
1/2 AZ358/C
+
-
AC
Line
SMPS
R2
Current
Sense
R7
R8
Battery
Pack
R4
R3
AZ431
R5
R6
R1
Opto
Isolator
V
CC
GND
GND
-
+
1/2 AZ358/C
+
-
1/2 AZ358/C
R1 910K
R2 100K
R3 91K
V
IN(+)
V
CC
R
L
1/2 AZ358/C
-
+


Similar Part No. - AZ358M

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ358M BCDSEMI-AZ358M Datasheet
283Kb / 11P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AZ358M BCDSEMI-AZ358M Datasheet
57Kb / 2P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AZ358M-E1 BCDSEMI-AZ358M-E1 Datasheet
57Kb / 2P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AZ358MTR BCDSEMI-AZ358MTR Datasheet
57Kb / 2P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AZ358MTR-E1 BCDSEMI-AZ358MTR-E1 Datasheet
57Kb / 2P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - AZ358M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
   Low power dual operational amplifiers
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
   Low power dual operational amplifiers
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
   Low Power Dual Operational Amplifiers
logo
Princeton Technology Co...
RS358 PTC-RS358 Datasheet
217Kb / 5P
   Low Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com