Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-007078-000100 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAD-007078-000100
Description  Digital Attenuator 31 dB, 5-Bit, TTL Driver, DC-3.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAD-007078-000100 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAD-007078-000100 Datasheet HTML 1Page - Tyco Electronics MAAD-007078-000100 Datasheet HTML 2Page - Tyco Electronics MAAD-007078-000100 Datasheet HTML 3Page - Tyco Electronics MAAD-007078-000100 Datasheet HTML 4Page - Tyco Electronics MAAD-007078-000100 Datasheet HTML 5Page - Tyco Electronics MAAD-007078-000100 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
! "
*
! " # $%& '() # %)
*
+
,
-
"+
- .
7
6
( ' =;C
3
J
( 1
( &
6
( ' =;C
6
( ' =;C
3
3
J
J
J
J
K ( L1:
K 1 L.:
24M @
6
( ' =;C
@
J
* '%0
* *%0
4
4
J
J
J
J
.1
*'
01'
1'
0 3
1'
;C
' 1 ( ' =;C
3
3
J
J
L*0
L*/
J
J
5(
1'
;C
' 1 ( ' =;C
3
3
J
J
L(1
L/&
J
J
2
J
2
/ .1
1 '
1 *1
2 7
2 ;
J
J
2
2
' '
* '
J
J
' &
1 '
7
J
0 '
J
0 '
"
J
3
0 * / & 0) 3
"
3
0
(0 3
+
@
1':
-': 0': @+
0':
-':
-':
0':
J
J
$
L1 3
J
7 M
; =;
2
N 2
=E6
/
2
,!
7
<'>
<0>
J
J
)
0'
$
1
+
J
J
J
0*1
4
E
=
6
6
( 1
;C
3
J
-(
J
$
@
O
J
J
? M
J
(1
J
4
5
$$7
5
2
N
,!2
N 2
* 0 2
J
J
J
0 '
/ 6
!
F
<$
>
!
1 $
6
6
0'' I
,
"
- .
/
0'
1
- .
,
5
' '1 =;C
' 1 ( ' =;C
L*. 3
L(/ 3
2
' 12 P2
PL) '2
2
&
' 12 P2
P2
L ' 12
$
/'Q
L&1Q
4
$
)1Q
L0*1Q
) 9,
"
.
"
& 4
4 $$7
!
/
2
3
-
E
4*'&(
"


Similar Part No. - MAAD-007078-000100

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-007078-000100 MA-COM-MAAD-007078-000100 Datasheet
161Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
MAAD-007078-000100 MA-COM-MAAD-007078-000100 Datasheet
161Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
MAAD-007078-000100 MA-COM-MAAD-007078-000100 Datasheet
807Kb / 7P
   Digital Attenuator
MAAD-007078-000100 MA-COM-MAAD-007078-000100 Datasheet
807Kb / 7P
   Low DC Power Consumption
More results

Similar Description - MAAD-007078-000100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT65-0263 MACOM-AT65-0263 Datasheet
261Kb / 4P
   Digital Attenuator, 31 dB, 5-Bit, TTL Driver DC-2.0 GHz
AT20-0263 MACOM-AT20-0263 Datasheet
223Kb / 3P
   Digital Attenuator, 31 dB, 5-Bit, TTL Driver, DC - 2 GHz
AT15-0001 MACOM-AT15-0001 Datasheet
109Kb / 2P
   Digital Attenuator, 31 dB, 5-Bit, TTL Driver DC - 2.0 GHz
AT90-0263 MACOM-AT90-0263 Datasheet
268Kb / 5P
   Digital Attenuator, 31 dB, 5-Bit, TTL Driver, DC-4.0 GHz
logo
M/A-COM Technology Solu...
AT90-0263 MA-COM-AT90-0263 Datasheet
157Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
MAAD-007078-000100 MA-COM-MAAD-007078-000100 Datasheet
161Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
AT90-1263 MA-COM-AT90-1263 Datasheet
160Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
MAATCC0010 MA-COM-MAATCC0010 Datasheet
158Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
MAAD-007078-000100 MA-COM-MAAD-007078-000100 Datasheet
161Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
logo
Tyco Electronics
AT90-1263 MACOM-AT90-1263 Datasheet
775Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com