Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ358MTR-E1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AZ358MTR-E1
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ358MTR-E1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AZ358MTR-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ358MTR-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ358MTR-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ358MTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ358MTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ358MTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ358MTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ358MTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ358MTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AZ358/358C
Data Sheet
4
Aug. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Value
Unit
Power Supply Voltage
VCC
20
V
Differential Input Voltage
VID
20
V
Input Voltage
VIC
-0.3 to 20
V
Input Current (VIN<-0.3V) (Note 2)
IIN
50
mA
Output Short Circuit to Ground
(One Amplifier) (Note 3)
VCC 12V and TA = 25
oC
Continuous
Power Dissipation (TA=25
oC)
PD
DIP-8
830
mW
SOIC-8
550
Operating Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Lead Temperature (Soldering, 10 Seconds)
TLEAD
260
oC
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device under these conditions is not
implied. Exposure to "Absolute Maximum Ratings" for extended periods may affect device reliability.
Note 2: This input current will only exist when the voltage at any of the input leads is driven negative. It is due to
the collector-base junction of the input PNP transistors becoming forward biased and thereby acting as input diode
clamps. In addition to this diode action, there is also lateral NPN parasitic transistor action on the IC chip. This
transistor action can cause the output voltages of the op amps to go to the VCC voltage level (or to ground for a
large overdrive) for the time duration that an input is driven negative. This is not destructive and normal output
states will re-establish when the input voltage, which was negative, again returns to a value greater than -0.3V (at
25oC)
Note 3: Short circuits from the output to VCC can cause excessive heating and eventual destruction. When consi-
dering short circuits to ground, the maximum output current is approximately 40mA independent of the magni-
tude of VCC. At values of supply voltage in excess of +12V, continuous short circuits can exceed the power dissi-
pation ratings and cause eventual destruction. Destructive dissipation can result from simultaneous shorts on all
amplifiers.
Absolute Maximum Ratings (Note 1)
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
318
V
Ambient Operating Temperature Range
TA
-40
85
oC


Similar Part No. - AZ358MTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ358MTR-E1 BCDSEMI-AZ358MTR-E1 Datasheet
57Kb / 2P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - AZ358MTR-E1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
   Low power dual operational amplifiers
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
   Low power dual operational amplifiers
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
   Low Power Dual Operational Amplifiers
logo
Princeton Technology Co...
RS358 PTC-RS358 Datasheet
217Kb / 5P
   Low Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com