Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-007080-0001TB Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAD-007080-0001TB
Description  Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.4 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAD-007080-0001TB Datasheet(HTML) 2 Page - Tyco Electronics

  MAAD-007080-0001TB Datasheet HTML 1Page - Tyco Electronics MAAD-007080-0001TB Datasheet HTML 2Page - Tyco Electronics MAAD-007080-0001TB Datasheet HTML 3Page - Tyco Electronics MAAD-007080-0001TB Datasheet HTML 4Page - Tyco Electronics MAAD-007080-0001TB Datasheet HTML 5Page - Tyco Electronics MAAD-007080-0001TB Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
!
"
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
#
*
" # $ %&' ()* $ &*
+
,
-
.
#,
. /
7
6
* / =;C
3
K
1 1
) '
6
* / =;C
6
* / =;C
3
3
K
K
K
K
L ( G1:
L 1 G&:
24M @
6
* / =;C
@
K
0 &%0
*%0
4
4
K
K
K
K
.1
*'
K
K
0 3
1'
;C
' 1 * / =;C
3
3
K
K
G*0
G*/
K
K
5(
1'
;C
' 1 * / =;C
3
3
K
K
G(1
G/&
K
K
/
K
K
)
0'
4
E
( 1
;C
3
K
-(
K
$
@
N
K
? M
K
01
K
#
K
3
0 * / & 0) (* 3
"
3
0
1' 3
+
@
1':
-': 0': @+
0':
-':
-':
0':
K
K
$
G1 3
2
,!7
<'>
<0>
=
6
6
K
2 7
2 ;
7 M
; =;
K
K
2
2
' '
* '
K
K
' &
1 '
7
2
O 2
=E6
K
0 '
K
0 '
4
5
$$7
5
2
O
,!2
O 2
* 0 2
K
K
0 '
2
K
K
2
/ .1
1 '
1 *1
$
1
+
K
K
K
0*1
/ 6
!
F
<$
>
!
1 $
6
6
0'' J
0''
<$
>
. /
0
1(
2
. /
,
5
' '1 =;C
' 1 * / =;C
G*. 3
G(/ 3
2
' 12 P2
PG) '2
2
&
' 12 P2
P2
G ' 12
$
/'Q
G&1Q
4
$
)1Q
G0*1Q
) 9,
"
.
"
& 4
4 $$7
!
0
3
4
-
E
*'&(
"


Similar Part No. - MAAD-007080-0001TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-007080-000100 MA-COM-MAAD-007080-000100 Datasheet
171Kb / 7P
   Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.4 GHz
MAAD-007080-000100 MA-COM-MAAD-007080-000100 Datasheet
171Kb / 7P
   Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.4 GHz
MAAD-007080-000100 MA-COM-MAAD-007080-000100_15 Datasheet
171Kb / 7P
   Digital Attenuator
More results

Similar Description - MAAD-007080-0001TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT90-1106 MA-COM-AT90-1106 Datasheet
170Kb / 7P
   Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.4 GHz
MAAD-007080-000100 MA-COM-MAAD-007080-000100 Datasheet
171Kb / 7P
   Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.4 GHz
MAAD-007080-000100 MA-COM-MAAD-007080-000100 Datasheet
171Kb / 7P
   Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.4 GHz
AT-106-PIN MA-COM-AT-106-PIN Datasheet
135Kb / 4P
   Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT20-0106 MA-COM-AT20-0106 Datasheet
134Kb / 4P
   Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
AT90-1106 MACOM-AT90-1106 Datasheet
279Kb / 6P
   Digital Attenuator, 50 dB, 6-Bit, TTL Driver, DC-2.4 GHz
MAAD-007082-000100 MACOM-MAAD-007082-000100 Datasheet
302Kb / 7P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC-2.4 GHz
logo
M/A-COM Technology Solu...
MAAD-007082-000100 MA-COM-MAAD-007082-000100 Datasheet
170Kb / 7P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC - 2.4 GHz
logo
Tyco Electronics
AT90-0106 MACOM-AT90-0106 Datasheet
279Kb / 6P
   Digital Attenuator, 50 dB, 6-Bit, TTL Driver, DC-2.4 GHz
logo
M/A-COM Technology Solu...
AT90-0106 MA-COM-AT90-0106 Datasheet
169Kb / 7P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC - 2.4 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com