Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAADCC0006TR Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAADCC0006TR
Description  Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-4.0 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAADCC0006TR Datasheet(HTML) 2 Page - Tyco Electronics

  MAADCC0006TR Datasheet HTML 1Page - Tyco Electronics MAADCC0006TR Datasheet HTML 2Page - Tyco Electronics MAADCC0006TR Datasheet HTML 3Page - Tyco Electronics MAADCC0006TR Datasheet HTML 4Page - Tyco Electronics MAADCC0006TR Datasheet HTML 5Page - Tyco Electronics MAADCC0006TR Datasheet HTML 6Page - Tyco Electronics MAADCC0006TR Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
!
*
"
"
# $ % &'(
$
)
*
+
,
$*
, -
5
J
6
* 1 ><C
6
/ ' ><C
3
3
J
J
* '
* 1
* 1
( '
3
"
3
6
* 1 ><C
6
/ ' ><C
3
3
J
J
J
J
K ' (G/;
K ' (G);
24L :
+
:
6
* 1 ><C
6
/ ' ><C
:
:
J
J
0 1%0
0 &%0
0 &%0
* '%0
4
4
1';
-'; 0'; :+
0';
-';
-';
0';
J
J
4
4
J
J
.1
*'
01'
1'
0 3
J
1'
<C
' 1 / ' ><C
3
3
J
J
G*0
G*-
J
J
7(
$
G1
3
1'
<C
' 1 / ' ><C
3
3
J
J
G(1
G/&
J
J
G2
J
J
2
/ .1
1 '
1 *1
2
J
J
2
& '
1 '
/ .1
2 5
2 <
5 L
< ><
J
J
2
2
' '
* '
J
J
' &
1 '
5
2
M 2
>E6
J
0 '
J
0 '
D
4
2
M 2
>E6
J
J
*1'
/''
4
7
$$5
7
2
M
,!2
M 2
* 0 2
J
J
J
0 '
99
299
,!2
M 2 5
2 <
J
0 '
' *
J
$
:
N
J
J
@ L
J
01
J
"
, -
.
/0
1
"
, -
,
7
' '1 ><C
' 1 / ' ><C
G*. 3
G(/ 3
2
' 12 O2
OG. '2
299
& 12 O299 OG' 12
2
299
' 12 O2
299 O0/ 12
2
1
' 12 O2
O2
G ' 12
$
/'P
G&1P
4
$
)1P
G0*1P
(
9,
"
/
"
1
4
4 $$5
!
.
2
3
)
E
*'&(
"


Similar Part No. - MAADCC0006TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAADCC0006TR MA-COM-MAADCC0006TR Datasheet
180Kb / 5P
   Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-4.0 GHz
MAADCC0006TR MA-COM-MAADCC0006TR Datasheet
799Kb / 6P
   Tape and Reel Packaging Available
More results

Similar Description - MAADCC0006TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAADCC0006 MA-COM-MAADCC0006 Datasheet
180Kb / 5P
   Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-4.0 GHz
AT90-0413 MA-COM-AT90-0413 Datasheet
178Kb / 7P
   Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-4.0 GHz
AT65-0413 MA-COM-AT65-0413 Datasheet
133Kb / 4P
   Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
AT-213-PIN MA-COM-AT-213-PIN Datasheet
110Kb / 4P
   Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
MAATCC0008 MA-COM-MAATCC0008 Datasheet
134Kb / 4P
   Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
logo
Tyco Electronics
AT-213-PIN MACOM-AT-213-PIN Datasheet
159Kb / 1P
   Digital Attenuator, 15.0 dB, 4-Bit, TTL Driver, DC - 3.0 GHz
logo
M/A-COM Technology Solu...
AT90-1413 MA-COM-AT90-1413 Datasheet
155Kb / 5P
   Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
MAAD-007077-000100 MA-COM-MAAD-007077-000100 Datasheet
182Kb / 5P
   Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
logo
Tyco Electronics
AT90-0413 MACOM-AT90-0413 Datasheet
299Kb / 5P
   Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 4.0 GHz
MAAD-007077-000100 MACOM-MAAD-007077-000100 Datasheet
263Kb / 5P
   Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com