Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAALSS0012 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAALSS0012
Description  Miniature Broadband Gain Stage, 70 - 3000 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAALSS0012 Datasheet(HTML) 1 Page - Tyco Electronics

  MAALSS0012 Datasheet HTML 1Page - Tyco Electronics MAALSS0012 Datasheet HTML 2Page - Tyco Electronics MAALSS0012 Datasheet HTML 3Page - Tyco Electronics MAALSS0012 Datasheet HTML 4Page - Tyco Electronics MAALSS0012 Datasheet HTML 5Page - Tyco Electronics MAALSS0012 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Miniature Broadband Gain Stage,
70 - 3000 MHz
MAALSS0012
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V12
1
Features
• Low Noise Figure
• High IP3
• Single +3 V or +5 V Supply Voltage
• Little performance change over Temperature
Description
M/A-COM’s MAALSS0012 broadband gain stage is
a GaAs MMIC amplifier in a low-cost miniature
SOT-363 surface mount plastic package.
The
MAALSS0012
employs
a
monolithic
1-stage
self-biased design featuring a convenient 50 ohm
input/output impedance that minimizes the number
of external components required.
The device
typically runs from a single 3.0 volt supply and may
also operate at any voltage up to 5.0 volts for
improved power performance. Its broadband design
provides usable performance from 70 to 3000 MHz.
To show off-chip tuning requirements from 70 to 210
MHz, IF application circuitry is available on page 6.
M/A-COM fabricates the MAALSS0012 using an
E/D MESFET process to realize low noise and high
dynamic
range.
The
process
features
full
passivation for performance and reliability.
1. Series inductor and decoupling capacitor recommended on
pin 6.
PIN Configuration
PIN
Function
Description
1
GND
Ground
2
GND
Ground
3
RF In
RF input
4
GND
Ground
5
GND
Ground
61
RF Out/VDD
RF output & drain voltage input
Ordering Information
Part Number
Package
MAALSS0012
Bulk Packaging
MAALSS0012TR
1000 piece reel
MAALSS0012TR-3000
3000 piece reel
MAALSS0012SMB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Absolute Maximum Ratings2
Parameter
Absolute Maximum
RF Input Power
15 dBm
Voltage
6.0 volts
Operating Temperature
-40 °C to +85 °C
Storage Temperature
-65 °C to +150 °C
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
Functional Block Diagram
Pin 1
GND
GND
GND
GND
Paddle
RF IN
RF OUT/
V
DD


Similar Part No. - MAALSS0012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0012 MACOM-MAALSS0012 Datasheet
114Kb / 8P
   Miniature Broadband Gain Stage 200 - 3000 MHz
MAALSS0012-3000 MACOM-MAALSS0012-3000 Datasheet
114Kb / 8P
   Miniature Broadband Gain Stage 200 - 3000 MHz
MAALSS0012SMB MACOM-MAALSS0012SMB Datasheet
114Kb / 8P
   Miniature Broadband Gain Stage 200 - 3000 MHz
MAALSS0012TR MACOM-MAALSS0012TR Datasheet
114Kb / 8P
   Miniature Broadband Gain Stage 200 - 3000 MHz
More results

Similar Description - MAALSS0012

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAALSS0034 MA-COM-MAALSS0034 Datasheet
152Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
Tyco Electronics
MAALSS0038 MACOM-MAALSS0038 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
M/A-COM Technology Solu...
MAALSS0038 MA-COM-MAALSS0038 Datasheet
214Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
Tyco Electronics
MAALSS0034 MACOM-MAALSS0034 Datasheet
195Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
AM50-0015 MACOM-AM50-0015 Datasheet
115Kb / 7P
   Miniature Broadband Gain Stage 200 - 3000 MHz
MAALSS0012 MACOM-MAALSS0012 Datasheet
114Kb / 8P
   Miniature Broadband Gain Stage 200 - 3000 MHz
logo
M/A-COM Technology Solu...
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
MAAL-009120 MA-COM-MAAL-009120_15 Datasheet
876Kb / 11P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com