Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAALSS0012TR-3000 Datasheet(PDF) 5 Page - Tyco Electronics

Part # MAALSS0012TR-3000
Description  Miniature Broadband Gain Stage, 70 - 3000 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAALSS0012TR-3000 Datasheet(HTML) 5 Page - Tyco Electronics

  MAALSS0012TR-3000 Datasheet HTML 1Page - Tyco Electronics MAALSS0012TR-3000 Datasheet HTML 2Page - Tyco Electronics MAALSS0012TR-3000 Datasheet HTML 3Page - Tyco Electronics MAALSS0012TR-3000 Datasheet HTML 4Page - Tyco Electronics MAALSS0012TR-3000 Datasheet HTML 5Page - Tyco Electronics MAALSS0012TR-3000 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Miniature Broadband Gain Stage,
70 - 3000 MHz
MAALSS0012
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V12
5
Typical Performance Curves (Cont’d)
Output P1dB VDD = 2.7 Volts
12
13
14
15
16
17
18
19
20
0.51.0
1.52.0
2.53.0
3.54.0
FREQUENCY (GHz)
25C
-40C
85C
S-Parameters VDD @ 2.7 V, T = 70 °C
-30
-25
-20
-15
-10
-5
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
FREQUENCY (GHz)
S11 2.7V
S21 2.7V
S22 2.7V
Noise Figure @ 2.7 Volts
0.0
0.5
1.0
1.5
2.0
2.5
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
FREQUENCY (GHz)
25C
-40C
85C
S-Parameters VDD @ 2.7 V, T = 25 °C
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
FREQUENCY (GHz)
S11 2.7V
S21 2.7V
S22 2.7V
S-Parameters VDD @ 2.7 V, T = - 40° C
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
FREQUENCY (GHz)
S11 2.7V
S21 2.7V
S22 2.7V


Similar Part No. - MAALSS0012TR-3000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0012TR MACOM-MAALSS0012TR Datasheet
114Kb / 8P
   Miniature Broadband Gain Stage 200 - 3000 MHz
More results

Similar Description - MAALSS0012TR-3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAALSS0034 MA-COM-MAALSS0034 Datasheet
152Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
Tyco Electronics
MAALSS0038 MACOM-MAALSS0038 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
M/A-COM Technology Solu...
MAALSS0038 MA-COM-MAALSS0038 Datasheet
214Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
Tyco Electronics
MAALSS0034 MACOM-MAALSS0034 Datasheet
195Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
AM50-0015 MACOM-AM50-0015 Datasheet
115Kb / 7P
   Miniature Broadband Gain Stage 200 - 3000 MHz
MAALSS0012 MACOM-MAALSS0012 Datasheet
114Kb / 8P
   Miniature Broadband Gain Stage 200 - 3000 MHz
logo
M/A-COM Technology Solu...
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
MAAL-009120 MA-COM-MAAL-009120_15 Datasheet
876Kb / 11P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com