Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAALSS0012SMB Datasheet(PDF) 6 Page - Tyco Electronics

Part # MAALSS0012SMB
Description  Miniature Broadband Gain Stage, 70 - 3000 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAALSS0012SMB Datasheet(HTML) 6 Page - Tyco Electronics

  MAALSS0012SMB Datasheet HTML 1Page - Tyco Electronics MAALSS0012SMB Datasheet HTML 2Page - Tyco Electronics MAALSS0012SMB Datasheet HTML 3Page - Tyco Electronics MAALSS0012SMB Datasheet HTML 4Page - Tyco Electronics MAALSS0012SMB Datasheet HTML 5Page - Tyco Electronics MAALSS0012SMB Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Miniature Broadband Gain Stage,
70 - 3000 MHz
MAALSS0012
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V12
6
IF Application Configuration
Frequency (MHz)
71
143
211
Configuration
C1, C2, C3
0.1 µF
0.1 µF
0.1 µF
L1
68 nH
39 nH
L2
220 nH
82 nH
39 nH
Typical
Performance
3V
5V
3V
5V
3V
5V
S11 (dB)
-11
-11
-15
-15
-15
-15
S22 (dB)
-13
-13
-11
-11
-11
-11
S21 (dB)
17
17
16.25
16.25
16
16
S12 (dB)
-25
-25
-25
-25
-25
-25
OIP3
29
30
29
30
26
27
NF (dB)
2.5
2.5
2.5
2.5
2
2
39 nH
IF Application Functional Block
Diagram
Pin 1
GND
GND
GND
GND
P addle
Input
C1
Output
L1
Vdd
C3
C2
L2
SC-70 6-Lead (SOT-363) Package


Similar Part No. - MAALSS0012SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0012SMB MACOM-MAALSS0012SMB Datasheet
114Kb / 8P
   Miniature Broadband Gain Stage 200 - 3000 MHz
More results

Similar Description - MAALSS0012SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAALSS0034 MA-COM-MAALSS0034 Datasheet
152Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
Tyco Electronics
MAALSS0038 MACOM-MAALSS0038 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
M/A-COM Technology Solu...
MAALSS0038 MA-COM-MAALSS0038 Datasheet
214Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
Tyco Electronics
MAALSS0034 MACOM-MAALSS0034 Datasheet
195Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
AM50-0015 MACOM-AM50-0015 Datasheet
115Kb / 7P
   Miniature Broadband Gain Stage 200 - 3000 MHz
MAALSS0012 MACOM-MAALSS0012 Datasheet
114Kb / 8P
   Miniature Broadband Gain Stage 200 - 3000 MHz
logo
M/A-COM Technology Solu...
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
MAAL-009120 MA-COM-MAAL-009120_15 Datasheet
876Kb / 11P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com