Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAMGM0002 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAAMGM0002
Description  Amplifier, Distributed, 0.1W 1.0-18.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMGM0002 Datasheet(HTML) 1 Page - Tyco Electronics

  MAAMGM0002 Datasheet HTML 1Page - Tyco Electronics MAAMGM0002 Datasheet HTML 2Page - Tyco Electronics MAAMGM0002 Datasheet HTML 3Page - Tyco Electronics MAAMGM0002 Datasheet HTML 4Page - Tyco Electronics MAAMGM0002 Datasheet HTML 5Page - Tyco Electronics MAAMGM0002 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Amplifier, Distributed, 0.1W
1.0-18.0 GHz
MAAMGM0002-DIE
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
Rev E
1
RoHS
Compliant
Primary Applications
Test Equipment
Electronic Warfare
Radar
Features
0.1 Watt Saturated Output Power Level
4 dB Typical Noise Figure
Select-at-Test Biasing
MSAG™ Process
Description
The MAAMGM0002-Die is a 0.1W Distributed Amplifier with on-chip
bias networks. This product is fully matched to 50 ohms on both the
input and output. The MMIC can be used as a broadband amplifier
stage or as a driver stage in high power applications.
Each device is 100% RF tested to ensure performance compliance.
The part is fabricated using M/A-COM’s GaAs Multifunction Self-
Aligned Gate Process.
M/A-COM’s MSAG™ process features robust silicon-like manufac-
turing processes, planar processing of ion implanted transistors, mul-
tiple implant capability enabling power, low-noise, switch and digital
FETs on a single chip, and polyimide scratch protection for ease of
use with automated manufacturing processes. The use of refractory
metals and the absence of platinum in the gate metal formulation
prevents hydrogen poisoning when employed in hermetic packaging.
Also Available in:
SAMPLES
Description
Ceramic Package
Sample Board (Die)
Sample Board (Packaged)
Part Number
MAAMGM0002
MAAMGM0002-DIE-SMB
MAAMGM0002-SMB
Electrical Characteristics: TB = 40°C
1, Z
0 = 50Ω, VDD = 5V, IDQ = 75 mA
2, P
in = 13 dBm
1.
TB = MMIC Base Temperature
2.
Adjust VGG between –1.0 and –0.3 V to achieve IDQ indicated.
Parameter
Symbol
Typical
Units
Bandwidth
f
GHz
Output Power
POUT
21
dBm
Power Added Efficiency
PAE
12
%
1-dB Compression Point
P1dB
20
dBm
Small Signal Gain
G
9
dB
Input VSWR
f = 2 GHz
VSWR
1.7:1
Gate Current
IGG
< 2
mA
Drain Current
IDD
100
mA
Output TOI
OTOI
31
dBm
Output VSWR
f = 2 GHz
VSWR
1.7:1
Noise Figure
NF
4
dB
Minimum
1.0
19.5
7
Maximum
18.0
2:1
2:1
150


Similar Part No. - MAAMGM0002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMGM0002 MACOM-MAAMGM0002 Datasheet
262Kb / 5P
   Amplifier, Distributed, 0.1W 1.0-18.0 GHz
More results

Similar Description - MAAMGM0002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMGM0002 MACOM-MAAMGM0002 Datasheet
262Kb / 5P
   Amplifier, Distributed, 0.1W 1.0-18.0 GHz
MAAPGM0052-DIE MACOM-MAAPGM0052-DIE Datasheet
335Kb / 6P
   Amplifier, Distributed Power 4.0-18.0 GHz
logo
Mimix Broadband
XD1001-BD MIMIX-XD1001-BD Datasheet
259Kb / 6P
   18.0-50.0 GHz GaAs MMIC Distributed Amplifier
XD1001 MIMIX-XD1001 Datasheet
341Kb / 6P
   18.0-50.0 GHz GaAs MMIC Distributed Amplifier
logo
Tyco Electronics
MAAPGM0053-DIE MACOM-MAAPGM0053-DIE Datasheet
339Kb / 5P
   Amplifier, Distributed Power, 0.5 W 2.0-18.0 GHz
MAAMGM0003-DIE MACOM-MAAMGM0003-DIE Datasheet
269Kb / 7P
   0.4W Variable Distributed Amplifier 1.0 - 15.0 GHz
MAAMGM0007-DIE MACOM-MAAMGM0007-DIE Datasheet
319Kb / 6P
   2.0-18.0 GHz Distributed Amp/Gain Block
logo
Qorvo, Inc
CMD240P4 QORVO-CMD240P4 Datasheet
268Kb / 10P
   DC-22 GHz Distributed Amplifier
CMD284P4 QORVO-CMD284P4_V01 Datasheet
445Kb / 14P
   DC-22 GHz Distributed Amplifier
December 6, 2021
logo
Custom MMIC Design Serv...
CMD241P4 MMIC-CMD241P4 Datasheet
269Kb / 10P
   2-22 GHz Distributed Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com