Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLD20D Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLD20D
Description  White LED power supply
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD20D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLD20D Datasheet HTML 3Page - STMicroelectronics STLD20D Datasheet HTML 4Page - STMicroelectronics STLD20D Datasheet HTML 5Page - STMicroelectronics STLD20D Datasheet HTML 6Page - STMicroelectronics STLD20D Datasheet HTML 7Page - STMicroelectronics STLD20D Datasheet HTML 8Page - STMicroelectronics STLD20D Datasheet HTML 9Page - STMicroelectronics STLD20D Datasheet HTML 10Page - STMicroelectronics STLD20D Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
STLD20D
Maximum ratings
7/31
3
Maximum ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Test conditions
Value
Unit
Min.
Typ.
Max.
VIN
Supply voltage range
2.5
5
V
VESD
ESD ratings
HBM MIL STD 883C
2
kV
TOP
Operating temperature
- 40
+ 85
°C
Tstg
Storage temperature
- 65
150
°C
BVDS
Breakdown voltage at pin SW and TSS and VOUT
20
V
SHDN
Maximum voltage applied on SHDN pin
VIN
V
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
RthJA
Mounted on epoxy board without
copper heatsink
SOT23-8L
300
°C/W
QFN
350


Similar Part No. - STLD20D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLD20D STMICROELECTRONICS-STLD20D Datasheet
67Kb / 8P
   WHITE LED POWER SUPPLY
STLD20D-C8 STMICROELECTRONICS-STLD20D-C8 Datasheet
67Kb / 8P
   WHITE LED POWER SUPPLY
STLD20D-DEF STMICROELECTRONICS-STLD20D-DEF Datasheet
67Kb / 8P
   WHITE LED POWER SUPPLY
More results

Similar Description - STLD20D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLD20D STMICROELECTRONICS-STLD20D Datasheet
67Kb / 8P
   WHITE LED POWER SUPPLY
STLD40D STMICROELECTRONICS-STLD40D_V01 Datasheet
345Kb / 16P
   White LED power supply for large display backlight
May 2011 Rev 7
STLD40D STMICROELECTRONICS-STLD40D Datasheet
306Kb / 14P
   White led power supply for large display backlight
AN2333 STMICROELECTRONICS-AN2333 Datasheet
364Kb / 9P
   White LED power supply for large display backlight
logo
Sipex Corporation
SP6415 SIPEX-SP6415 Datasheet
1Mb / 12P
   Integrated White LED Driver With Organic LED Display Power Supply
logo
Analog Microelectronics
AME5136 AME-AME5136 Datasheet
391Kb / 15P
   Integrated White LED Driver With Organic LED Display Power Supply
logo
National Semiconductor ...
LM3520 NSC-LM3520 Datasheet
963Kb / 14P
   Integrated White LED Driver with Organic LED Display Power Supply
LM3520_0509 NSC-LM3520_0509 Datasheet
960Kb / 14P
   Integrated White LED Driver with Organic LED Display Power Supply
logo
Texas Instruments
TPS61042EVM-226 TI-TPS61042EVM-226 Datasheet
244Kb / 22P
[Old version datasheet]   WHITE LIGHT LED BIAS SUPPLY EVM
logo
Elite Enterprises (H.K....
PG1C-4LXX-SD ELITE-PG1C-4LXX-SD Datasheet
853Kb / 19P
   4W White/ Warm White Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com