Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAMSS0048SMB-02 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MAAMSS0048SMB-02
Description  RF Driver Amplifier 250 - 4000 MHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0048SMB-02 Datasheet(HTML) 4 Page - Tyco Electronics

  MAAMSS0048SMB-02 Datasheet HTML 1Page - Tyco Electronics MAAMSS0048SMB-02 Datasheet HTML 2Page - Tyco Electronics MAAMSS0048SMB-02 Datasheet HTML 3Page - Tyco Electronics MAAMSS0048SMB-02 Datasheet HTML 4Page - Tyco Electronics MAAMSS0048SMB-02 Datasheet HTML 5Page - Tyco Electronics MAAMSS0048SMB-02 Datasheet HTML 6Page - Tyco Electronics MAAMSS0048SMB-02 Datasheet HTML 7Page - Tyco Electronics MAAMSS0048SMB-02 Datasheet HTML 8Page - Tyco Electronics MAAMSS0048SMB-02 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
RF Driver Amplifier
250 - 4000 MHz
MAAMSS0048
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V4
4
RoHS
Compliant
Part
Value
Used on Freq. Band Case Style
Manufacturer
Purpose
C1, C4
1000 pF
300, 900
0402
Murata
DC Block
C6
1000 pF
All
0402
Murata
DC Block / Bypass
C2
6 pF
900
0402
Murata
Input Tuning
C3
4.7 pF
900
0402
Murata
Output Tuning
C5
39 pF
1900, 2140
0402
Murata
Output Tuning & DC Block
C7
12 pF
1900, 2141
0402
Murata
Input Tuning & DC Block
C8
15 pF
All
0402
Murata
Bypass
C16, C17
15 pF
300
0402
Murata
Input & Output Tuning
C9, C10
0.1 uF
All
0402
Murata
Bypass
C11
3 pF
1900
0402
Murata
Input Tuning
C12
2.7 pF
1900
0402
Murata
Output Tuning
C13
2 pF
2140
0402
Murata
Input Tuning
C14
2.2 pF
2140
0402
Murata
Output Tuning
C15
0.5 pF
2140
0402
Murata
Output Tuning
C18
1.5 pF
2400, 2700
0402
Murata
Output Tuning
C19
1.0 pF
3500
0402
Murata
Input Tuning
C20, C21
0.8 pF
2700, 3500, 3700
0603
Murata
Input Tuning
L1
3.3 nH
900
0402
Coilcraft
Input Tuning
L2
7.5 nH
900, 1900, 2140, 2400,
2700, 3500, 3700
0402
Coilcraft
Bias Injection
L3
1 nH
900
0402
Coilcraft
Output Tuning
L4
22 nH
300
0402
Coilcraft
Bias Injection
L5
33 nH
300
0402
Coilcraft
Input Tuning
L6
9 nH
300
0402
Coilcraft
Output Tuning
R1, R2
0 W
1900, 2140
0402
Panasonic
Jumper
Parts List
Cross Section View
The PCB dielectric between RF traces and RF ground layers
should be chosen to reduce RF discontinuities between 50 Ω
lines and package pins. M/A-COM recommends an FR-4
dielectric thickness of 0.008” (0.20 mm) yielding a 50 Ω line
width of 0.015” (0.38 mm).
The recommended RF
metalization is 1 ounce copper.


Similar Part No. - MAAMSS0048SMB-02

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMSS0040 MACOM-MAAMSS0040 Datasheet
229Kb / 4P
   Low Noise CATV Amplifier 50 - 870 MHz
logo
M/A-COM Technology Solu...
MAAMSS0040 MA-COM-MAAMSS0040 Datasheet
107Kb / 4P
   Low Noise CATV Amplifier 50 - 870 MHz
logo
Tyco Electronics
MAAMSS0040SMB MACOM-MAAMSS0040SMB Datasheet
229Kb / 4P
   Low Noise CATV Amplifier 50 - 870 MHz
logo
M/A-COM Technology Solu...
MAAMSS0040SMB MA-COM-MAAMSS0040SMB Datasheet
107Kb / 4P
   Low Noise CATV Amplifier 50 - 870 MHz
logo
Tyco Electronics
MAAMSS0040TR MACOM-MAAMSS0040TR Datasheet
229Kb / 4P
   Low Noise CATV Amplifier 50 - 870 MHz
More results

Similar Description - MAAMSS0048SMB-02

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMSS0072 MACOM-MAAMSS0072 Datasheet
241Kb / 4P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0058 MACOM-MAAMSS0058 Datasheet
227Kb / 4P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0050 MACOM-MAAMSS0050 Datasheet
351Kb / 7P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0056 MACOM-MAAMSS0056 Datasheet
321Kb / 7P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0057 MACOM-MAAMSS0057 Datasheet
202Kb / 4P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0073 MACOM-MAAMSS0073 Datasheet
250Kb / 4P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0049 MACOM-MAAMSS0049 Datasheet
479Kb / 11P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0071 MACOM-MAAMSS0071 Datasheet
348Kb / 12P
   RF Driver Amplifier 300 - 4000 MHz
logo
Advanced Semiconductor ...
ASX415 ASB-ASX415_17 Datasheet
1Mb / 18P
   250 ~ 4000 MHz MMIC Amplifier
February 2017
logo
DAICO Industries, Inc.
CAMD6254 DAICO-CAMD6254 Datasheet
111Kb / 1P
   30 MHz RF Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com