Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAMSS0050SMB-02 Datasheet(PDF) 6 Page - Tyco Electronics

Part # MAAMSS0050SMB-02
Description  RF Driver Amplifier 250 - 4000 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0050SMB-02 Datasheet(HTML) 6 Page - Tyco Electronics

  MAAMSS0050SMB-02 Datasheet HTML 1Page - Tyco Electronics MAAMSS0050SMB-02 Datasheet HTML 2Page - Tyco Electronics MAAMSS0050SMB-02 Datasheet HTML 3Page - Tyco Electronics MAAMSS0050SMB-02 Datasheet HTML 4Page - Tyco Electronics MAAMSS0050SMB-02 Datasheet HTML 5Page - Tyco Electronics MAAMSS0050SMB-02 Datasheet HTML 6Page - Tyco Electronics MAAMSS0050SMB-02 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
RF Driver Amplifier
250 - 4000 MHz
MAAMSS0050
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
6
RoHS
Compliant
Typical Performance Curves, 1900 MHz Configuration, VCC = +5 V
Input Return Loss
Output Return Loss
Noise Figure
P1dB
Output IP3
Gain
0
5
10
15
20
1000
1500
2000
2500
3000
+25°C
-40°C
+85°C
Frequency (MHz)
0
5
10
15
20
1800
1900
2000
2100
2200
+25°C
-40°C
+85°C
Frequency (MHz)
-20
-15
-10
-5
0
1800
1900
2000
2100
2200
+25°C
-40°C
+85°C
Frequency (MHz)
-40
-30
-20
-10
0
1800
1900
2000
2100
2200
+25°C
-40°C
+85°C
Frequency (MHz)
0
10
20
30
40
50
0
5
10
15
20
25
30
+25°C
-40°C
+85°C
Output Power / Tone (dBm)
0
5
10
15
20
-5
0
5
10
15
20
25
30
35
Output Power (dBm)


Similar Part No. - MAAMSS0050SMB-02

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMSS0056 MACOM-MAAMSS0056 Datasheet
321Kb / 7P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0056SMB MACOM-MAAMSS0056SMB Datasheet
321Kb / 7P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0056TR-3000 MACOM-MAAMSS0056TR-3000 Datasheet
321Kb / 7P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0057 MACOM-MAAMSS0057 Datasheet
202Kb / 4P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0057SMB MACOM-MAAMSS0057SMB Datasheet
202Kb / 4P
   RF Driver Amplifier 250 - 4000 MHz
More results

Similar Description - MAAMSS0050SMB-02

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMSS0072 MACOM-MAAMSS0072 Datasheet
241Kb / 4P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0058 MACOM-MAAMSS0058 Datasheet
227Kb / 4P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0056 MACOM-MAAMSS0056 Datasheet
321Kb / 7P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0057 MACOM-MAAMSS0057 Datasheet
202Kb / 4P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0048 MACOM-MAAMSS0048 Datasheet
462Kb / 14P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0073 MACOM-MAAMSS0073 Datasheet
250Kb / 4P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0049 MACOM-MAAMSS0049 Datasheet
479Kb / 11P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0071 MACOM-MAAMSS0071 Datasheet
348Kb / 12P
   RF Driver Amplifier 300 - 4000 MHz
logo
Advanced Semiconductor ...
ASX415 ASB-ASX415_17 Datasheet
1Mb / 18P
   250 ~ 4000 MHz MMIC Amplifier
February 2017
logo
DAICO Industries, Inc.
CAMD6254 DAICO-CAMD6254 Datasheet
111Kb / 1P
   30 MHz RF Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com