Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAMSS0072 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAAMSS0072
Description  RF Driver Amplifier 250 - 4000 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0072 Datasheet(HTML) 3 Page - Tyco Electronics

  MAAMSS0072 Datasheet HTML 1Page - Tyco Electronics MAAMSS0072 Datasheet HTML 2Page - Tyco Electronics MAAMSS0072 Datasheet HTML 3Page - Tyco Electronics MAAMSS0072 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RF Driver Amplifier
250 - 4000 MHz
MAAMSS0072
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
3
RoHS
Compliant
-30
-25
-20
-15
-10
-5
0
3.00
3.25
3.50
3.75
4.00
+25C
Frequency (GHz)
5
10
15
20
25
3.00
3.25
3.50
3.75
4.00
+25C
Frequency (GHz)
-30
-25
-20
-15
-10
-5
0
3.00
3.25
3.50
3.75
4.00
+25C
Frequency (GHz)
Current
Gain
Output Return Loss
0
1
2
3
4
5
6
7
8
4
8
12
16
20
24
3.3 GHz EVM
3.4 GHz EVM
3.5 GHz EVM
3.6 GHz EVM
3.7 GHz EVM
3.8 GHz EVM
Channel Power (dBm)
P1dB
EVM
Input Return Loss
Typical Performance Curves: @ +25°C
10
15
20
25
30
5
1015
202530
3.3 GHz
3.5 GHz
3.8 GHz
P
OUT
(dBm)
190
200
210
220
230
240
250
4
8
12
16
20
24
3.3 GHz IC
3.4 GHz IC
3.5 GHz IC
3.6 GHz IC
3.7 GHz IC
3.8 GHz IC
Channel Power (dBm)


Similar Part No. - MAAMSS0072

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMSS0070 MACOM-MAAMSS0070 Datasheet
424Kb / 12P
   High Dynamic Range Amplifier 250 - 3800 MHz
logo
M/A-COM Technology Solu...
MAAMSS0070 MA-COM-MAAMSS0070 Datasheet
356Kb / 12P
   High Dynamic Range Amplifier 250 - 3800 MHz
logo
Tyco Electronics
MAAMSS0070TR-1000 MACOM-MAAMSS0070TR-1000 Datasheet
424Kb / 12P
   High Dynamic Range Amplifier 250 - 3800 MHz
logo
M/A-COM Technology Solu...
MAAMSS0070TR-1000 MA-COM-MAAMSS0070TR-1000 Datasheet
356Kb / 12P
   High Dynamic Range Amplifier 250 - 3800 MHz
logo
Tyco Electronics
MAAMSS0070TR-3000 MACOM-MAAMSS0070TR-3000 Datasheet
424Kb / 12P
   High Dynamic Range Amplifier 250 - 3800 MHz
More results

Similar Description - MAAMSS0072

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMSS0058 MACOM-MAAMSS0058 Datasheet
227Kb / 4P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0050 MACOM-MAAMSS0050 Datasheet
351Kb / 7P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0056 MACOM-MAAMSS0056 Datasheet
321Kb / 7P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0057 MACOM-MAAMSS0057 Datasheet
202Kb / 4P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0048 MACOM-MAAMSS0048 Datasheet
462Kb / 14P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0073 MACOM-MAAMSS0073 Datasheet
250Kb / 4P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0049 MACOM-MAAMSS0049 Datasheet
479Kb / 11P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0071 MACOM-MAAMSS0071 Datasheet
348Kb / 12P
   RF Driver Amplifier 300 - 4000 MHz
logo
Advanced Semiconductor ...
ASX415 ASB-ASX415_17 Datasheet
1Mb / 18P
   250 ~ 4000 MHz MMIC Amplifier
February 2017
logo
DAICO Industries, Inc.
CAMD6254 DAICO-CAMD6254 Datasheet
111Kb / 1P
   30 MHz RF Driver Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com