Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHX8N50E Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PHX8N50E
Description  PowerMOS transistors Avalanche energy rated
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHX8N50E Datasheet(HTML) 1 Page - NXP Semiconductors

  PHX8N50E Datasheet HTML 1Page - NXP Semiconductors PHX8N50E Datasheet HTML 2Page - NXP Semiconductors PHX8N50E Datasheet HTML 3Page - NXP Semiconductors PHX8N50E Datasheet HTML 4Page - NXP Semiconductors PHX8N50E Datasheet HTML 5Page - NXP Semiconductors PHX8N50E Datasheet HTML 6Page - NXP Semiconductors PHX8N50E Datasheet HTML 7Page - NXP Semiconductors PHX8N50E Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Philips Semiconductors
Product specification
PowerMOS transistors
PHX8N50E
Avalanche energy rated
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Repetitive Avalanche Rated
• Fast switching
V
DSS = 500 V
• Stable off-state characteristics
• High thermal cycling performance
I
D = 4.2 A
• Isolated package
R
DS(ON) ≤ 0.85 Ω
GENERAL DESCRIPTION
PINNING
SOT186A
N-channel,
enhancement
mode
PIN
DESCRIPTION
field-effect
power
transistor,
intended for use in off-line switched
1
gate
mode power supplies, T.V. and
computer monitor power supplies,
2
drain
d.c. to d.c. converters, motor control
circuits
and
general
purpose
3
source
switching applications.
case
isolated
The PHX8N50E is supplied in the
SOT186A
full
pack,
isolated
package.
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DSS
Drain-source voltage
T
j = 25 ˚C to 150˚C
-
500
V
V
DGR
Drain-gate voltage
T
j = 25 ˚C to 150˚C; RGS = 20 kΩ
-
500
V
V
GS
Gate-source voltage
-
± 30
V
I
D
Continuous drain current
T
hs =
25 ˚C; V
GS = 10 V
-
4.2
A
T
hs = 100 ˚C; VGS = 10 V
-
2.7
A
I
DM
Pulsed drain current
T
hs = 25 ˚C
-
34
A
P
D
Total dissipation
T
hs = 25 ˚C
-
37
W
T
j, Tstg
Operating junction and
- 55
150
˚C
storage temperature range
AVALANCHE ENERGY LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
E
AS
Non-repetitive avalanche
Unclamped inductive load, I
AS = 7.4 A;
-
531
mJ
energy
t
p = 0.22 ms; Tj prior to avalanche = 25˚C;
V
DD ≤ 50 V; RGS = 50 Ω; VGS = 10 V; refer
to fig:17
E
AR
Repetitive avalanche energy
1
I
AR = 8.5 A; tp = 2.5 µs; Tj prior to
-
13
mJ
avalanche = 25˚C; R
GS = 50 Ω; VGS = 10 V;
refer to fig:18
I
AS, IAR
Repetitive and non-repetitive
-
8.5
A
avalanche current
d
g
s
12 3
case
1 pulse width and repetition rate limited by T
j max.
December 1998
1
Rev 1.300


Similar Part No. - PHX8N50E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHX8ND50E PHILIPS-PHX8ND50E Datasheet
61Kb / 8P
   PowerMOS transistors FREDFET, Avalanche energy rated
August 1998 Rev 1.100
PHX8NQ11T PHILIPS-PHX8NQ11T Datasheet
90Kb / 12P
   N-channel TrenchMOS-TM standard level FET
Rev. 01-14 May 2004
logo
VBsemi Electronics Co.,...
PHX8NQ11T VBSEMI-PHX8NQ11T Datasheet
2Mb / 8P
   N-Channel 100-V (D-S) MOSFET
More results

Similar Description - PHX8N50E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP3N60E PHILIPS-PHP3N60E Datasheet
79Kb / 9P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHP11N50E PHILIPS-PHP11N50E Datasheet
41Kb / 7P
   PowerMOS transistors Avalanche energy rated
January 1998 Rev 1.000
PHP7N40E PHILIPS-PHP7N40E Datasheet
78Kb / 9P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX10N40E PHILIPS-PHX10N40E Datasheet
74Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX3N60E PHILIPS-PHX3N60E Datasheet
73Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHP10N40E PHILIPS-PHP10N40E Datasheet
115Kb / 7P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.000
PHX4N60E PHILIPS-PHX4N60E Datasheet
75Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHP6N60E PHILIPS-PHP6N60E Datasheet
74Kb / 9P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.300
PHP7N60E PHILIPS-PHP7N60E Datasheet
91Kb / 10P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.400
PHX2N60E PHILIPS-PHX2N60E Datasheet
65Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com