Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAPGM0074-DIE Datasheet(PDF) 4 Page - Tyco Electronics

Part # MAAPGM0074-DIE
Description  Amplifier, Power, 8W 2.0-8.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPGM0074-DIE Datasheet(HTML) 4 Page - Tyco Electronics

  MAAPGM0074-DIE Datasheet HTML 1Page - Tyco Electronics MAAPGM0074-DIE Datasheet HTML 2Page - Tyco Electronics MAAPGM0074-DIE Datasheet HTML 3Page - Tyco Electronics MAAPGM0074-DIE Datasheet HTML 4Page - Tyco Electronics MAAPGM0074-DIE Datasheet HTML 5Page - Tyco Electronics MAAPGM0074-DIE Datasheet HTML 6Page - Tyco Electronics MAAPGM0074-DIE Datasheet HTML 7Page - Tyco Electronics MAAPGM0074-DIE Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Amplifier, Power, 8W
2.0-8.0 GHz
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.comfor additional data sheets and product information.
4
MAAP-000074-PED000
Rev —
Preliminary Datasheet
Figure 7. Output Power vs. Input Power by Frequency at 10V and 25% IDSS
15
17
19
21
23
25
27
29
31
33
35
37
39
41
43
45
6
8
10
12
14
16
18
20
22
24
26
28
30
Input Power (dBm)
2 GHz
3 GHz
4 GHz
5 GHz
6 GHz
7 GHz
8 GHz
Figure 9. Power Added Efficiency vs. Input Power by Frequency at 10V and
25% IDSS
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
6
8
10
12
14
16
18
20
22
24
26
28
30
Input Power (dBm)
2 GHz
3 GHz
4 GHz
5 GHz
6 GHz
7 GHz
8 GHz
Figure 10. Drain Current vs. Input Power by Frequency at 10V and 25% IDSS
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
6
8
10
12
14
16
18
20
22
24
26
28
30
Input Power (dBm)
2 GHz
3 GHz
4 GHz
5 GHz
6 GHz
7 GHz
8 GHz
Figure 8. Gain vs. Output Power by Frequency at 10V and 25% IDSS
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
15
17
19
21
23
25
27
29
31
33
35
37
39
41
43
Output Power (dBm)
3 GHz
5.5 GHz
8 GHz
Figure 12. Gain vs. Output Power by Frequency at 8V and 25% IDSS
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
15
17
19
21
23
25
27
29
31
33
35
37
39
41
43
Output Power (dBm)
3 GHz
5.5 GHz
8 GHz
Figure 11. Output Power vs. Input Power by Frequency at 8V and 25% IDSS
15
17
19
21
23
25
27
29
31
33
35
37
39
41
43
45
6
8
10
12
14
16
18
20
22
24
26
28
30
Input Power (dBm)
2 GHz
3 GHz
4 GHz
5 GHz
6 GHz
7 GHz
8 GHz
All Data is at 30ºC MMIC base temperature, CW stimulus, unless otherwise noted.


Similar Part No. - MAAPGM0074-DIE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0074-DIE MACOM-MAAPGM0074-DIE Datasheet
517Kb / 7P
   Amplifier, Power, 8W 2.0-8.0 GHz
More results

Similar Description - MAAPGM0074-DIE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAP-000074-PKG001 MACOM-MAAP-000074-PKG001 Datasheet
187Kb / 5P
   Amplifier, Power, 8W 2.0-8.0 GHz
MAAPGM0074-DIE MACOM-MAAPGM0074-DIE Datasheet
517Kb / 7P
   Amplifier, Power, 8W 2.0-8.0 GHz
logo
Teledyne Technologies I...
ACP8039 TELEDYNE-ACP8039 Datasheet
97Kb / 1P
   2.0-8.0 GHz COUGARPAK AMPLIFIER
ACP8037 TELEDYNE-ACP8037 Datasheet
102Kb / 1P
   2.0-8.0 GHz COUGARPAK AMPLIFIER
ACP8036 TELEDYNE-ACP8036 Datasheet
96Kb / 1P
   2.0-8.0 GHz COUGARPAKAMPLIFIER
logo
M/A-COM Technology Solu...
MAAM28000-A1 MA-COM-MAAM28000-A1 Datasheet
127Kb / 3P
   Wide Band GaAs MMIC Amplifier 2.0 - 8.0 GHz
MAAM28000 MA-COM-MAAM28000 Datasheet
221Kb / 4P
   Wide Band GaAs MMIC Amplifier 2.0 - 8.0 GHz
logo
TriQuint Semiconductor
AP562 TRIQUINT-AP562_15 Datasheet
503Kb / 8P
   3.3-3.8 GHz WiMAX 8W Power Amplifier
AP561 TRIQUINT-AP561_09 Datasheet
1Mb / 15P
   0.7-2.9 GHz WiMAX 8W Power Amplifier
AP561-F TRIQUINT-AP561-F_15 Datasheet
1Mb / 17P
   0.7-2.9 GHz 8W HBT Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com