Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAP-000078-PED000 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAAP-000078-PED000
Description  Amplifier, Power, 12W 2.0-6.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAP-000078-PED000 Datasheet(HTML) 3 Page - Tyco Electronics

  MAAP-000078-PED000 Datasheet HTML 1Page - Tyco Electronics MAAP-000078-PED000 Datasheet HTML 2Page - Tyco Electronics MAAP-000078-PED000 Datasheet HTML 3Page - Tyco Electronics MAAP-000078-PED000 Datasheet HTML 4Page - Tyco Electronics MAAP-000078-PED000 Datasheet HTML 5Page - Tyco Electronics MAAP-000078-PED000 Datasheet HTML 6Page - Tyco Electronics MAAP-000078-PED000 Datasheet HTML 7Page - Tyco Electronics MAAP-000078-PED000 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Amplifier, Power, 12W
2.0-6.0 GHz
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.comfor additional data sheets and product information.
Rev —
Preliminary Datasheet
3
MAAP-000078-PED000
Figure 2. 1dB Compression Point and Drain Voltage at 25% IDSS
20
23
26
29
32
35
38
41
44
47
50
2.02.5
3.03.5
4.04.5
5.05.5
6.0
6.5
Frequency (GHz)
6V
8V
10V
Figure 3. Saturated Output Power vs. Frequency and Drain Voltage at
25% IDSS
20
23
26
29
32
35
38
41
44
47
50
2.02.5
3.03.5
4.04.5
5.0
5.5
6.06.5
Frequency (GHz)
6V
8V
10V
Figure 5. Small Signal Gain and Input and Output VSWR
at 25% IDSS, VD = 10V
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
Frequency (GHz)
1
2
3
4
5
6
Gain
Input VSWR
Output VSWR
All Data is at 55ºC MMIC base temperature, CW stimulus, unless otherwise noted.
Figure 4. Saturated Output Power vs. Frequency and Temperature at
10V and 25% IDSS
20
23
26
29
32
35
38
41
44
47
50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
5.50
6.00
6.50
Frequency (GHz)
10ºC
55ºC
110ºC
Figure 6. Output Power, Small Signal Gain, Power Added Efficiency, and
Drain Current vs. Junction Temperature at 10V, 4 GHz, and 25% IDSS
10
14
18
22
26
30
34
38
42
46
50
30
40
50
60
70
80
90
100
110
120
130
140
150
Junction Temperature (ºC)
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
Pout
SSG
PAE
IDS
Figure 1. Output Power and Power Added Efficiency
at VD = 10V, Pin = 24dBm, and 25% IDSS
20
23
26
29
32
35
38
41
44
47
50
2.0
2.5
3.03.5
4.04.5
5.05.5
6.06.5
Frequency (GHz)
0
5
10
15
20
25
30
35
40
45
50
Pout
PAE


Similar Part No. - MAAP-000078-PED000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAP-000078-PKG001 MACOM-MAAP-000078-PKG001 Datasheet
187Kb / 5P
   Amplifier, Power, 12W 2.0-6.0 GHz
More results

Similar Description - MAAP-000078-PED000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0078-DIE MACOM-MAAPGM0078-DIE Datasheet
894Kb / 7P
   Amplifier, Power, 12W 2.0-6.0 GHz
MAAP-000078-PKG001 MACOM-MAAP-000078-PKG001 Datasheet
187Kb / 5P
   Amplifier, Power, 12W 2.0-6.0 GHz
logo
M/A-COM Technology Solu...
MAAM26100-P1 MA-COM-MAAM26100-P1 Datasheet
104Kb / 3P
   GaAs MMIC Power Amplifier 2.0 - 6.0 GHz
logo
Mimix Broadband
CMM-5-BD MIMIX-CMM-5-BD Datasheet
1Mb / 5P
   2.0-6.0 GHz GaAs MMIC Amplifier
CMM-2 MIMIX-CMM-2 Datasheet
446Kb / 4P
   2.0-6.0 GHz GaAs MMIC Amplifier
logo
Cree, Inc
CMPA2060025D CREE-CMPA2060025D Datasheet
437Kb / 7P
   25 W, 2.0 - 6.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA2060035F WOLFSPEED-CMPA2060035F Datasheet
1,021Kb / 10P
   35 W, 2.0 - 6.0 GHz, GaN MMIC Power Amplifier
Rev. 1.0, 2022-8-26
CMPA2060035D WOLFSPEED-CMPA2060035D Datasheet
400Kb / 8P
   35 W, 2.0 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 0.1 April 2020
CMPA2060035F1 WOLFSPEED-CMPA2060035F1 Datasheet
1Mb / 17P
   35 W, 2.0 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 0.2 September 2021
logo
List of Unclassifed Man...
CMM-2 ETC1-CMM-2 Datasheet
485Kb / 4P
   2.0 TO 6.0 GHz GaAs MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com