Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAP-000079-PKG001 Datasheet(PDF) 7 Page - Tyco Electronics

Part # MAAP-000079-PKG001
Description  Amplifier, Power, 18W 7.5-10.5 GHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAP-000079-PKG001 Datasheet(HTML) 7 Page - Tyco Electronics

  MAAP-000079-PKG001 Datasheet HTML 1Page - Tyco Electronics MAAP-000079-PKG001 Datasheet HTML 2Page - Tyco Electronics MAAP-000079-PKG001 Datasheet HTML 3Page - Tyco Electronics MAAP-000079-PKG001 Datasheet HTML 4Page - Tyco Electronics MAAP-000079-PKG001 Datasheet HTML 5Page - Tyco Electronics MAAP-000079-PKG001 Datasheet HTML 6Page - Tyco Electronics MAAP-000079-PKG001 Datasheet HTML 7Page - Tyco Electronics MAAP-000079-PKG001 Datasheet HTML 8Page - Tyco Electronics MAAP-000079-PKG001 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Amplifier, Power, 18W
7.5-10.5 GHz
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.comfor additional data sheets and product information.
Rev —
Preliminary Datasheet
7
MAAP-000079-PED000
Pad
Size (
μm)
RF In and Out
100 x 200
DC Drain Supply Voltage VD1,2
200 x 150
DC Gate Supply Voltage VG1,2
150 x 150
Size (mils)
4 x 8
8 x 6
6 x 6
DC Gate Supply Voltage VG3
150 x 125
6 x 5
DC Drain Supply Voltage VD3
500 x 200
20 x 8
Pad No.
1
2
3
4
5
Bond Pad Dimensions
Mechanical Information
Chip edge to bond pad dimensions are shown to the center of the bond pad.
Figure 20. Die Layout


Similar Part No. - MAAP-000079-PKG001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAP-000079-PKG001 MACOM-MAAP-000079-PKG001 Datasheet
188Kb / 5P
   Amplifier, Power, 20W 7.5-10.5 GHz
MAAP-000079-PKG001 MACOM-MAAP-000079-PKG001 Datasheet
529Kb / 8P
   Amplifier, Power, 20W 7.5-10.5 GHz
More results

Similar Description - MAAP-000079-PKG001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAP-000079-PKG001 MACOM-MAAP-000079-PKG001 Datasheet
188Kb / 5P
   Amplifier, Power, 20W 7.5-10.5 GHz
MAAPGM0079-DIE MACOM-MAAPGM0079-DIE Datasheet
529Kb / 8P
   Amplifier, Power, 20W 7.5-10.5 GHz
logo
TriQuint Semiconductor
TGA8286 TRIQUINT-TGA8286 Datasheet
546Kb / 7P
   8 - 10.5 GHz Power Amplifier
logo
Tyco Electronics
MA08509D MACOM-MA08509D_1 Datasheet
208Kb / 5P
   Amplifier, Power, 10W 8.5-10.5 GHz
logo
TriQuint Semiconductor
TGA2704 TRIQUINT-TGA2704_15 Datasheet
307Kb / 15P
   9 to 10.5 GHz High Power Amplifier
TGA2710 TRIQUINT-TGA2710_15 Datasheet
313Kb / 16P
   10.5 to 12 GHz High Power Amplifier
logo
Transcom, Inc.
TA085-105-31-17 TRANSCOM-TA085-105-31-17 Datasheet
17Kb / 1P
   8.5 - 10.5 GHz 17dBm Amplifier
logo
Qorvo, Inc
TGA3042-SM QORVO-TGA3042-SM Datasheet
796Kb / 18P
   7 ??10.5 GHz 4.5 W GaN Power Amplifier
logo
Excelics Semiconductor,...
EIM6775-4 EXCELICS-EIM6775-4 Datasheet
180Kb / 3P
   6.7 - 7.5 GHz Multi-Stage Power Amplifier
EIM6775-5 EXCELICS-EIM6775-5 Datasheet
108Kb / 3P
   6.7 - 7.5 GHz Multi-Stage Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com