Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAP-000080-MCH000 Datasheet(PDF) 7 Page - Tyco Electronics

Part # MAAP-000080-MCH000
Description  Amplifier, Power, 1 W 2-18 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAP-000080-MCH000 Datasheet(HTML) 7 Page - Tyco Electronics

  MAAP-000080-MCH000 Datasheet HTML 1Page - Tyco Electronics MAAP-000080-MCH000 Datasheet HTML 2Page - Tyco Electronics MAAP-000080-MCH000 Datasheet HTML 3Page - Tyco Electronics MAAP-000080-MCH000 Datasheet HTML 4Page - Tyco Electronics MAAP-000080-MCH000 Datasheet HTML 5Page - Tyco Electronics MAAP-000080-MCH000 Datasheet HTML 6Page - Tyco Electronics MAAP-000080-MCH000 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Amplifier, Power, 1 W
2-18 GHz
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
Rev -
Preliminary Datasheet
7
MAAP-000080-DIE000
Figure 2. Recommended operational configuration. Wire bond as shown
.
Assembly Instructions:
Die attach:
Use AuSn (80/20) 1 mil. preform solder. Limit time @ 300 °C
to less than 5 minutes.
Wirebonding:
Bond @ 160 °C using standard ball or thermal compres-
sion wedge bond techniques. For DC pad connections, use either ball or
wedge bonds. For best RF performance, use wedge bonds of shortest
length, although ball bonds are also acceptable.
Biasing Note: Must apply negative bias to VGG before applying posi-
tive bias to VDD to prevent
Assembly and Bonding Diagram
100 pF
RF
OUT
RF
IN
100 pF
0.1
μF
V
GG
0.1
μF
130
Ω
V
DD


Similar Part No. - MAAP-000080-MCH000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-000082 MA-COM-MAAP-000082 Datasheet
224Kb / 6P
   PHS Power Amplifier 1880 - 1930 MHz
MAAP-000082 MA-COM-MAAP-000082 Datasheet
224Kb / 6P
   PHS Power Amplifier
MAAP-000082 MA-COM-MAAP-000082 Datasheet
224Kb / 6P
   PHS Power Amplifier
MAAP-000082-001SMB MA-COM-MAAP-000082-001SMB Datasheet
224Kb / 6P
   PHS Power Amplifier 1880 - 1930 MHz
MAAP-000082-TR3000 MA-COM-MAAP-000082-TR3000 Datasheet
224Kb / 6P
   PHS Power Amplifier 1880 - 1930 MHz
More results

Similar Description - MAAP-000080-MCH000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0080-DIE MACOM-MAAPGM0080-DIE Datasheet
331Kb / 7P
   Amplifier, Power, 1 W 2-18 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6408 AVAGO-AMMP-6408_15 Datasheet
376Kb / 10P
   6 to 18 GHz 1 W Power Amplifier
logo
Analog Devices
ADPA7006CHIP AD-ADPA7006CHIP Datasheet
460Kb / 24P
   18 GHz to 44 GHz, GaAs, pHEMT, MMIC, 1/2 W Power Amplifier
logo
TriQuint Semiconductor
TGA2621 TRIQUINT-TGA2621_15 Datasheet
474Kb / 13P
   16 to 18 GHz 1 W GaAs Power Amplifier
logo
Vishay Siliconix
AN7188K VISHAY-AN7188K Datasheet
20Kb / 1P
   2 Power Amplifier 18 W
logo
Teledyne Technologies I...
TMA-18-2004 TELEDYNE-TMA-18-2004 Datasheet
889Kb / 2P
   Amplifier 2 GHz - 18 GHz
CLA-18-2002 TELEDYNE-CLA-18-2002 Datasheet
895Kb / 2P
   Amplifier 2 GHz - 18 GHz
CLA-18-2003 TELEDYNE-CLA-18-2003 Datasheet
894Kb / 2P
   Amplifier 2 GHz - 18 GHz
TMA-18-2002 TELEDYNE-TMA-18-2002 Datasheet
891Kb / 2P
   Amplifier 2 GHz - 18 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6408 AVAGO-AMMP-6408 Datasheet
524Kb / 12P
   6 to 18 GHz 1 W Power Amplifier in SMT Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com