Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAPGM0026-DIE Datasheet(PDF) 5 Page - Tyco Electronics

Part # MAAPGM0026-DIE
Description  Amplifier, Power, 0.6W 1.5-3.3 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPGM0026-DIE Datasheet(HTML) 5 Page - Tyco Electronics

  MAAPGM0026-DIE Datasheet HTML 1Page - Tyco Electronics MAAPGM0026-DIE Datasheet HTML 2Page - Tyco Electronics MAAPGM0026-DIE Datasheet HTML 3Page - Tyco Electronics MAAPGM0026-DIE Datasheet HTML 4Page - Tyco Electronics MAAPGM0026-DIE Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Amplifier, Power, 0.6W
1.5-3.3 GHz
MAAPGM0026-DIE
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
903185 —
Preliminary Information
5
Figure 6. Recommended bonding diagram for pedestal mount.
Support circuitry typical of MMIC characterization fixture for CW test-
Assembly Instructions:
Die attach: Use AuSn (80/20) 1 mil. preform solder. Limit time @ 300 °C to less than 5 minutes.
Wirebonding: Bond @ 160 °C using standard ball or thermal compression wedge bond techniques.
For DC pad connections, use either ball or wedge bonds. For best RF performance, use wedge
bonds of shortest length, although ball bonds are also acceptable.
Biasing Note: Must apply negative bias to VGG before applying positive bias to VDD to prevent
damage to amplifier.
100 pF
100 pF
RF
IN
RF
OUT
0.1
μF
V
GG
0.1
μF
V
DD
Assembly and Bonding Diagram


Similar Part No. - MAAPGM0026-DIE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0021 MACOM-MAAPGM0021 Datasheet
234Kb / 5P
   5.0-8.5GHz 2W Power Amplifier
MAAPGM0021 MACOM-MAAPGM0021 Datasheet
428Kb / 9P
   Amplifier, Power, 2W 5.0-8.5 GHz
MAAPGM0021-DIE MACOM-MAAPGM0021-DIE Datasheet
404Kb / 6P
   2W C/X-Band Power Amplifier 4.5-9.0 GHz
MAAPGM0021-SMB MACOM-MAAPGM0021-SMB Datasheet
428Kb / 9P
   Amplifier, Power, 2W 5.0-8.5 GHz
MAAPGM0027 MACOM-MAAPGM0027 Datasheet
262Kb / 5P
   1.0W Power Amplifier 2.0-4.0 GHZ
More results

Similar Description - MAAPGM0026-DIE

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TA7368P UTC-TA7368P Datasheet
211Kb / 7P
   0.6W AUDIO POWER AMPLIFIER
TA7368P UTC-TA7368P_10 Datasheet
220Kb / 7P
   0.6W AUDIO POWER AMPLIFIER
UTCTA7368P UTC-UTCTA7368P Datasheet
27Kb / 3P
   0.6W AUDIO POWER AMPLIFIER
TA7368P UTC-TA7368P_15 Datasheet
261Kb / 7P
   0.6W AUDIO POWER AMPLIFIER
logo
AVAGO TECHNOLOGIES LIMI...
MGA-23003 AVAGO-MGA-23003_15 Datasheet
694Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifier
logo
Mimix Broadband
CMM1631-SM MIMIX-CMM1631-SM Datasheet
222Kb / 3P
   16.0-18.0 GHz 1.5-Watt Power Amplifier
CMM1631-SM_0608 MIMIX-CMM1631-SM_0608 Datasheet
227Kb / 4P
   16.0-18.0 GHz 1.5-Watt Power Amplifier
logo
TriQuint Semiconductor
TGA1082B TRIQUINT-TGA1082B Datasheet
405Kb / 3P
   27- 32 GHz 1.5 Watt Power Amplifier
logo
Texas Instruments
TRF1223 TI-TRF1223 Datasheet
198Kb / 10P
[Old version datasheet]   3.3-GHz TO 3.8-GHZ 1-W Power Amplifier
logo
Skyworks Solutions Inc.
SKY65006 SKYWORKS-SKY65006 Datasheet
318Kb / 9P
   3.3 V, 2.5 GHz Linear Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com