Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAPGM0029-DIE Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAAPGM0029-DIE
Description  Amplifier, Power, 1W 3.5-6.5 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPGM0029-DIE Datasheet(HTML) 3 Page - Tyco Electronics

  MAAPGM0029-DIE Datasheet HTML 1Page - Tyco Electronics MAAPGM0029-DIE Datasheet HTML 2Page - Tyco Electronics MAAPGM0029-DIE Datasheet HTML 3Page - Tyco Electronics MAAPGM0029-DIE Datasheet HTML 4Page - Tyco Electronics MAAPGM0029-DIE Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Amplifier, Power, 1W
3.5-6.5 GHz
MAAPGM0029-DIE
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
903240 —
Preliminary Information
3
Figure 1. Output Power and Power Added Efficiency vs. Frequency at VDD = 8V
and Pin = 16dBm.
0
10
20
30
40
50
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
Frequency (GHz)
0
10
20
30
40
50
POUT
PAE
0
10
20
30
40
50
45
6
7
89
10
Drain Voltage (V)
0
10
20
30
40
50
POUT
PAE
Figure 2. Saturated Output Power and Power Added Efficiency vs. Drain Voltage at fo = 5 GHz.
Figure 3. 1dB Compression Point vs. Drain Voltage
0
10
20
30
40
50
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
Frequency (GHz)
VDD = 4
VDD = 6
VDD = 8
VDD = 10
Figure 4. Small Signal Gain and Input VSWR vs. Frequency at VDD = 8V.
5
10
15
20
25
30
2.53.0
3.54.0
4.55.0
5.56.0
6.57.0
Frequency (GHz)
1
2
3
4
5
6
GAIN
VSWR


Similar Part No. - MAAPGM0029-DIE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0029 MACOM-MAAPGM0029 Datasheet
205Kb / 5P
   3.6-6.5 GHz 1W Power Amplifier
More results

Similar Description - MAAPGM0029-DIE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0029 MACOM-MAAPGM0029 Datasheet
205Kb / 5P
   3.6-6.5 GHz 1W Power Amplifier
logo
Transcom, Inc.
TA031-035-30-30 TRANSCOM-TA031-035-30-30 Datasheet
17Kb / 1P
   3.1 - 3.5 GHz 1W Amplifier
logo
Excelics Semiconductor,...
EMP109 EXCELICS-EMP109 Datasheet
204Kb / 3P
   5.0 - 6.5 GHz Power Amplifier MMIC
logo
Tyco Electronics
MAAP-000064-PKG003 MACOM-MAAP-000064-PKG003 Datasheet
152Kb / 4P
   Amplifier, Power, 2W 6.5-9.5 GHz
MAAPGM0037-DIE MACOM-MAAPGM0037-DIE Datasheet
189Kb / 5P
   Amplifier, Power, 1.0W 6.5-12.5 GHz
logo
Excelics Semiconductor,...
EMP109-P1 EXCELICS-EMP109-P1 Datasheet
87Kb / 1P
   5.0 - 6.5 GHz Power Amplifier MMIC
EMP104-P2 EXCELICS-EMP104-P2 Datasheet
94Kb / 2P
   5.0 - 6.5 GHz Power Amplifier MMIC
RFMA5065-1W EXCELICS-RFMA5065-1W Datasheet
91Kb / 2P
   5.0 - 6.5 GHz Power Amplifier MMIC
RFMA5065-2W EXCELICS-RFMA5065-2W Datasheet
94Kb / 2P
   5.0 - 6.5 GHz Power Amplifier MMIC
logo
Tyco Electronics
MAAPGM0028 MACOM-MAAPGM0028 Datasheet
213Kb / 5P
   2.0-6.5 GHz 0.5W Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com