Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPV23NF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BPV23NF
Description  Silicon PIN Photodiode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BPV23NF Datasheet(HTML) 2 Page - Vishay Siliconix

  BPV23NF_06 Datasheet HTML 1Page - Vishay Siliconix BPV23NF_06 Datasheet HTML 2Page - Vishay Siliconix BPV23NF_06 Datasheet HTML 3Page - Vishay Siliconix BPV23NF_06 Datasheet HTML 4Page - Vishay Siliconix BPV23NF_06 Datasheet HTML 5Page - Vishay Siliconix BPV23NF_06 Datasheet HTML 6Page - Vishay Siliconix BPV23NF_06 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number 81513
Rev. 1.6, 13-Nov-06
BPV23NF(L)
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Optical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward Voltage
IF = 50 mA
VF
11.3
V
Breakdown Voltage
IR = 100 μA, E = 0
V(BR)
60
V
Reverse Dark Current
VR = 10 V, E = 0
Iro
230
nA
Diode capacitance
VR = 0 V, f = 1 MHz, E = 0
CD
48
pF
Serial Resistance
VR = 12 V, f = 1 MHz
RS
900
Ω
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Open Circuit Voltage
Ee = 1 mW/cm
2,
λ = 950 nm
Vo
390
mV
Temp. Coefficient of Vo
Ee = 1 mW/cm
2,
λ = 950 nm
TKVo
- 2.6
mV/K
Short Circuit Current
Ee = 1 mW/cm
2,
λ = 950 nm
Ik
65
μA
Reverse Light Current
Ee = 1 mW/cm
2,
λ = 870 nm,
VR = 5 V
Ira
45
65
μA
Temp. Coefficient of Ira
Ee = 1 mW/cm
2,
λ = 950 nm,
VR = 10 V
TKIra
0.1
%/K
Absolute Spectral Sensitivity
VR = 5 V, λ = 870 nm
s(
λ)
0.57
A/W
VR = 5 V, λ = 950 nm
s(
λ)
0.60
A/W
Angle of Half Sensitivity
ϕ
± 60
deg
Wavelength of Peak Sensitivity
λ
p
940
nm
Range of Spectral Bandwidth
λ
0.5
790 to 1050
nm
Quantum Efficiency
λ = 950 nm
η
90
%
Noise Equivalent Power
VR = 10 V, λ = 950 nm
NEP
4 x 10-14
W/
√ Hz
Detectivity
VR = 10 V, λ = 950 nm
D*
5 x 1012
cm
√Hz/W
Rise Time
VR = 10 V, RL = 1 kΩ, λ = 820 nm
tr
70
ns
Fall Time
VR = 10 V, RL = 1 kΩ, λ = 820 nm
tf
70
ns
Cut-Off Frequency
VR = 12 V, RL = 1 kΩ, λ = 870 nm
fc
4MHz
VR = 12 V, RL = 1 kΩ, λ = 950 nm
fc
1MHz


Similar Part No. - BPV23NF_06

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF_08 Datasheet
127Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 1.7, 08-Sep-08
More results

Similar Description - BPV23NF_06

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
   Silicon PIN Photodiode
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
   PIN SILICON PHOTODIODE
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
   Silicon PIN Photodiode
Rev. 3, 16-Nov-99
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
   Silicon PIN Photodiode
Rev. 1.0, 09-Jan-14
VBPW34FAS VISHAY-VBPW34FAS_11 Datasheet
164Kb / 8P
   Silicon PIN Photodiode
Rev. 1.2, 24-Aug-11
TEFD4300 VISHAY-TEFD4300_14 Datasheet
93Kb / 5P
   Silicon PIN Photodiode
Rev. 1.2, 04-Aug-14
BPV23NF VISHAY-BPV23NF_11 Datasheet
126Kb / 5P
   Silicon PIN Photodiode
Rev. 1.8, 24-Aug-11
T1110P6 VISHAY-T1110P6_14 Datasheet
79Kb / 4P
   Silicon PIN Photodiode
Rev. 1.5, 21-May-14
T1180P6 VISHAY-T1180P6 Datasheet
87Kb / 5P
   Silicon PIN Photodiode
Rev. 1.2, 07-Dec-15
T1187P6 VISHAY-T1187P6 Datasheet
101Kb / 5P
   Silicon PIN Photodiode
Rev. 1.1, 14-Apr-15
VEMD6060X01 VISHAY-VEMD6060X01 Datasheet
168Kb / 8P
   Silicon PIN Photodiode
Rev. 1.0, 14-Jan-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com