Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAPGM0041-DIE Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAAPGM0041-DIE
Description  1.3W X/Ku-Band Power Amplifier 11.0-15.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPGM0041-DIE Datasheet(HTML) 1 Page - Tyco Electronics

  MAAPGM0041-DIE Datasheet HTML 1Page - Tyco Electronics MAAPGM0041-DIE Datasheet HTML 2Page - Tyco Electronics MAAPGM0041-DIE Datasheet HTML 3Page - Tyco Electronics MAAPGM0041-DIE Datasheet HTML 4Page - Tyco Electronics MAAPGM0041-DIE Datasheet HTML 5Page - Tyco Electronics MAAPGM0041-DIE Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1.3W X/Ku-Band Power Amplifier
11.0-15.0 GHz
11.0-15.0 GHz GaAs MMIC Amplifier
RO-P-DS-3042- -
Preliminary Information
Features
11.0-15.0 GHz Operation
1.3 Watt Saturated Output Power Level
Variable Drain Voltage (4-10V) Operation
Self-Aligned MSAG® MESFET Process
Primary Applications
Point-to-Point Radio
SatCom
Radio Location
Description
The MAAPGM0041-DIE is a 3-stage 1.3 W power amplifier with
on-chip bias networks. This product is fully matched to 50 ohms
on both the input and output. It can be used as a power amplifier
stage or as a driver stage in high power applications.
Each device is 100% RF tested on wafer to ensure performance
compliance. The part is fabricated using M/A-COM’s repeatable,
high performance and highly reliable GaAs Multifunction Self-
Aligned Gate (MSAG®) MESFET Process. This process features
silicon oxynitride passivation and polyimide scratch protection.
Electrical Characteristics: TB = 40°C
1, Z0 = 50 Ω, VDD = 8V, VGG = -2V, Pin = 16 dBm
1. TB = MMIC Base Temperature
Parameter
Symbol
Typical
Units
Bandwidth
f
11.0-15.0
GHz
Output Power
POUT
31
dBm
Power Added Efficiency
PAE
32
%
1-dB Compression Point
P1dB
30
dBm
Small Signal Gain
G
20
dB
Input VSWR
VSWR
2:1
Gate Current
IGG
< 2
mA
Drain Current
IDD
< 600
mA
Output Third Order Intercept
OTOI
35
dBm
Noise Figure
NF
6.5
dB
2nd Harmonic
2f
-30
dBc
3rd Harmonic
3f
-40
dBc
Output VSWR
VSWR
1.5:1


Similar Part No. - MAAPGM0041-DIE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0041 MACOM-MAAPGM0041 Datasheet
216Kb / 5P
   Amplifier, Power, 1.3W 11.5 - 15.0 GHz
More results

Similar Description - MAAPGM0041-DIE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0041 MACOM-MAAPGM0041 Datasheet
216Kb / 5P
   Amplifier, Power, 1.3W 11.5 - 15.0 GHz
MAAPGM0016-DIE MACOM-MAAPGM0016-DIE Datasheet
266Kb / 5P
   5W Ku-Band Power Amplifier 12.0-15.0 GHz
MAAPGM0040 MACOM-MAAPGM0040 Datasheet
215Kb / 6P
   11.0-15.0 GHz 0.5 W Power Amplifier
MAAP-000042-PKG003 MACOM-MAAP-000042-PKG003 Datasheet
393Kb / 9P
   Amplifier, Power, 1W, X/Ku-Band 12-16 GHz
MAAPGM0042-DIE MACOM-MAAPGM0042-DIE Datasheet
424Kb / 6P
   1.2W X/Ku-Band Power Amplifier 11.5-16.0 GHz
MAAPGM0034 MACOM-MAAPGM0034 Datasheet
838Kb / 6P
   0.5W X/Ku-Band Power Amplifier 8.0-12.0 GHz
MAAPGM0034-DIE MACOM-MAAPGM0034-DIE Datasheet
271Kb / 6P
   0.5W X/Ku-Band Power Amplifier 8.0-12.5 GHz
logo
Visual Communications C...
DSM7TA28101T VCC-DSM7TA28101T Datasheet
397Kb / 6P
   Capacitive Touch Sensor Display 15.0 x 15.0 x 11.0 mm
CTHS15CIC06 VCC-CTHS15CIC06 Datasheet
592Kb / 8P
   Capacitive Touch Sensor Display 15.0 x 15.0 x 11.0 mm
CTHS15CIC04 VCC-CTHS15CIC04 Datasheet
589Kb / 8P
   Capacitive Touch Sensor Display 15.0 x 15.0 x 11.0 mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com