Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAPGM0062-DIE Datasheet(PDF) 4 Page - Tyco Electronics

Part # MAAPGM0062-DIE
Description  9.5-12.0 GHZ, 4W Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPGM0062-DIE Datasheet(HTML) 4 Page - Tyco Electronics

  MAAPGM0062-DIE Datasheet HTML 1Page - Tyco Electronics MAAPGM0062-DIE Datasheet HTML 2Page - Tyco Electronics MAAPGM0062-DIE Datasheet HTML 3Page - Tyco Electronics MAAPGM0062-DIE Datasheet HTML 4Page - Tyco Electronics MAAPGM0062-DIE Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
9.5-12.0 GHZ, 4W Power Amplifier
MAAPGM0062 –DIE
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
RO-P-DS-3095
--
Preliminary Datasheet
4
Mechanical Information
Chip Size: 4.428 x 4.302 x 0.075 mm
(
174 x 169 x 3 mils)
Pad
Size (
µm)
RF In and Out
200 x 150
DC Drain Supply Voltage VDD
150 x 500
DC Gate Supply Voltage VGG
150 x 100
Size (mils)
8 x 6
6 x 20
6 x 4
Bond Pad Dimensions
Figure 7.
0.164mm.
0
0
2.152mm.
4.146mm.
4.302mm.
2.152mm.
0.161mm.
GND: G
GND: G
GND: G
GND: G
GND :G
GND :G
GND :G


Similar Part No. - MAAPGM0062-DIE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0060 MACOM-MAAPGM0060 Datasheet
315Kb / 5P
   4.8-6.7 GHz 5W Power Amplifier
MAAPGM0060-DIE MACOM-MAAPGM0060-DIE Datasheet
358Kb / 5P
   Amplifier, Power, 5W 4.8-6.7 GHz
MAAPGM0063-DIE MACOM-MAAPGM0063-DIE Datasheet
368Kb / 5P
   8.5-11.0 GHZ, 5W Power Amplifier
MAAPGM0064 MACOM-MAAPGM0064 Datasheet
212Kb / 5P
   Amplifier, Power, 2.0 W 6.5-9.5 GHz
MAAPGM0064 MACOM-MAAPGM0064 Datasheet
152Kb / 4P
   Amplifier, Power, 2W 6.5-9.5 GHz
More results

Similar Description - MAAPGM0062-DIE

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP210-P1 EXCELICS-EMP210-P1 Datasheet
94Kb / 2P
   9.5 - 12.0 GHz Power Amplifier MMIC
EMP211 EXCELICS-EMP211 Datasheet
170Kb / 2P
   9.5 - 12.0 GHz Power Amplifier MMIC
EMP212-Q5 EXCELICS-EMP212-Q5 Datasheet
140Kb / 4P
   9.5 -12.0 GHz Surface-Mounted PA
EMP211-Q5 EXCELICS-EMP211-Q5 Datasheet
124Kb / 3P
   9.5 - 12.0 GHz Surface-Mounted PA
EMP210-Q5 EXCELICS-EMP210-Q5 Datasheet
143Kb / 4P
   9.5 - 12.0 GHz Surface-Mounted PA
logo
Mimix Broadband
XP1042-QT MIMIX-XP1042-QT_10 Datasheet
690Kb / 6P
   12.0-16.0 GHz Power Amplifier
XP1043-QH MIMIX-XP1043-QH_10 Datasheet
871Kb / 7P
   12.0-16.0 GHz Power Amplifier
logo
Excelics Semiconductor,...
EMP210 EXCELICS-EMP210 Datasheet
145Kb / 3P
   9.5 - 12 GHz Power Amplifier MMIC
logo
TriQuint Semiconductor
TGA2502 TRIQUINT-TGA2502 Datasheet
180Kb / 9P
   13 - 15 GHz 4W Power Amplifier
TGA2502 TRIQUINT-TGA2502_15 Datasheet
435Kb / 10P
   13 15 GHz 4W Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com