Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAPGM0066-DIE Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAAPGM0066-DIE
Description  Amplifier, Power, 2 W 2.5-6.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPGM0066-DIE Datasheet(HTML) 3 Page - Tyco Electronics

  MAAPGM0066-DIE Datasheet HTML 1Page - Tyco Electronics MAAPGM0066-DIE Datasheet HTML 2Page - Tyco Electronics MAAPGM0066-DIE Datasheet HTML 3Page - Tyco Electronics MAAPGM0066-DIE Datasheet HTML 4Page - Tyco Electronics MAAPGM0066-DIE Datasheet HTML 5Page - Tyco Electronics MAAPGM0066-DIE Datasheet HTML 6Page - Tyco Electronics MAAPGM0066-DIE Datasheet HTML 7Page - Tyco Electronics MAAPGM0066-DIE Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Amplifier, Power, 2 W
2.5-6.0 GHz
MAAPGM0066-DIE
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.comfor additional data sheets and product information.
Rev C
Preliminary Datasheet
3
Figure 1. Output Power and Power Added Efficiency
at VD = 8V, Pin = 6dBm, and IDSQ=650mA
20
22
24
26
28
30
32
34
36
38
40
2.0
2.5
3.03.5
4.04.5
5.05.5
6.06.5
Frequency (GHz)
0
5
10
15
20
25
30
35
40
45
50
Pout
PAE
Figure 2. 1dB Compression Point and Drain Voltage at IDSQ=650mA
20
22
24
26
28
30
32
34
36
38
40
2.02.5
3.03.5
4.04.5
5.05.5
6.06.5
Frequency (GHz)
6V
8V
10V
Figure 3. Saturated Output Power and Drain Voltage at IDSQ=650mA.
20
22
24
26
28
30
32
34
36
38
40
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
Frequency (GHz)
6V
8V
10V
Figure 5. Small Signal Gain and Input and Output VSWR
at VD = 8V and IDSQ=650mA
0
4
8
12
16
20
24
28
32
36
40
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
Frequency (GHz)
1
2
3
4
5
6
Gain
Input VSWR
Output VSWR
Figure 4. Saturated Output Power and Temperature
at VD=8V and IDSQ=650mA
20
22
24
26
28
30
32
34
36
38
40
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
Frequency (GHz)
-25ºC
30ºC
87ºC
Figure 6. Output Power, Small Signal Gain, Power Added Efficiency, and
Drain Current vs. Junction Temperature at 8V, 4 GHz, and IDSQ=650mA
30
31
32
33
34
35
36
37
38
39
40
30
40
50
60
70
80
90
100
110
120
130
140
150
Junction Temperature (ºC)
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
Pout
SSG
PAE
IDS
All Data is at 30ºC MMIC base temperature, CW stimulus, unless otherwise noted.


Similar Part No. - MAAPGM0066-DIE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0060 MACOM-MAAPGM0060 Datasheet
315Kb / 5P
   4.8-6.7 GHz 5W Power Amplifier
MAAPGM0060-DIE MACOM-MAAPGM0060-DIE Datasheet
358Kb / 5P
   Amplifier, Power, 5W 4.8-6.7 GHz
MAAPGM0062-DIE MACOM-MAAPGM0062-DIE Datasheet
569Kb / 5P
   9.5-12.0 GHZ, 4W Power Amplifier
MAAPGM0063-DIE MACOM-MAAPGM0063-DIE Datasheet
368Kb / 5P
   8.5-11.0 GHZ, 5W Power Amplifier
MAAPGM0064 MACOM-MAAPGM0064 Datasheet
212Kb / 5P
   Amplifier, Power, 2.0 W 6.5-9.5 GHz
More results

Similar Description - MAAPGM0066-DIE

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2576-2-FL QORVO-TGA2576-2-FL Datasheet
568Kb / 11P
   2.5 ??6.0 GHz 40 W GaN Power Amplifier
September 2019
logo
Cree, Inc
CMPA2560025D CREE-CMPA2560025D Datasheet
550Kb / 9P
   25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA2560025D WOLFSPEED-CMPA2560025D Datasheet
1Mb / 11P
   25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
logo
Transcom, Inc.
TA025-035-31-33 TRANSCOM-TA025-035-31-33 Datasheet
17Kb / 1P
   2.5 - 3.5 GHz 2 W Amplifier
logo
WOLFSPEED, INC.
CMPA0060002F1 WOLFSPEED-CMPA0060002F1 Datasheet
1Mb / 10P
   2 W, DC - 6.0 GHz, GaN MMIC Power Amplifier
Rev. 1.0, 2022-8-26
CMPA0060002D WOLFSPEED-CMPA0060002D Datasheet
1,012Kb / 8P
   2 W, 0.2 - 6.0 GHz, GaN HEMT MMIC Power Amplifier
Rev. 2.3, 2022-12-13
logo
Qorvo, Inc
TGA2307 QORVO-TGA2307 Datasheet
567Kb / 16P
   5.0 ??6.0 GHz 50 W GaN Power Amplifier
logo
Cree, Inc
CMPA2060025D CREE-CMPA2060025D Datasheet
437Kb / 7P
   25 W, 2.0 - 6.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA5259025S WOLFSPEED-CMPA5259025S Datasheet
1Mb / 16P
   40 W, 5.0 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 1.0 June 2021
logo
Cree, Inc
CMPA601C025F CREE-CMPA601C025F Datasheet
2Mb / 11P
   25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com