Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D4BL-3CRB Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D4BL-3CRB
Description  Guard Lock Safety-door Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4BL-3CRB Datasheet(HTML) 3 Page - Omron Electronics LLC

  D4BL-3CRB Datasheet HTML 1Page - Omron Electronics LLC D4BL-3CRB Datasheet HTML 2Page - Omron Electronics LLC D4BL-3CRB Datasheet HTML 3Page - Omron Electronics LLC D4BL-3CRB Datasheet HTML 4Page - Omron Electronics LLC D4BL-3CRB Datasheet HTML 5Page - Omron Electronics LLC D4BL-3CRB Datasheet HTML 6Page - Omron Electronics LLC D4BL-3CRB Datasheet HTML 7Page - Omron Electronics LLC D4BL-3CRB Datasheet HTML 8Page - Omron Electronics LLC D4BL-3CRB Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
D-138
Safety Sensors / Components
Approved Standard Ratings
TÜV (EN60947-5-1)
Use a 10-A fuse type gI or gG that conforms to IEC269 as a short-circuit protection device.
UL/CSA (UL508, CSA C22.2 No. 14)
A300
Note: The UL/CSA approved rating for products with indicators (-A) is 6 A/115 VAC.
Characteristics
Note: 1. The above values are initial values.
2. Although the switch box is protected from dust, oil or water penetration, do not use the D4BL in places where dust, oil, water, or chemicals
may penetrate through the key hole on the head, otherwise Switch damage or malfunctioning may occur.
3. The durability is for an ambient temperature of 5°C to 35°C and an ambient humidity of 40% to 70%.
Item
Standard model
Indicator model
Utilization category
AC-15
AC-15
Rated operating current (Ie)
3 A
6 A
Rated operating voltage (Ue)
250 V
115 V
Rated voltage
Carry current
Current
Volt-amperes
Make
Break
Make
Break
120 VAC
10 A
60 A
6 A
7,200 VA
720 VA
240 VAC
30 A
3 A
Degree of protection
IP67 (See note 2.)
Durability (See note 3.)
Mechanical:1,000,000 operations min.
Electrical:500,000 operations min. (10-A resistive load at 250 VAC)
Operating speed
0.05 to 0.5 m/s
Operating frequency
30 operations/min max.
Rated frequency
50/60 Hz
Operating characteristics
Direct opening force:19.61 N min. (EN60947-5-1)
Direct opening travel:20 mm min. (EN60947-5-1)
All stroke:23 mm min.
Holding force
700 N min. (GS-ET-19)
Insulation resistance
100 M
W min. (at 500 VDC)
Rated insulation voltage (U
i)
300 V (EN60947-5-1)
Conventional enclosed thermal current
(I
the)
10 A (EN60947-5-1)
Dielectric strength (U
imp)
Impulse dielectric strength (U
imp) 4 kV (EN60947-5-1) between terminals of different polarity, be-
tween each terminal and ground, and between each terminal and non-current-carrying metal
part;
2.5 kV between solenoid and ground (EN60947-5-1)
Conditional short-circuit current
100 V (EN60947-5-1)
Pollution degree
(operating environment)
3 (EN60947-5-1)
Protection against electric shock
Class I (with ground terminal)
Switching overvoltage
1,500 V max. (EN60947-5-1)
Contact resistance
50 m
W max. (initial value)
Vibration resistance
Malfunction: 10 to 55 Hz, 0.35-mm single amplitude
Shock resistance
Destruction:1,000 m/s2 min. (IEC68-2-27)
Malfunction:300 m/s2 min. (IEC68-2-27)
Ambient temperature
Operating:–10°C to 55°C (with no icing)
Ambient humidity
Operating:95% max.
Weight
Approx. 800 g


Similar Part No. - D4BL-3CRB

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4B-1111N OMRON-D4B-1111N Datasheet
2Mb / 16P
   Snap-action contact with certified direct opening operation certification
D4B-1115N OMRON-D4B-1115N Datasheet
2Mb / 16P
   Snap-action contact with certified direct opening operation certification
D4B-1116N OMRON-D4B-1116N Datasheet
2Mb / 16P
   Snap-action contact with certified direct opening operation certification
D4B-1117N OMRON-D4B-1117N Datasheet
2Mb / 16P
   Snap-action contact with certified direct opening operation certification
D4B-111RN OMRON-D4B-111RN Datasheet
2Mb / 16P
   Snap-action contact with certified direct opening operation certification
More results

Similar Description - D4BL-3CRB

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4NL OMRON-D4NL Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
   Worlds smallest Class 6-contact Guard Lock Safety-door Switch
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
   Compact Guard-locking Interlock Safety Door Switch
D4DS ETC1-D4DS Datasheet
1Mb / 12P
   Safety-Door Switch
logo
Omron Electronics LLC
D4NL OMRON-D4NL_11 Datasheet
3Mb / 19P
   Best-selling Guard Lock Safety-door Switch Available in Several Compact, Multi-contact Models
D4BS OMRON-D4BS Datasheet
207Kb / 9P
   Safety-door Switch
logo
Highly Electric Co., Lt...
EK-1-15-F HIGHLY-EK-1-15-F Datasheet
2Mb / 4P
   EK SERIES SAFETY DOOR SWITCH
logo
Molex Electronics Ltd.
69018-6052 MOLEX11-69018-6052 Datasheet
30Kb / 1P
   Micro Switch for TM-42 Safety Guard
0690186052 MOLEX11-0690186052 Datasheet
30Kb / 1P
   Micro Switch for TM-42 Safety Guard
logo
Gamewell-FCI by Honeywe...
FCI-DR-C4B GAMEWELL-FCI-FCI-DR-C4B Datasheet
59Kb / 1P
   Door, lock & key
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com