Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EHP-A08L Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # EHP-A08L
Description  High Power LED - 1W
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EHP-A08L Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button EHP-A08L Datasheet HTML 3Page - Everlight Electronics Co., Ltd EHP-A08L Datasheet HTML 4Page - Everlight Electronics Co., Ltd EHP-A08L Datasheet HTML 5Page - Everlight Electronics Co., Ltd EHP-A08L Datasheet HTML 6Page - Everlight Electronics Co., Ltd EHP-A08L Datasheet HTML 7Page - Everlight Electronics Co., Ltd EHP-A08L Datasheet HTML 8Page - Everlight Electronics Co., Ltd EHP-A08L Datasheet HTML 9Page - Everlight Electronics Co., Ltd EHP-A08L Datasheet HTML 10Page - Everlight Electronics Co., Ltd EHP-A08L Datasheet HTML 11Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 3.0
Page: 8 of 11
Device No. : DSE-8L1-002
Prepared date: Nov 17, 2006
Prepared by: Anita Chen
EHP-A08L/SUR01-P01
Reliability Test Items and Results
Stress Test
Stress Condition
Stress Duration
Solderability
Tsol=230℃, 5sec
1 times
Resistance to Solder Heat
Tsol=260℃, 10sec, 6min
3 times
Thermal Shock
H:+110℃ 20min.
'∫ 10sec.
'L:-
40℃
20min.
500 Cycles
Temperature Cycle
H:+100℃ 30min.
'∫ 5min.
'L:- 40℃ 30min.
1000 Cycles
High Temperature/Humidity
Reverse Bias
Ta=85℃ , RH=85%
1000hours
High Temperature/Humidity
Operation
Ta=85℃ , RH=60%, IF=225mA
1000hours
High Temperature Storage
Ta=110℃
1000hours
Low Temperature Storage
Ta=-40℃
1000hours
Intermittent operational Life
Ta=25℃, IF=1000mA
30mS on/ 2500mS off
1000hours
High Temperature Operation
Life #1
Ta=55℃, IF=350mA
1000hours
High Temperature Operation
Life #2
Ta=85℃, IF=225mA
1000hours
High Temperature Operation
Life #3
Ta=100℃, IF=150mA
1000hours
Low Temperature Operation
Life
Ta=-40℃, IF=350mA
1000hours
Power Temperature Cycle
H:+85℃ 15min.
'∫ 5min.
'L:- 40℃ 15min.
IF=225mA,2min on/off
1000cycles
ESD Human Body Model
2000V, Interval:0.5sec
3 times
ESD Machine Model
200V, Interval:0.5sec
3 times
*lm: BRIGHTNESS ATTENUATE DIFFERENCE(1000hrs)<50%
*VF: FORWARD VOLTAGE
DIFFERENCE<20%


Similar Part No. - EHP-A08L

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-A07 EVERLIGHT-EHP-A07 Datasheet
270Kb / 10P
   High Power LED - 1W
EHP-A07-SUG01-P01 EVERLIGHT-EHP-A07-SUG01-P01 Datasheet
275Kb / 10P
   High Power LED - 1W
EHP-A07-SUR01-P01 EVERLIGHT-EHP-A07-SUR01-P01 Datasheet
270Kb / 10P
   High Power LED - 1W
EHP-A07-UB01-P01 EVERLIGHT-EHP-A07-UB01-P01 Datasheet
275Kb / 10P
   High Power LED - 1W
EHP-A07-UT01-P01 EVERLIGHT-EHP-A07-UT01-P01 Datasheet
288Kb / 11P
   High Power LED - 1W
More results

Similar Description - EHP-A08L

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-AX08B-GT01-P01 EVERLIGHT-EHP-AX08B-GT01-P01 Datasheet
295Kb / 10P
   High Power LED - 1W
EHP-AX08B-LM01-P01 EVERLIGHT-EHP-AX08B-LM01-P01 Datasheet
296Kb / 10P
   High Power LED - 1W
EHP-AX08B-SUR01A-P01 EVERLIGHT-EHP-AX08B-SUR01A-P01 Datasheet
295Kb / 10P
   High Power LED - 1W
EHP-AX08F-SUG01 EVERLIGHT-EHP-AX08F-SUG01 Datasheet
298Kb / 10P
   High Power LED - 1W
EHP-A07-VY01-P01 EVERLIGHT-EHP-A07-VY01-P01 Datasheet
273Kb / 10P
   High Power LED - 1W
EHP-C04 EVERLIGHT-EHP-C04 Datasheet
443Kb / 11P
   High Power LED - 1W
logo
List of Unclassifed Man...
QBHP684UE-PCAU ETC1-QBHP684UE-PCAU Datasheet
1,012Kb / 10P
   1W High Power LED
logo
Everlight Electronics C...
EHP-AX08LS-DT01-P01 EVERLIGHT-EHP-AX08LS-DT01-P01 Datasheet
272Kb / 9P
   High Power LED - 1W
EHP-AX08LS-UB01-P01 EVERLIGHT-EHP-AX08LS-UB01-P01 Datasheet
270Kb / 9P
   High Power LED - 1W
EHP-AX08B-SUG01-P01 EVERLIGHT-EHP-AX08B-SUG01-P01 Datasheet
294Kb / 10P
   High Power LED - 1W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com