Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EHP-A08L Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # EHP-A08L
Description  High Power LED - 1W
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EHP-A08L Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button EHP-A08L Datasheet HTML 3Page - Everlight Electronics Co., Ltd EHP-A08L Datasheet HTML 4Page - Everlight Electronics Co., Ltd EHP-A08L Datasheet HTML 5Page - Everlight Electronics Co., Ltd EHP-A08L Datasheet HTML 6Page - Everlight Electronics Co., Ltd EHP-A08L Datasheet HTML 7Page - Everlight Electronics Co., Ltd EHP-A08L Datasheet HTML 8Page - Everlight Electronics Co., Ltd EHP-A08L Datasheet HTML 9Page - Everlight Electronics Co., Ltd EHP-A08L Datasheet HTML 10Page - Everlight Electronics Co., Ltd EHP-A08L Datasheet HTML 11Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 3.0
Page: 10 of 11
Device No. : DSE-8L1-002
Prepared date: Nov 17, 2006
Prepared by: Anita Chen
EHP-A08L/SUR01-P01
4. Assembly process flow
Handling Indications:Do not handle the EHP-A08 by the lens at any time during the assembly process.
This can cause damage to the optical surfaces or may dislocate the lens if excessive force is applied.
5. Soldering Iron
i.
For prototype builds or small series production runs it is possible to place and solder the LED by
hand.
ii.
Dispensing thermal conductive glue or grease on the substrates and follow its curing spec. Press
LED housing to closely connect LED and substrate.


Similar Part No. - EHP-A08L

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-A07 EVERLIGHT-EHP-A07 Datasheet
270Kb / 10P
   High Power LED - 1W
EHP-A07-SUG01-P01 EVERLIGHT-EHP-A07-SUG01-P01 Datasheet
275Kb / 10P
   High Power LED - 1W
EHP-A07-SUR01-P01 EVERLIGHT-EHP-A07-SUR01-P01 Datasheet
270Kb / 10P
   High Power LED - 1W
EHP-A07-UB01-P01 EVERLIGHT-EHP-A07-UB01-P01 Datasheet
275Kb / 10P
   High Power LED - 1W
EHP-A07-UT01-P01 EVERLIGHT-EHP-A07-UT01-P01 Datasheet
288Kb / 11P
   High Power LED - 1W
More results

Similar Description - EHP-A08L

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-AX08B-GT01-P01 EVERLIGHT-EHP-AX08B-GT01-P01 Datasheet
295Kb / 10P
   High Power LED - 1W
EHP-AX08B-LM01-P01 EVERLIGHT-EHP-AX08B-LM01-P01 Datasheet
296Kb / 10P
   High Power LED - 1W
EHP-AX08B-SUR01A-P01 EVERLIGHT-EHP-AX08B-SUR01A-P01 Datasheet
295Kb / 10P
   High Power LED - 1W
EHP-AX08F-SUG01 EVERLIGHT-EHP-AX08F-SUG01 Datasheet
298Kb / 10P
   High Power LED - 1W
EHP-A07-VY01-P01 EVERLIGHT-EHP-A07-VY01-P01 Datasheet
273Kb / 10P
   High Power LED - 1W
EHP-C04 EVERLIGHT-EHP-C04 Datasheet
443Kb / 11P
   High Power LED - 1W
logo
List of Unclassifed Man...
QBHP684UE-PCAU ETC1-QBHP684UE-PCAU Datasheet
1,012Kb / 10P
   1W High Power LED
logo
Everlight Electronics C...
EHP-AX08LS-DT01-P01 EVERLIGHT-EHP-AX08LS-DT01-P01 Datasheet
272Kb / 9P
   High Power LED - 1W
EHP-AX08LS-UB01-P01 EVERLIGHT-EHP-AX08LS-UB01-P01 Datasheet
270Kb / 9P
   High Power LED - 1W
EHP-AX08B-SUG01-P01 EVERLIGHT-EHP-AX08B-SUG01-P01 Datasheet
294Kb / 10P
   High Power LED - 1W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com