Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAPSS0076 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAAPSS0076
Description  DECT Power Amplifier 1880 - 1930 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0076 Datasheet(HTML) 3 Page - Tyco Electronics

  MAAPSS0076 Datasheet HTML 1Page - Tyco Electronics MAAPSS0076 Datasheet HTML 2Page - Tyco Electronics MAAPSS0076 Datasheet HTML 3Page - Tyco Electronics MAAPSS0076 Datasheet HTML 4Page - Tyco Electronics MAAPSS0076 Datasheet HTML 5Page - Tyco Electronics MAAPSS0076 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DECT Power Amplifier
1880 - 1930 MHz
MAAPSS0076
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
3
RoHS
Compliant
High Power Mode Typical Performance, VM = 2.5 V (using the supplied sample board BOM)
ICC vs. Temperature @ 1900 MHz, PIN = 0 dBm
POUT vs. Temperature @ 1900 MHz, PIN = 0 dBm
POUT, 2fo, 3fo vs. PIN @ 2.4 V
POUT, PAE, ICC vs. Frequency @ VCC = 2.4 V, PIN = 0 dBm
0
10
20
30
40
50
0.0
0.1
0.2
0.3
0.4
0.5
1.52.0
2.53.0
3.54.0
V
CC
(Volts)
PAE
P
OUT
I
CC
-50
-40
-30
-20
-10
0
10
20
30
-15
-10
-5
0
5
P
IN
(dBm)
P
OUT
2f
o
3f
o
0
10
20
30
40
50
0.0
0.1
0.2
0.3
0.4
0.5
-15
-10
-5
0
5
P
IN
(dBm)
P
OUT
PAE
I
CC
0
10
20
30
40
50
0.0
0.1
0.2
0.3
0.4
0.5
1880
1890
1900
1910
1920
1930
Frequency (MHz)
PAE
P
OUT
I
CC
0.20
0.25
0.30
0.35
0.40
-20
-10
0
102030405060
70
V
CC
= 1.8 V
V
CC
= 2.0 V
V
CC
= 2.4 V
V
CC
= 3.0 V
V
CC
= 3.6 V
Temperature (°C)
20
22
24
26
28
-20
-10
0
10
20
3040
506070
V
CC
= 1.8 V
V
CC
= 2.0 V
V
CC
= 2.4 V
V
CC
= 3.0 V
V
CC
= 3.6 V
Temperature (°C)
POUT, PAE, ICC vs. VCC @ 1900 MHz
POUT, PAE, ICC vs. PIN @ 2.4 V, 1900 MHz


Similar Part No. - MAAPSS0076

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAPSS0076 MA-COM-MAAPSS0076 Datasheet
168Kb / 6P
   DECT Power Amplifier 1880 - 1930 MHz
MAAPSS0076SMB MA-COM-MAAPSS0076SMB Datasheet
168Kb / 6P
   DECT Power Amplifier 1880 - 1930 MHz
MAAPSS0076TR-3000 MA-COM-MAAPSS0076TR-3000 Datasheet
168Kb / 6P
   DECT Power Amplifier 1880 - 1930 MHz
More results

Similar Description - MAAPSS0076

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0071 MACOM-MAAPSS0071 Datasheet
237Kb / 5P
   DECT Power Amplifier 1880 - 1930 MHz
MAAPSS0113 MACOM-MAAPSS0113 Datasheet
304Kb / 7P
   DECT Power Amplifier 1880 - 1930 MHz
logo
M/A-COM Technology Solu...
MAAPSS0071 MA-COM-MAAPSS0071 Datasheet
114Kb / 5P
   DECT Power Amplifier 1880 - 1930 MHz
MAAPSS0076 MA-COM-MAAPSS0076 Datasheet
168Kb / 6P
   DECT Power Amplifier 1880 - 1930 MHz
MAAP-000082 MA-COM-MAAP-000082 Datasheet
224Kb / 6P
   PHS Power Amplifier 1880 - 1930 MHz
logo
Tyco Electronics
MAAM-007219 MACOM-MAAM-007219 Datasheet
199Kb / 4P
   3.6 V, 450 mW DECT RF Power Amplifier IC 1880 - 1900 MHz
logo
Stealth Microwave, Inc.
SM1920-52LD STEALTH_MICROWAVE-SM1920-52LD Datasheet
150Kb / 3P
   1930 - 1990 MHz 160 Watt Power Amplifier
SM1819-52LD STEALTH_MICROWAVE-SM1819-52LD Datasheet
150Kb / 3P
   1805 - 1880 MHz 160 Watt Power Amplifier
logo
M/A-COM Technology Solu...
MAAPSS0071 MA-COM-MAAPSS0071 Datasheet
114Kb / 5P
   DECT Power Amplifier
MAAPSS0071 MA-COM-MAAPSS0071_15 Datasheet
114Kb / 5P
   DECT Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com