Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D4BL-3CRB-A Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # D4BL-3CRB-A
Description  Guard Lock Safety-door Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4BL-3CRB-A Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button D4BL-3CRB-A Datasheet HTML 4Page - Omron Electronics LLC D4BL-3CRB-A Datasheet HTML 5Page - Omron Electronics LLC D4BL-3CRB-A Datasheet HTML 6Page - Omron Electronics LLC D4BL-3CRB-A Datasheet HTML 7Page - Omron Electronics LLC D4BL-3CRB-A Datasheet HTML 8Page - Omron Electronics LLC D4BL-3CRB-A Datasheet HTML 9Page - Omron Electronics LLC D4BL-3CRB-A Datasheet HTML 10Page - Omron Electronics LLC D4BL-3CRB-A Datasheet HTML 11Page - Omron Electronics LLC D4BL-3CRB-A Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
D-145
D4BL
The head is constructed so that it cannot be operated with tools such
as screwdrivers. Always use OMRON’s Operation Key to operate the
head in order to ensure the safety of the machine and protect the
D4BL from damage.
The Operation Key provided for the D4BL is not compatible with that
of the D4BS.
Mount the Operation Key and secure it with one-way screws or
equivalents to prevent easy removal of the D4BL.
Securing the Door
If the Operation Key on the closed door is pulled outside the set zone
by a force caused by vibration, the door’s weight, or the door cushion
rubber, the D4BL may be damaged. Secure the door with hooks so
that it will remain within the set zone.
Tightening Torque
Be sure to tighten each screw of the D4BL properly, otherwise the
D4BL may malfunction.
Switch and Operation Key Mounting
Mount the D4BL and Operation Key with four M5 screws with wash-
ers and tighten each screw to the specified torque.
Mounting Dimensions
Switch Mounting Dimensions
Operation Key Mounting Holes
• Horizontal Mounting
D4BL-K1
• Vertical Mounting
D4BL-K2
• Adjustable Mounting (Horizontal)
D4BL-K3
Type
Torque
1
M3.5 terminal screw
(including terminal screw)
0.59 to 0.78 N·m
2
Cover mounting screw
1.18 to 1.37 N·m
3
Head mounting screw
0.78 to 0.98 N·m
4
M5 body mounting screw
4.90 to 5.88 N·m
5
Operation Key mounting screw
2.35 to 2.75 N·m
6
Connector
1.77 to 2.16 N·m
7
Cap screw
1.27 to 1.67 N·m
Drop
Set zone
Space
Two, M5 Operation Key mounting screw
Four, M3.5 head-mounting screw
Conduit
Conduit cap
Four, M4 cover-mounting screw
Four, M5
switch-mounting
screw
100
±0.1
74
±0.1
Four, M5
20
±0.1
Two, M5
40
±0.1
Two, M5
30
±0.1
Two, M5


Similar Part No. - D4BL-3CRB-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4B-1111N OMRON-D4B-1111N Datasheet
2Mb / 16P
   Snap-action contact with certified direct opening operation certification
D4B-1115N OMRON-D4B-1115N Datasheet
2Mb / 16P
   Snap-action contact with certified direct opening operation certification
D4B-1116N OMRON-D4B-1116N Datasheet
2Mb / 16P
   Snap-action contact with certified direct opening operation certification
D4B-1117N OMRON-D4B-1117N Datasheet
2Mb / 16P
   Snap-action contact with certified direct opening operation certification
D4B-111RN OMRON-D4B-111RN Datasheet
2Mb / 16P
   Snap-action contact with certified direct opening operation certification
More results

Similar Description - D4BL-3CRB-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4NL OMRON-D4NL Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
   Worlds smallest Class 6-contact Guard Lock Safety-door Switch
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
   Compact Guard-locking Interlock Safety Door Switch
D4DS ETC1-D4DS Datasheet
1Mb / 12P
   Safety-Door Switch
logo
Omron Electronics LLC
D4NL OMRON-D4NL_11 Datasheet
3Mb / 19P
   Best-selling Guard Lock Safety-door Switch Available in Several Compact, Multi-contact Models
D4BS OMRON-D4BS Datasheet
207Kb / 9P
   Safety-door Switch
logo
Highly Electric Co., Lt...
EK-1-15-F HIGHLY-EK-1-15-F Datasheet
2Mb / 4P
   EK SERIES SAFETY DOOR SWITCH
logo
Molex Electronics Ltd.
69018-6052 MOLEX11-69018-6052 Datasheet
30Kb / 1P
   Micro Switch for TM-42 Safety Guard
0690186052 MOLEX11-0690186052 Datasheet
30Kb / 1P
   Micro Switch for TM-42 Safety Guard
logo
Gamewell-FCI by Honeywe...
FCI-DR-C4B GAMEWELL-FCI-FCI-DR-C4B Datasheet
59Kb / 1P
   Door, lock & key
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com