Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAATSS0019 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAATSS0019
Description  Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAATSS0019 Datasheet(HTML) 3 Page - Tyco Electronics

  MAATSS0019 Datasheet HTML 1Page - Tyco Electronics MAATSS0019 Datasheet HTML 2Page - Tyco Electronics MAATSS0019 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Digital Attenuator, 4-Bit, Single Control, 15 dB
0.5 - 4.0 GHz
MAATSS0019
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
3
RoHS
Compliant
Typical Performance Curves
Relative Attenuation
Input Return Loss
Attenuation Accuracy
Input IP3
Output Return Loss
Insertion Loss
0
2
4
6
8
10
12
14
16
01
2
3
4
Frequency (GHz)
0
1
2
3
4
5
01
234
Frequency (GHz)
30
35
40
45
50
01
2
3
4
IL
1 dB
2 dB
4 dB
8 dB
15 dB
Frequency (GHz)
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
01
2
3
4
1 dB
2 dB
4 dB
8 dB
15 dB
Frequency (GHz)
-40
-30
-20
-10
0
01234
IL
1 dB
2 dB
4 dB
8 dB
15 dB
Frequency (GHz)
-40
-30
-20
-10
0
01
2
3
4
IL
1 dB
2 dB
4 dB
8 dB
15 dB
Frequency (GHz)


Similar Part No. - MAATSS0019

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAATSS0019 MA-COM-MAATSS0019 Datasheet
177Kb / 4P
   Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
MAATSS0019 MA-COM-MAATSS0019 Datasheet
177Kb / 4P
   Digital Attenuator
MAATSS0019 MA-COM-MAATSS0019 Datasheet
724Kb / 5P
   Digital Attenuator, 4-Bit, Single Control, 15 dB
MAATSS0019SMB MA-COM-MAATSS0019SMB Datasheet
177Kb / 4P
   Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
MAATSS0019SMB MA-COM-MAATSS0019SMB Datasheet
724Kb / 5P
   Digital Attenuator, 4-Bit, Single Control, 15 dB
More results

Similar Description - MAATSS0019

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAATSS0019 MA-COM-MAATSS0019 Datasheet
177Kb / 4P
   Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
MAADSS0013 MA-COM-MAADSS0013 Datasheet
124Kb / 4P
   Digital Attenuator, 4-Bit, Single Control 15 dB, 0.05 - 4.0 GHz
logo
Tyco Electronics
AT-226 MACOM-AT-226 Datasheet
99Kb / 4P
   Digital Attenuator, 4 Bit, Single Control, 15 dB 0.5 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAADSS0014 MA-COM-MAADSS0014 Datasheet
193Kb / 4P
   Digital Attenuator, 4-Bit, Single Control 30 dB, 0.05 - 4.0 GHz
logo
Tyco Electronics
MAATSS0016 MACOM-MAATSS0016 Datasheet
150Kb / 3P
   Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0016 MA-COM-MAATSS0016 Datasheet
121Kb / 4P
   Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
logo
Tyco Electronics
AT-264 MACOM-AT-264 Datasheet
59Kb / 2P
   Digital Attenuator, 4 Bit, Single Control 30 dB, 0.5 - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-264 MA-COM-AT-264 Datasheet
154Kb / 4P
   Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
MAATSS0019 MA-COM-MAATSS0019_15 Datasheet
724Kb / 5P
   Digital Attenuator, 4-Bit, Single Control, 15 dB
MAADSS0019 MA-COM-MAADSS0019 Datasheet
131Kb / 4P
   Digital Attenuator, 4-Bit, Single Control 15 dB, 2.0 - 6.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com