Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRSJ561M10V10X16TBF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRSJ561M10V10X16TBF
Description  Miniature Aluminum Electrolytic Ca pac i tors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSJ561M10V10X16TBF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRSJ561M10V10X16TBF Datasheet HTML 1Page - NIC-Components Corp. NRSJ561M10V10X16TBF Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
108
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
109
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
MAXIMUM IMPEDANCE (
Ω AT 100KHz/20°C)
MAXIMUM RIPPLE CURRENT (mA AT 100KHz/105°C)
NRSJ Series
Miniature Aluminum Electrolytic Capacitors
ULTRA LOW IMPEDANCE AT HIGH FREQUENCY, RADIAL LEADS
• VERY LOW IMPEDANCE
• LONG LIFE AT 105°C (2000 hrs.)
• HIGH STABILITY AT LOW TEMPERATURE
FEATURES
CHARACTERISTICS
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
Rated Voltage Range
6.3 ~ 50Vdc
Capacitance Range
100 ~ 2,700
µF
Operating Temperature Range
-25° ~ +105°C
Capacitance Tolerance
±20% (M)
Maximum Leakage Current
After 2 Minutes at 20°C
0.01CV or 3
µA
whichever is greater
Max. Tan
δ at 120Hz/20°C
W.V. (Vdc)
6.3
10
16
25
35
50
S.V. (Vdc)
8
13
20
32
44
63
C < 1,500
µF
0.22
0.19
0.16
0.14
0.12
0.10
C = 2,200
µF ~ 2,700µF
0.24
0.21
0.18
0.16
-
-
Low Temperature Stability
Impedance Ratio @ 120Hz
Z-25°C/Z+20°C
3
3
3
3
3
3
Load Life Test at Rated W.V.
105°C 2,000 Hrs.
Capacitance Change
Within ±25% of initial measured value
Tan
δ
Less than 200% of specified value
Leakage Current
Less than specified value
Cap
(
µF)
Working Voltage (Vdc)
6.3
10
16
25
35
50
100
-
-
-
-
-
0.046
121
-
-
-
-
-
0.049
150
-
-
-
-
0.030
0.036
180
-
-
-
-
-
0.039
220
-
-
-
0.030
0.032
0.023
0.025
0.026
270
-
-
-
-
-
0.025
0.029
0.021
330
-
-
0.030
0.032
0.018
0.023
0.025
0.027
-
0.020
390
-
-
-
-
0.020
-
0.022
470
-
0.030
0.032
0.018
0.016
-
0.025
0.027
-
0.020
560
0.030
-
-
-
0.018
-
680
-
0.032
0.016
0.020
-
-
0.025
0.025
0.022
-
0.018
0.016
1000
0.030
0.016
0.016
0.018
-
-
0.025
0.025
0.018
-
0.018
0.013
1500
0.016
0.016
0.013
-
-
-
0.025
0.018
0.018
0.013
2200
0.016
0.013
-
-
-
-
0.018
0.013
2700
0.013
-
-
-
-
-
Cap
(
µF)
Working Voltage (Vdc)
6.3
10
16
25
35
50
100
-
-
-
-
-
920
121
-
-
-
-
-
890
150
-
-
-
-
1110
1230
180
-
-
-
-
-
1180
220
-
-
-
1110
1080
1680
1440
1720
270
-
-
-
-
-
1610
1630
1980
330
-
-
1140
1080
1820
1800
140
1390
-
1920
390
-
-
-
-
1720
-
1830
470
-
1140
1140
1820
2180
-
1540
1390
-
1920
560
1140
-
-
-
2060
-
680
-
1140
1870
1720
-
-
1540
1540
1830
-
2000
2180
1000
1140
1870
1870
2060
-
-
1540
1540
2000
-
2000
2550
1500
1870
1870
2550
-
-
-
1540
2000
2000
2550
2200
1870
2550
-
-
-
-
2000
2550
2700
2550
-
-
-
-
-


Similar Part No. - NRSJ561M10V10X16TBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSJ102M10V10X12.5TBF NIC-NRSJ102M10V10X12.5TBF Datasheet
125Kb / 2P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSJ102M10V10X16F NIC-NRSJ102M10V10X16F Datasheet
96Kb / 2P
   Miniature Aluminum Electrolytic Cap ac it ors
NRSJ102M10V10X16TBF NIC-NRSJ102M10V10X16TBF Datasheet
125Kb / 2P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSJ102M10V10X20TBF NIC-NRSJ102M10V10X20TBF Datasheet
125Kb / 2P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSJ102M10V10X23TBF NIC-NRSJ102M10V10X23TBF Datasheet
125Kb / 2P
   Miniature Aluminum Electrolytic Ca pac i tors
More results

Similar Description - NRSJ561M10V10X16TBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSX NIC-NRSX_14 Datasheet
589Kb / 9P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSZC NIC-NRSZC_14 Datasheet
147Kb / 4P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSK NIC-NRSK Datasheet
125Kb / 2P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSX NIC-NRSX Datasheet
349Kb / 6P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSG NIC-NRSG Datasheet
240Kb / 3P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSZC NIC-NRSZC Datasheet
52Kb / 4P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSK NIC-NRSK_14 Datasheet
627Kb / 5P
   Miniature Aluminum Electrolytic Cap ac i tors
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com