Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAVSS0006TR-3000 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAAVSS0006TR-3000
Description  3 Volt Voltage Variable Attenuator 25 dB, DC-2.5 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAVSS0006TR-3000 Datasheet(HTML) 3 Page - Tyco Electronics

  MAAVSS0006TR-3000 Datasheet HTML 1Page - Tyco Electronics MAAVSS0006TR-3000 Datasheet HTML 2Page - Tyco Electronics MAAVSS0006TR-3000 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3 Volt Voltage Variable Attenuator
25 dB, DC-2.5 GHz
MAAVSS0006
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
3
RoHS
Compliant
Typical Performance Curves
Insertion Loss vs. Frequency
Relative Attenuation vs. Control Voltage
Maximum Relative Attenuation vs. Frequency
Return Loss vs. Control Voltage @ 900 MHz
Input IP3 vs. Control Voltage
Input P1dB vs. Control Voltage
-25
-20
-15
-10
-5
0
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
Control Voltage (V)
S11
S22
0
5
10
15
20
25
30
35
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
Control Voltage (V)
50MHz
1.0GHz
2.5GHz
0
1
2
3
4
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
+25C
+85C
-40C
0
5
10
15
20
25
30
35
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
+25C
+85C
-40C
0
5
10
15
20
25
30
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
Control Voltage (V)
50MHz
500MHz
0
5
10
15
20
25
30
35
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
Control Voltage (V)
50MHz
500MHz


Similar Part No. - MAAVSS0006TR-3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAVSS0006TR-3000 MA-COM-MAAVSS0006TR-3000 Datasheet
103Kb / 3P
   3 Volt Voltage Variable Attenuator 25 dB, DC - 2.5 GHz
MAAVSS0006TR-3000 MA-COM-MAAVSS0006TR-3000 Datasheet
634Kb / 4P
   3 Volt Voltage Variable Attenuator
More results

Similar Description - MAAVSS0006TR-3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT-255 MA-COM-AT-255 Datasheet
73Kb / 3P
   3 Volt Voltage Variable Attenuator 25 dB, DC - 2.5 GHz
logo
Tyco Electronics
AT-255 MACOM-AT-255_1 Datasheet
180Kb / 3P
   3 Volt Voltage Variable Attenuator 25 dB, DC-2.5 GHz
logo
M/A-COM Technology Solu...
MAAVSS0006 MA-COM-MAAVSS0006 Datasheet
103Kb / 3P
   3 Volt Voltage Variable Attenuator 25 dB, DC - 2.5 GHz
logo
Tyco Electronics
AT-255 MACOM-AT-255 Datasheet
32Kb / 2P
   3Volt Voltage Variable Attenuator 25 dB, DC - 2.5 GHz
logo
M/A-COM Technology Solu...
AT-119 MA-COM-AT-119 Datasheet
108Kb / 5P
   2.25 Volt Voltage Variable Absorptive Attenuator 42 dB, 1.8 - 2.5 GHz
AT-113 MA-COM-AT-113 Datasheet
80Kb / 4P
   3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 2.0 GHz
logo
Tyco Electronics
AT-113 MACOM-AT-113 Datasheet
50Kb / 3P
   3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAV-008022 MA-COM-MAAV-008022 Datasheet
81Kb / 4P
   3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 2.0 GHz
logo
Tyco Electronics
MAAV-008022 MACOM-MAAV-008022 Datasheet
93Kb / 4P
   3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5-2.0 GHz
logo
Alpha Industries
AV104-12 ALPHA-AV104-12 Datasheet
29Kb / 3P
   GaAs IC 25 dB Voltage Variable Attenuator Single Positive Control 0.5-2.5 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com