Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAVSS0008 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAAVSS0008
Description  Voltage Variable Absorptive Attenuator 30 dB, 0.5-2.0 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAVSS0008 Datasheet(HTML) 1 Page - Tyco Electronics

  MAAVSS0008 Datasheet HTML 1Page - Tyco Electronics MAAVSS0008 Datasheet HTML 2Page - Tyco Electronics MAAVSS0008 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Voltage Variable Absorptive Attenuator
30 dB, 0.5-2.0 GHz
MAAVSS0008
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
1
RoHS
Compliant
Features
• Single Positive Voltage Control: 0 to +5 Volts
• 30 dB Voltage Variable Attenuation
• ± 2 dB Linearity from BSL
• Low DC Power Consumption
• Temperature Range: -40°C to +85°C
• Fast Switching Speed
• Lead-Free SOIC-8 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of AT-110-2
Description
M/A-COM’s MAAVSS0008 is a GaAs MMIC voltage
variable absorptive attenuator in a lead-free SOIC-8
surface mount plastic package. The MAAVSS0008
is ideally suited for use where linear attenuation fine
tuning and very low power consumption are
required.
Typical applications include radio, cellular, GPS
equipment and automatic gain/level control circuits.
The MAAVSS0008 is fabricated with a monolithic
GaAs MMIC using a mature 1-micron process. The
process features full chip passivation for increased
performance and reliability.
Functional Schematic 1,2,3
Pin Configuration
Pin No.
Function
Pin No.
Function
1
Ground
5
VC
2
Ground
6
Ground
3
RF Port
7
RF Port
4
VCC
8
Ground
1. VCC = +5 VDC ± 0.5 VDC @ 300 µA maximum.
2. VC = 0 VDC to +5 VDC @ 6.6 mA maximum.
3. External DC blocking capacitors are required on all RF ports.
Ordering Information
Part Number
Package
MAAVSS0008
Bulk Packaging
MAAVSS0008TR
1000 piece reel
Note: Reference Application Note M513 for reel size
information.
8
7
6
5
1
2
3
4
Absolute Maximum Ratings 4,5
Parameter
Absolute Maximum
Input Power
+21 dBm
Supply Voltage VCC
-1 V < VCC < +8 V
Control Voltage VC
-1 V < VC < VCC + 0.5 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. M/A-COM does not recommend sustained operation near
these survivability limits.
* Restrictions on Hazardous Substances, European Directive 2002/95/EC.


Similar Part No. - MAAVSS0008

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAVSS0008 MA-COM-MAAVSS0008 Datasheet
75Kb / 3P
   Voltage Variable Absorptive Attenuator 30 dB, 0.5 - 2.0 GHz
MAAVSS0008 MA-COM-MAAVSS0008 Datasheet
75Kb / 3P
   Voltage Variable Absorptive Attenuator
MAAVSS0008 MA-COM-MAAVSS0008 Datasheet
595Kb / 4P
   Voltage Variable Absorptive Attenuator
MAAVSS0008SMB MA-COM-MAAVSS0008SMB Datasheet
75Kb / 3P
   Voltage Variable Absorptive Attenuator 30 dB, 0.5 - 2.0 GHz
MAAVSS0008SMB MA-COM-MAAVSS0008SMB Datasheet
595Kb / 4P
   Voltage Variable Absorptive Attenuator
More results

Similar Description - MAAVSS0008

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAVSS0008 MA-COM-MAAVSS0008 Datasheet
75Kb / 3P
   Voltage Variable Absorptive Attenuator 30 dB, 0.5 - 2.0 GHz
AT-110 MA-COM-AT-110 Datasheet
105Kb / 3P
   Voltage Variable Absorptive Attenuator 30 dB, 0.5 - 2.0 GHz
AT-110-2 MA-COM-AT-110-2 Datasheet
75Kb / 3P
   Voltage Variable Absorptive Attenuator 30 dB, 0.5 - 2.0 GHz
AT-109 MA-COM-AT-109 Datasheet
83Kb / 3P
   Voltage Variable Absorptive Attenuator 35 dB, 0.5 - 2.0 GHz
logo
Tyco Electronics
AT-110 MACOM-AT-110 Datasheet
112Kb / 3P
   Voltage Variable Absorptive Attenuator, 30 dB 0.5 - 2 GHz
AT-113 MACOM-AT-113_1 Datasheet
180Kb / 4P
   Voltage Variable Absorptive Attenuator, 40dB 0.5 - 2.0 GHz
AT-110 MACOM-AT-110_1 Datasheet
173Kb / 3P
   Voltage Variable Absorptive Attenuator, 30dB 0.5 - 2.0 GHz
AT-109 MACOM-AT-109_1 Datasheet
186Kb / 3P
   Voltage Variable Absorptive Attenuator, 35dB 0.5 - 2.0 GHz
AT-110-2 MACOM-AT-110-2 Datasheet
174Kb / 3P
   Voltage Variable Absorptive Attenuator, 30dB 0.5 - 2.0 GHz
AT-113 MACOM-AT-113 Datasheet
50Kb / 3P
   3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 2.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com