Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRLF152M250V25X20F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRLF152M250V25X20F
Description  Large Can Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLF152M250V25X20F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRLF152M250V25X20F Datasheet HTML 1Page - NIC-Components Corp. NRLF152M250V25X20F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
148
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Large Can Aluminum Electrolytic Capacitors
NRLF Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
NRLF 152 M 50V 22X20 F
RoHS compliant
Case Size (mm)
Voltage Rating
Tolerance Code
Capacitance Code
Series
PART NUMBER SYSTEM
W.V.
Cap
(
µF)
Case
Size
ESR (
Ω @ 20°C)
Max. Ripple Current
(Arms@85°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
16
4,700
22x20
0.159
0.135
1.60
1.84
6,800
25x20
0.110
0.093
1.80
2.07
10,000
30x20
0.083
0.070
2.40
2.76
15,000
35x20
0.055
0.047
3.20
3.68
25
3,300
22x20
0.176
0.141
1.60
1.84
4,700
25.x20
0.123
0.099
1.80
2.07
6,800
30x20
0.078
0.062
2.30
2.65
10,000
35x20
0.061
0.049
2.70
3.11
35
2,200
22x20
0.181
0.136
1.40
1.61
3,300
25x20
0.121
0.090
1.70
1.96
4,700
30x20
0.088
0.066
2.00
2.30
6,800
35x20
0.071
0.053
2.40
2.76
50
1,500
22x20
0.254
0.191
1.20
1.38
2,200
25x20
0.173
0.130
1.40
1.612
3,300
30x20
0.116
0.087
1.70
1.96
4,700
35x20
0.081
0.061
2.10
2.42
63
1,000
22x20
0.381
0.286
1.20
1.38
1,500
25x20
0.254
0.191
1.30
1.50
2,200
30x20
0.173
0.130
1.50
1.96
3,300
35x20
0.126
0.094
1.70
1.96
80
680
22x20
0.439
0.329
1.00
1.15
1,000
25x20
0.298
0.244
1.20
1.38
1,500
30x20
0.199
0.149
1.40
1.61
2,200
35x20
0.136
0.102
1.70
1.96
100
470
22x20
0.529
0.344
1.00
1.15
680
25x20
0.366
0.238
1.10
1.27
1,000
30x20
0.249
0.162
1.20
1.38
1,500
35x20
0.177
0.115
1.50
1.73
160
220
22x20
0.980
0.490
0.75
1.05
270
25x20
0.798
0.399
0.87
1.22
390
30x20
0.595
0.298
1.10
1.54
560
35x20
0.414
0.207
1.30
1.82
200
150
22x20
1.326
0.597
0.65
0.91
220
25x20
0.904
0.407
0.87
1.22
330
30x20
0.653
0.294
1.00
1.40
470
35x20
0.459
0.206
1.30
1.82
250
120
22x20
1.658
0.663
0.45
0.63
150
25x20
1.326
0.531
0.65
0.91
220
30x20
0.754
0.301
0.87
1.22
330
35x20
0.553
0.221
1.10
1.54
400
47
22x20
3.527
1.235
0.25
0.35
68
25x20
2.926
1.024
0.35
0.49
100
30x20
1.989
0.696
0.47
0.66
150
35x20
1.326
0.464
0.60
0.84
450
33
22x20
6.028
2.411
0.20
0.28
47
25x20
4.233
1.693
0.29
0.41
68
30x20
2.926
1.17
0.38
0.53
100
35x20
1.989
0.796
0.52
0.73


Similar Part No. - NRLF152M250V25X20F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLF152M100V35X20F NIC-NRLF152M100V35X20F Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLF152M50V22X20F NIC-NRLF152M50V22X20F Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLF152M63V25X20F NIC-NRLF152M63V25X20F Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLF152M80V30X20F NIC-NRLF152M80V30X20F Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLF152M250V25X20F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com